Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

GPDW5V015R Datasheet(PDF) 1 Page - Galaxy Power, Inc.

Part No. GPDW5V015R
Description  DORADO 24V or 48V Input, 1.5V, 1.8V, 2.0V, 2.5V, 3.3V DC, 20A Output or 5.0V DC, 15A Output
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  GALAXY [Galaxy Power, Inc.]
Homepage  http://www.galaxypwr.com
Logo 

GPDW5V015R Datasheet(HTML) 1 Page - Galaxy Power, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Dorado, Page 1
Part No. 01-002 Rev. 1.0–110802
PRODUCT PREVIEW
Industry's Lowest Cost High-efficiency
DC/DC Converter
Industry Standard Quarter Brick Pinout and
Footprint
Typical Efficiency: 83% at 3.3V, 15A
Low Profile
Very Low Common-mode Noise for a
Commercial DC/DC Converter
Constant Switching Frequency
Remote Sense
Uses Innovative Control and Power Topology
for Lower Parts Count
Single Board Design
Optional Low Profile Heatsink for Improved
Thermal Performance
Header with M3 Metal Inserts for Mechanical
Connection to PCB
Two Year Warranty
DORADO
Control Functions
Microprocessor Controlled
Primary-side Enable, Choice of Logic
Protection Features
Over Temperature Protection
Over Voltage Protection
Over Current Protection
Over/Under Input Voltage Protection
Typical Characteristics
Output Setpoint Accuracy:
±1%
Load Regulation:
±0.2%
Line Regulation:
±0.2%
Regulation over Line, Load, and Temperature:
±2%
Low Output Ripple
Industry Standard Output Trim
The Dorado is available with an optional low profile
heatsink for improved thermal performance.
24V or 48V Input, 1.5V, 1.8V, 2.0V, 2.5V, 3.3V DC,
20A Output or 5.0V DC, 15A Output


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn