Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

GHPW5V020 Datasheet(PDF) 6 Page - Galaxy Power, Inc.

Part No. GHPW5V020
Description  Very High Efficiency DC/DC Converter 24/48V Input, 1.5V, 1.8V, 2.0V, 2.5V, 3.3V DC, 30A Output or 5.0V DC, 20A Output
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  GALAXY [Galaxy Power, Inc.]
Homepage  http://www.galaxypwr.com
Logo 

GHPW5V020 Datasheet(HTML) 6 Page - Galaxy Power, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Pisces Series, Page 6
WWW.GALAXYPWR.COM
Part No. 99-002 Rev. 4.0–093003
BOTTOM VIEW
A
A
A
MOUNTING INSERT
CONNECTED TO CASE PIN
MOUNTING INSERT
M3 X 0.5 4 PLACES
0.070
2.000
PIN TO PIN
.210
.210
1.45
2.28
1.030
0.815
PIN 1
0.515
PIN 2
0.215
PIN 3
0
PIN 4
1.030
PIN 8
0.815
PIN 7
PIN 6
0.515
PIN 5
0.365
0
0.50
(opt. L = 0.465)
0.50
0.010 ±0.008
0.20
0
SIDE VIEW
PACKAGE DETAIL
Notes:
1. Mechanical tolerances
x.xxx in. =
±0.005 in.
x.xx in. =
±0.01 in.
2. Pin material: brass with tin/lead plating over nickel
3. Workmanship: Meets or exceeds IPC-A-610B Class II
4. "A" = 0.040" dia pins
5. "B" = 0.060" dia pins
Pin Configuration — Bottom View
Pin
Function
Pin Dia. (in.)
1– Input
0.040
2
On/Off
0.040
3+ Input
0.040
4+ Output
0.060
5+ Sense
0.040
6Trim
0.040
7– Sense
0.040
8– Output
0.060


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn