Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELM634 Datasheet(PDF) 7 Page - ELM Electronics

Part # ELM634
Description  9600bps miniLIN Monitor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM634 Datasheet(HTML) 7 Page - ELM Electronics

Back Button ELM634 Datasheet HTML 3Page - ELM Electronics ELM634 Datasheet HTML 4Page - ELM Electronics ELM634 Datasheet HTML 5Page - ELM Electronics ELM634 Datasheet HTML 6Page - ELM Electronics ELM634 Datasheet HTML 7Page - ELM Electronics ELM634 Datasheet HTML 8Page - ELM Electronics ELM634 Datasheet HTML 9Page - ELM Electronics ELM634 Datasheet HTML 10Page - ELM Electronics ELM634 Datasheet HTML 11Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7 of 11
ELM634
ELM634DSB
Elm Electronics – Circuits for the Hobbyist
< http://www.elmelectronics.com/ >
Monitoring the LIN Bus
Data bytes that appear on the LIN bus can
assume values from 0 to 255. These cannot be
displayed using a PC terminal program, however,
since
many
of
these
values
are
not
printable
characters. In order to make them readable, the
ELM634
re-formats
every
byte
as
a
pair
of
hexadecimal digits, using standard ASCII characters.
A typical request made of the ELM634 would appear
as:
>AT MA
49: 6C 8F 04
The AT MA is the user’s request to ‘monitor all’,
while the 49: 6C 8F 04 is what the ELM634 found on
the LIN bus. Note that the initial Synch Byte is always
received, but is never displayed (it is always 55).
The identifier byte (49 in this example) always
appears first, and is separated from the data bytes by
a colon character (“:”), while the pairs of hexadecimal
digits following represent the data bytes that were
received. The final pair of digits on each line is the
checksum byte (04 in this case).
Should the checksum byte not match the value
calculated internally by the ELM634, the error will be
flagged by printing a single question mark at the end of
the line. For an example, if the slave driver in the
above case was weak, allowing an extra ‘1’ to appear
in the first data byte of this example, the output might
typically look like:
>AT MA
49: 6C 8F 04
49: 7C 8F 04?
The question mark at the end of the second
response line alerts you to the fact that an error is
present, but the position of the error cannot be
determined from this information – you will only be
able to say that it is somewhere in the response.
Another type of error that could occur is when a slave
fails to respond to the master. In this case, you would
typically see only the identifier, followed by a single
question mark:
>AT MA
49:
The question mark gets printed in this case
because 49 is not a valid checksum byte (all bytes
must add up to FF).
Often, this would be followed by a timeout so the
output could appear as:
>AT MA
49:
[T]
As you experiment, you will likely find that
timeouts are a very common occurence. They simply
mean that there has been no activity for some time,
often due to the system going into a low-power sleep
mode. Error messages are described further in the
next section.
This data is typical of what might be experienced
in many systems. The current version of the LIN
standard (2.0) allows for the possibility of an arbitrary
number of data bytes however, so while the ELM634
has no limitations on what it can display, the user
should be prepared for this possibility. This could
involve
simply
allocating
enough
buffer
space,
processing the data faster than it arrives, or by simply
ignoring lines that are longer than a predetermined
length.
The ELM634 also supports one other type of
monitoring command, which is useful when you know
the specific responses that you wish to view. It is the
AT MR command, which requests that only specific
responses to ID bytes be displayed, while ignoring all
others. For instance, a ‘monitor all’ command might
have resulted in:
>AT MA
D3: C0 00 3F
49: 6C 8F 04
92: D4 00 2B
D3: C0 00 3F
.
.
.
Only a portion of the data stream is shown, as it
can typically be quite lengthy. However, if the user was
only interested in responses that began with 92 for
instance, they need only issue an AT MR 92 command
to filter the information for them. The above would
have looked like:
>AT MR 92
92: D4 00 2B
This command is often helpful when trying to
diagnose a particular problem.


Similar Part No. - ELM634

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM630 ELM-ELM630 Datasheet
80Kb / 12P
   LIN Monitor
logo
ELM Technology Corporat...
ELM630BA ELM-TECH-ELM630BA Datasheet
769Kb / 7P
   1.5A 5.5V 2.5MHz Synchronous step down DC/DC converter
logo
ELM Electronics
ELM630P ELM-ELM630P Datasheet
80Kb / 12P
   LIN Monitor
ELM630SM ELM-ELM630SM Datasheet
80Kb / 12P
   LIN Monitor
ELM633 ELM-ELM633 Datasheet
81Kb / 11P
   19200bps miniLIN Monitor
More results

Similar Description - ELM634

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM633 ELM-ELM633 Datasheet
81Kb / 11P
   19200bps miniLIN Monitor
logo
List of Unclassifed Man...
R96MFX ETC2-R96MFX Datasheet
1Mb / 23P
   9600BPS MONOFAX MODEM
logo
STMicroelectronics
TEA7531 STMICROELECTRONICS-TEA7531 Datasheet
296Kb / 17P
   MONITOR AMPLIFIER
logo
Texas Instruments
UC3730N TI-UC3730N Datasheet
261Kb / 6P
[Old version datasheet]   Thermal Monitor
logo
STMicroelectronics
TEA7530 STMICROELECTRONICS-TEA7530 Datasheet
118Kb / 11P
   MONITOR AMPLIFIER
TEA7532 STMICROELECTRONICS-TEA7532 Datasheet
201Kb / 16P
   MONITOR AMPLIFIER
logo
Extech Instruments Corp...
PM120 EXTECH-PM120 Datasheet
232Kb / 1P
   Power Monitor
Rev. 10/17/17
logo
Samsung semiconductor
770TFT SAMSUNG-770TFT Datasheet
1Mb / 43P
   Color Monitor
September 1999
logo
Assmann Electronics Inc...
AK514-18-R ASSMANN-AK514-18-R Datasheet
242Kb / 1P
   MONITOR CABLE
logo
Microchip Technology
TC1232 MICROCHIP-TC1232_14 Datasheet
583Kb / 24P
   Microprocessor Monitor
10/28/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com