Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM2867F29 Datasheet(PDF) 3 Page - New Japan Radio

Part # NJM2867F29
Description  LOW DROPOUT VOLTAGE REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2867F29 Datasheet(HTML) 3 Page - New Japan Radio

  NJM2867F29 Datasheet HTML 1Page - New Japan Radio NJM2867F29 Datasheet HTML 2Page - New Japan Radio NJM2867F29 Datasheet HTML 3Page - New Japan Radio NJM2867F29 Datasheet HTML 4Page - New Japan Radio NJM2867F29 Datasheet HTML 5Page - New Japan Radio NJM2867F29 Datasheet HTML 6Page - New Japan Radio NJM2867F29 Datasheet HTML 7Page - New Japan Radio NJM2867F29 Datasheet HTML 8Page - New Japan Radio NJM2867F29 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
NJM2867/68
- 3 -
Ver.2004-12-22
ELECTRICAL CHARACTERISTICS
(VIN=Vo+1V, CIN=0.1
µF, Co=0.1µF(2.3V<Vo≤2.8V : Co=0.22µF, Vo≤2.3V:Co=0.47µF), Ta=25°C)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Output Voltage
Vo
Io=30mA
-1.0%
+1.0%
V
Quiescent Current
IQ
Io=0mA, expect Icont
120
180
µA
Quiescent Current
at Control OFF
IQ(OFF)
VCONT=0V
100
nA
Output Current
Io
Vo-0.3V
100
130
mA
Line Regulation
∆Vo/∆VIN VIN=Vo+1V ∼ Vo+6V, Io=30mA
0.10
%/V
Load Regulation
∆Vo/∆Io
Io=0
∼ 60mA
0.03
%/mA
Dropout Voltage
∆VI−O
Io=60mA
0.10
0.18
V
Ripple Rejection
RR
ein=200mVrms,f=1kHz, Io=10mA,
Vo=3V Version
75
dB
Average Temperature
Coefficient of Output
Voltage
∆Vo/∆Ta Ta=0 ∼ 85°C, Io=10mA
± 50
ppm/
°C
Output Noise Voltage
VNO
f=10Hz
∼ 80kHz, Io=10mA,
Vo=3V Version
40
µVrms
Control Voltage for
ON-state
VCONT(ON)
1.6
V
Control Voltage for
OFF-state
VCONT(OFF)
0.6
V
The above specification is a common specification for all output voltages.
Therefore, it may be different from the individual specification for a specific output voltage.
TEST CIRCUIT
NJM2867/68
VIN
VIN
VOUT
CONTROL
GND
0.1
µF
IIN
ICONT
VCONT
IOUT
VOUT
V
V
A
A
(ceramic)
0.1
µF *4
*4 2.3V<Vo
≤2.8V version: Co=0.22µF(ceramic)
Vo
≤2.3V version: 0.47µF(ceramic)


Similar Part No. - NJM2867F29

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2860 NJRC-NJM2860 Datasheet
168Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2860F3 NJRC-NJM2860F3 Datasheet
168Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2860F3-33-TE1 NJRC-NJM2860F3-33-TE1 Datasheet
290Kb / 16P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2861 NJRC-NJM2861 Datasheet
47Kb / 4P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2861F03 NJRC-NJM2861F03 Datasheet
47Kb / 4P
   LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - NJM2867F29

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com