Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TDS5000B Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part No. TDS5000B
Description  Digital Phosphor Oscilloscopes
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

TDS5000B Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

 
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Oscilloscopes • www.tektronix.com/tds5000b
5
Digital Phosphor Oscilloscopes
TDS5000B Series
The iViewWizard simplifies this integra-
tion of the oscilloscope and logic analyzer
by guiding the user through set up and
connection. No user calibration is
required. And, once set up, the iView
feature is completely automated. The
result – an integrated tool set for digital
design and troubleshooting.
Power Measurements
The TDS5000B Series’ powerful and flex-
ible measurements, math, and math-on-
math capabilities make it an ideal solution
for making power measurements, such
as voltage, current, instantaneous power
and energy for power device designers.
Communications Mask Testing
Option SM provides a complete portfolio
of masks for verifying compliance to serial
communications standards. Masks are
provided for electrical standards up to
555 Mb/s and optical standards up to
1.25 Gb/s. Easily tailor mask testing to
your specific requirements using features
such as one-button mask autoset, autofit,
user adjustable mask margin tolerance,
hit counting, failure notifications and built-
in mask editing.
Video Design
Tektronix exclusive DPX® acquisition tech-
nology sets the TDS5000B Series apart
from other digital oscilloscopes, enabling
the capture of up to 100,000 waveforms
per seconds for a live, analog-like display.
The TDS5000B Series also supports
a wide variety of video standards with
dedicated triggers including NTSC, PAL,
SECAM and analog HDTV. In addition,
IRE and mV graticules can be selected
for easier measurements and visual
inspection. All of this together makes
the TDS5000B Series an ideal tool for
video design and development.
Power Measurements. Channel 1 (yellow,
labeled Voltage) shows the turn-off voltage
on the FET of a switching power supply,
with current on Channel 2 (blue, labeled
Current). The Math 1 waveform, M1 (orange,
labeled Power), is the instantaneous power
resulting from the multiplication of the
voltage and current waveforms (Ch. 1 *
Ch. 2). The Math 2 waveform, M2 (purple,
labeled Energy), is the result of a calculation
of the integral of M1, a math-on-math
operation of the TDS5000B Series. An
energy measurement, located to the right
of the display, is a gated measurement
made on M1 and includes statistics.
Communication Mask Testing. Testing
an E1 signal against the mask specified
by the standard.
Video Design. Illustration of triggering on
an analog HDTV tri-level sync signal and
examining horizontal blanking interval.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDS7000BDigital Phosphor Oscilloscopes 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TDS3012BDIGITAL PHOSPHOR OSCILLOSCOPES 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TDS1012Digital Storage Oscilloscopes 1 2 3 4 5 MoreList of Unclassifed Manufacturers
M57716L360-380MHz 12.5V 13W DIGITAL MOBILE RADIO 1 2 Mitsubishi Electric Semiconductor
M65821FPCD PLAYER DIGITAL SIGNAL PROCESSOR 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M68749380-400MHz 12.5V 5W DIGITAL MOBILE RADIO 1 2 Mitsubishi Electric Semiconductor
MF1053S-1FOR DIGITAL MOBILE TELEPHONE Rx 1 Mitsubishi Electric Semiconductor
MCS38140PG05CGPS Digital Correlator 1 2 3 4 5 MoreMotorola, Inc
UPC8130TA-15 dBm INPUT VARIABLE GAIN AMPLIFIER SILICON MMIC FOR TRANSMITTER AGC OF DIGITAL CELLULAR TELEPHONE 1 2 3 4 5 MoreNEC
UPD77018A16 bits Fixed-point Digital Signal Processor 1 2 3 4 5 MoreNEC

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn