Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TDS5000B Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. TDS5000B
Description  Digital Phosphor Oscilloscopes
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

TDS5000B Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

 
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Digital Phosphor Oscilloscopes
TDS5000B Series
Oscilloscopes • www.tektronix.com/tds5000b
2
Right Clicks
The TDS5000B also introduces a
comprehensive suite of right mouse click
menus that make simple things as they
should be – simple. Right click menus are
context sensitive, meaning the choices
presented in the menu depend on where
you right clicked the mouse. This makes
right click menus extremely intuitive. Want
to change the cursor type? Right click on
a cursor or the cursor readouts. Want to
change the reference levels of an auto-
matic measurement? Right click on the
measurement. Want to change trigger
parameters? Right click on the trigger
readouts. Want to change a waveform’s
color? Right click on the waveform handle.
Virtually all objects on the oscilloscope
display have right click menus associated
with them that include all the appropriate
actions or features relative to those
objects. There are also right click menus
for regions of the display in addition to just
objects. For example, right clicking in the
main graticule brings up a menu with
choices such as Clear Data, Default
Setup, Autoset, Screen Captures, Save
All Waveforms, and Add Screen Text,
providing single click access to many of
your most commonly performed tasks.
The customization and efficiency provided
by MyScope control windows and right
click menus make the TDS5000B Series
the world’s easiest to use midrange oscil-
loscope, enabling you to achieve levels of
productivity you wouldn’t have thought
possible with your current oscilloscope.
The Performance and Feature
Set You Expect
Performance
The TDS5000B Series digital phosphor
oscilloscopes (DPO) deliver up to 1 GHz
bandwidth, 5 GS/s real-time sample rate,
16 M record length, and a suite of advanced
triggers, enabling you to capture and charac-
terize even your most demanding signals.
DPOs provide unmatched insight into
signal behavior by displaying, storing
and analyzing complex signals in real-time
using three dimensions of signal information:
amplitude, time and distribution of amplitude
over time. The TDS5000B Series DPO,
enabled by Tektronix proprietary DPX®
acquisition technology, delivers greater
than 100,000 waveforms per second
capture rates. Some oscilloscope
vendors claim high waveform capture
rates for short bursts of time, but only
DPOs, enabled by DPX technology, can
deliver these fast waveform capture rates
on a sustained basis – saving minutes,
hours or even days by quickly revealing
the nature of faults so sophisticated trigger
modes can be applied to isolate them.
MyScope. MyScope control windows are
created using a simple, visual drag and
drop process.
MyScope. Once created, they are just like
other control windows in the instrument
and are easily accessed from either the
menu or button bars.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDS7000BDigital Phosphor Oscilloscopes 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TDS3012BDIGITAL PHOSPHOR OSCILLOSCOPES 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TDS1012Digital Storage Oscilloscopes 1 2 3 4 5 MoreList of Unclassifed Manufacturers
M57716L360-380MHz 12.5V 13W DIGITAL MOBILE RADIO 1 2 Mitsubishi Electric Semiconductor
M65821FPCD PLAYER DIGITAL SIGNAL PROCESSOR 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M68749380-400MHz 12.5V 5W DIGITAL MOBILE RADIO 1 2 Mitsubishi Electric Semiconductor
MF1053S-1FOR DIGITAL MOBILE TELEPHONE Rx 1 Mitsubishi Electric Semiconductor
MCS38140PG05CGPS Digital Correlator 1 2 3 4 5 MoreMotorola, Inc
UPC8130TA-15 dBm INPUT VARIABLE GAIN AMPLIFIER SILICON MMIC FOR TRANSMITTER AGC OF DIGITAL CELLULAR TELEPHONE 1 2 3 4 5 MoreNEC
UPD77018A16 bits Fixed-point Digital Signal Processor 1 2 3 4 5 MoreNEC

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn