Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPE-4841-333NA Datasheet(PDF) 2 Page - Vishay Siliconix

Part # LPE-4841-333NA
Description  Surface Mount Transformers/Inductors, Gapped and Ungapped, Custom Configurations Available
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LPE-4841-333NA Datasheet(HTML) 2 Page - Vishay Siliconix

  LPE-4841-333NA Datasheet HTML 1Page - Vishay Siliconix LPE-4841-333NA Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.vishay.com
103
LPE-4841
Vishay Dale
Document Number: 34064
Revision 28-Aug-02
For technical questions, contact Magnetics@vishay.com
PART MARKING
— Vishay Dale
— Date code
— Marking code (Suffix of model #)
— Pin 1 indicator
SCHEMATICS (TOP VIEW)
Schematic E
Schematic D
Schematic C
Schematic B
Schematic A
NOTE: Schematic A is for Ungapped LPE Series.
5
6
7
8
4
3
2
1
5
6
7
8
4
3
2
1
4
3
2
1
5
6
7
8
5
6
7
8
4
3
2
1
5
6
7
8
4
3
2
1
TEST
Thermal Cycling
Operating Temperature
High Humidity
Soldering Heat
Mechanical Shock
Vibration
Solderability
ENVIRONMENTAL PERFORMANCE
CONDITIONS
Withstands - 55
°C to + 125°C
- 55
°C to + 125°C*
85%
Tested to + 230
°C
Per MIL-STD-202, Method 213 (100g)
Per MIL-STD-202, Method 204 (20g)
Per industry standards
TAPE SPECIFICATIONS:
Carrier Tape Type: Conductive.
Cover Tape Type: Anti-static.
Cover Tape Adhesion to Carrier: 40
± 30 grams.
REEL SPECIFICATIONS:
Diameter (flange): 13" [330.2mm].
Maximum Width (over flanges): 1.197" [30.4mm].
STANDARDS: All embossed carrier tape packaging will be
accomplished in compliance with latest revision of EIA-481
“Taping of Surface Mount Components for Automatic Placement”.
MODEL
LPE-4841
TAPE
WIDTH
24mm
COMPONENT
PITCH
16mm
UNITS PER
13 INCH REEL
600
Tape and Reel Orientation
PACKAGING
NOTE: Top view shown with cover tape removed.
Label Area
Embossed
Cavity
Cover Tape
Carrier Tape
USER DIRECTION OF FEED
Pin 1
Indicator
*Must be checked in end use application
Surface Mount Transformers/Inductors,
Gapped and Ungapped, Custom Configurations Available


Similar Part No. - LPE-4841-333NA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LPE-4841 VISHAY-LPE-4841 Datasheet
108Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped Custom Configurations Available
Revision: 17-Apr-07
LPE-4841 VISHAY-LPE-4841 Datasheet
244Kb / 2P
   SMD Magnetics Packaging Methods
Revision: 15-Jan-14
LPE-4841 VISHAY-LPE-4841 Datasheet
119Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped, Custom Configurations Available
Revision: 24-Feb-11
LPE-4841 VISHAY-LPE-4841 Datasheet
100Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped, Custom Configurations Available
01-Jan-2022
LPE-4841 VISHAY-LPE-4841_07 Datasheet
108Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped Custom Configurations Available
Revision: 17-Apr-07
More results

Similar Description - LPE-4841-333NA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LPE-6855 VISHAY-LPE-6855_17 Datasheet
104Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped, Custom Configurations Available
Revision: 10-Oct-08
LPE-5047 VISHAY-LPE-5047_08 Datasheet
107Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped Custom Configurations Available
Revision: 10-Oct-08
LPE3325 VISHAY-LPE3325_11 Datasheet
99Kb / 3P
   Surface Mount Transformers/Inductors,Gapped and Ungapped, Custom Configurations Available
Revision: 24-Feb-11
LPE6855 VISHAY-LPE6855_12 Datasheet
102Kb / 3P
   Surface Mount Transformers/Inductors,Gapped and Ungapped, Custom Configurations Available
Revision: 10-Oct-08
LPE-5047 VISHAY-LPE-5047_V01 Datasheet
88Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped Custom Configurations Available
01-Jan-2022
LPE-6855 VISHAY-LPE-6855_V01 Datasheet
86Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped, Custom Configurations Available
01-Jan-2022
LPE-3325 VISHAY-LPE-3325 Datasheet
67Kb / 2P
   Surface Mount Transformers/Inductors Gapped and Ungapped, Custom Configurations Available
10-Oct-08
LPE-4841 VISHAY-LPE-4841_07 Datasheet
108Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped Custom Configurations Available
Revision: 17-Apr-07
LPE-6855 VISHAY-LPE-6855 Datasheet
110Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped, Custom Configurations Available
Revision: 10-Oct-08
LPE-4841 VISHAY-LPE-4841_V01 Datasheet
100Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped, Custom Configurations Available
01-Jan-2022
LPE-6562 VISHAY-LPE-6562_V01 Datasheet
102Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped, Custom Configurations Available
01-Jan-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com