Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BT139-600 Datasheet(PDF) 4 Page - SemiWell Semiconductor

Part No. BT139-600
Description  Bi-Directional Triode Thyristor
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SEMIWELL [SemiWell Semiconductor]
Homepage  http://www.semiwellsemi.co.kr
Logo 

BT139-600 Datasheet(HTML) 4 Page - SemiWell Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
-50
0
50
100
150
0.1
1
10
I
_
GT3
I
+
GT1
I
_
GT1
Junction Temperature [
oC]
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
10
0
10
1
Time (sec)
4/5
Fig 8. Transient Thermal Impedance
Fig 7. Gate Trigger Current vs.
Junction Temperature
BT139-600
Fig 9. Gate Trigger Characteristics Test Circuit
▼▲
A
V
10Ω
6V
RG
▼▲
A
V
10Ω
6V
RG
▼▲
A
V
10Ω
6V
RG
Test Procedure Ⅰ
Test Procedure Ⅱ
Test Procedure Ⅲ


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
STP6A60Bi-Directional Triode Thyristor 1 2 3 4 5 SemiWell Semiconductor
STF16A60Bi-Directional Triode Thyristor 1 2 3 4 5 MoreList of Unclassifed Manufacturers
FKPF5N80Bi-Directional Triode Thyristor Planar Silicon 1 2 3 4 5 MoreFairchild Semiconductor
STF4A60Bi-Directional Triode Thyristor 1 2 3 4 5 MoreList of Unclassifed Manufacturers
STR4A60Bi-Directional Triode Thyristor 1 2 3 4 5 MoreSemiWell Semiconductor
STP16A60Bi-Directional Triode Thyristor 1 2 3 4 5 List of Unclassifed Manufacturers
BT134-DBi-Directional Triode Thyristor 1 2 3 4 5 MoreSemiWell Semiconductor
STW25A60Bi-Directional Triode Thyristor 1 2 3 4 5 SemiWell Semiconductor
STP12A60Bi-Directional Triode Thyristor 1 2 3 4 5 List of Unclassifed Manufacturers
BT134FBi-Directional Triode Thyristor 1 2 3 4 5 MoreSemiWell Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn