Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BT138F-600 Datasheet(PDF) 2 Page - SemiWell Semiconductor

Part No. BT138F-600
Description  Bi-Directional Triode Thyristor
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SEMIWELL [SemiWell Semiconductor]
Homepage  http://www.semiwellsemi.co.kr
Logo 

BT138F-600 Datasheet(HTML) 2 Page - SemiWell Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical Characteristics
Symbol
Items
Conditions
Ratings
Unit
Min.
Typ.
Max.
IDRM
Repetitive Peak Off-State
Current
VD = VDRM, Single Phase, Half Wave
TJ = 125 °C
──
2.0
mA
VTM
Peak On-State Voltage
IT = 15 A, Inst. Measurement
1.65
V
I+GT1
Gate Trigger Current
VD = 6 V, RL=10 Ω
──
25
mA
I -GT1
──
25
I -GT3
──
25
V+GT1
Gate Trigger Voltage
VD = 6 V, RL=10 Ω
──
1.5
V
V-GT1
──
1.5
V-GT3
──
1.5
VGD
Non-Trigger Gate Voltage
TJ = 125 °C, VD = 1/2 VDRM
0.2
──
V
(dv/dt)c
Critical Rate of Rise Off-State
Voltage at Commutation
TJ = 125 °C, [di/dt]c = -4.0 A/ms,
VD=2/3 VDRM
10
──
V/㎲
IH
Holding Current
15
mA
Rth(j-c)
Thermal Impedance
Junction to case
──
3.7
°C/W
BT138F-600
2/6


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
STP6A60Bi-Directional Triode Thyristor 1 2 3 4 5 SemiWell Semiconductor
STF16A60Bi-Directional Triode Thyristor 1 2 3 4 5 MoreList of Unclassifed Manufacturers
FKPF5N80Bi-Directional Triode Thyristor Planar Silicon 1 2 3 4 5 MoreFairchild Semiconductor
STF4A60Bi-Directional Triode Thyristor 1 2 3 4 5 MoreList of Unclassifed Manufacturers
STR4A60Bi-Directional Triode Thyristor 1 2 3 4 5 MoreSemiWell Semiconductor
STP16A60Bi-Directional Triode Thyristor 1 2 3 4 5 List of Unclassifed Manufacturers
BT134-DBi-Directional Triode Thyristor 1 2 3 4 5 MoreSemiWell Semiconductor
STW25A60Bi-Directional Triode Thyristor 1 2 3 4 5 SemiWell Semiconductor
STP12A60Bi-Directional Triode Thyristor 1 2 3 4 5 List of Unclassifed Manufacturers
BT134FBi-Directional Triode Thyristor 1 2 3 4 5 MoreSemiWell Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn