Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BT138F-600 Datasheet(PDF) 3 Page - SemiWell Semiconductor

Part No. BT138F-600
Description  Bi-Directional Triode Thyristor
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SEMIWELL [SemiWell Semiconductor]
Homepage  http://www.semiwellsemi.co.kr
Logo 

BT138F-600 Datasheet(HTML) 3 Page - SemiWell Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
-50
0
50
100
150
0.1
1
10
Junction Temperature [
oC]
10
0
10
1
10
2
0
20
40
60
80
100
120
60Hz
50Hz
Time (cycles)
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
50
60
70
80
90
100
110
120
130
θ = 90
o
θ = 150
o
θ = 60
o
θ = 30
o
θ = 180
o
θ = 120
o
RMS On-State Current [A]
036
9
12
15
0
2
4
6
8
10
12
14
16
18
20
θ = 90
o
θ = 150
o
θ = 60
o
θ = 30
o
θ = 180
o
θ = 120
o
RMS On-State Current [A]
0.5
1.0
1.5
2.0
2.5
3.0
3.5
10
0
10
1
10
2
T
J = 125
oC
T
J = 25
oC
On-State Voltage [V]
10
1
10
2
10
3
10
-1
10
0
10
1
V
GD (0.2V)
25
P
G(AV) (0.5W)
P
GM (5W)
V
GM (10V)
Gate Current [mA]
3/6
Fig 1. Gate Characteristics
Fig 2. On-State Voltage
Fig 3. On State Current vs.
Maximum Power Dissipation
Fig 4. On State Current vs.
Allowable Case Temperature
Fig 5. Surge On-State Current Rating
( Non-Repetitive )
Fig 6. Gate Trigger Voltage vs.
Junction Temperature
θ
θ
2
π
360°
π
θ : Conduction Angle
θ
θ
2
π
360°
π
θ : Conduction Angle
BT138F-600


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
STP6A60Bi-Directional Triode Thyristor 1 2 3 4 5 SemiWell Semiconductor
STF16A60Bi-Directional Triode Thyristor 1 2 3 4 5 MoreList of Unclassifed Manufacturers
FKPF5N80Bi-Directional Triode Thyristor Planar Silicon 1 2 3 4 5 MoreFairchild Semiconductor
STF4A60Bi-Directional Triode Thyristor 1 2 3 4 5 MoreList of Unclassifed Manufacturers
STR4A60Bi-Directional Triode Thyristor 1 2 3 4 5 MoreSemiWell Semiconductor
STP16A60Bi-Directional Triode Thyristor 1 2 3 4 5 List of Unclassifed Manufacturers
BT134-DBi-Directional Triode Thyristor 1 2 3 4 5 MoreSemiWell Semiconductor
STW25A60Bi-Directional Triode Thyristor 1 2 3 4 5 SemiWell Semiconductor
STP12A60Bi-Directional Triode Thyristor 1 2 3 4 5 List of Unclassifed Manufacturers
BT134FBi-Directional Triode Thyristor 1 2 3 4 5 MoreSemiWell Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn