Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5290EVAL Datasheet(PDF) 5 Page - Analog Devices

Part # AD5290EVAL
Description  Compact 30V/짹15V 256-Position Digital Potentiometer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5290EVAL Datasheet(HTML) 5 Page - Analog Devices

  AD5290EVAL Datasheet HTML 1Page - Analog Devices AD5290EVAL Datasheet HTML 2Page - Analog Devices AD5290EVAL Datasheet HTML 3Page - Analog Devices AD5290EVAL Datasheet HTML 4Page - Analog Devices AD5290EVAL Datasheet HTML 5Page - Analog Devices AD5290EVAL Datasheet HTML 6Page - Analog Devices AD5290EVAL Datasheet HTML 7Page - Analog Devices AD5290EVAL Datasheet HTML 8Page - Analog Devices AD5290EVAL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Preliminary Technical Data
AD5290
Rev. Pr C | Page 5 of 11
ABSOLUTE MAXIMUM RATINGS1
(TA = +25°C, unless otherwise noted.)
Table 3.
Parameter
Value
VDD to VSS
–0.3 V to +33 V
VDD to GND
–0.3 V to +33 V
VSS to GND
+0.3 V to –16.5 V
VA, VB, VW to GND
VSS , VDD
Maximum Current
IWB, IWA Pulsed
IWB Continuous (RWB ≤ 1 kΩ, A open)1
IWA Continuous (RWA ≤ 1 kΩ, B open)1
±20 mA
±5 mA
±5 mA
Digital Inputs Voltage to GND
VDD + 0.3 V
Digital Output Voltage to GND
0 V, +30 V
Operating Temperature Range
–40°C to +105°C
Maximum Junction Temperature (TJMAX)
150°C
Storage Temperature
–65°C to +150°C
Lead Temperature (Soldering, 10 – 30 sec)
245°C
Thermal Resistance2 θJA: MSOP-10
230°C/W
NOTES
1 Maximum terminal current is bounded by the maximum current handling
of the switches, maximum power dissipation of the package, and maximum
applied voltage across any two of the A, B, and W terminals at a given
resistance.
2 Package power dissipation = (TJMAX – TA)/θJA.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or
any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods
may affect device reliability.


Similar Part No. - AD5290EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5290YRMZ10 AD-AD5290YRMZ10 Datasheet
500Kb / 20P
   Compact 30 V / 15,-15 V 256-Position Digital Potentiometer
REV. C
AD5290YRMZ10-R7 AD-AD5290YRMZ10-R7 Datasheet
500Kb / 20P
   Compact 30 V / 15,-15 V 256-Position Digital Potentiometer
REV. C
AD5290YRMZ100 AD-AD5290YRMZ100 Datasheet
500Kb / 20P
   Compact 30 V / 15,-15 V 256-Position Digital Potentiometer
REV. C
AD5290YRMZ100-R7 AD-AD5290YRMZ100-R7 Datasheet
500Kb / 20P
   Compact 30 V / 15,-15 V 256-Position Digital Potentiometer
REV. C
AD5290YRMZ50 AD-AD5290YRMZ50 Datasheet
500Kb / 20P
   Compact 30 V / 15,-15 V 256-Position Digital Potentiometer
REV. C
More results

Similar Description - AD5290EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5290 AD-AD5290_15 Datasheet
500Kb / 20P
   Compact 30 V / 15 V 256-Position Digital Potentiometer
REV. C
AD5245BRJ50 AD-AD5245BRJ50 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5162BRMZ10 AD-AD5162BRMZ10 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5162BRMZ2.5 AD-AD5162BRMZ2.5 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5245 AD-AD5245_15 Datasheet
687Kb / 20P
   256-Position IC-Compatible Digital Potentiometer
REV. B
AD5162 AD-AD5162_15 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5290YRMZ10-R7 AD-AD5290YRMZ10-R7 Datasheet
500Kb / 20P
   Compact 30 V / 15,-15 V 256-Position Digital Potentiometer
REV. C
AD5207 AD-AD5207 Datasheet
664Kb / 16P
   2-Channel, 256-Position Digital Potentiometer
REV. 0
logo
ON Semiconductor
CAT5171 ONSEMI-CAT5171 Datasheet
171Kb / 12P
   256-Position I2C Compatible Digital Potentiometer
August, 2009 ??Rev. 1
logo
Analog Devices
AD5160 AD-AD5160_15 Datasheet
480Kb / 16P
   256-Position SPI-Compatible Digital Potentiometer
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com