Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5290YRMZ50-RL7 Datasheet(PDF) 11 Page - Analog Devices

Part # AD5290YRMZ50-RL7
Description  Compact 30V/짹15V 256-Position Digital Potentiometer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5290YRMZ50-RL7 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5290YRMZ50-RL7 Datasheet HTML 3Page - Analog Devices AD5290YRMZ50-RL7 Datasheet HTML 4Page - Analog Devices AD5290YRMZ50-RL7 Datasheet HTML 5Page - Analog Devices AD5290YRMZ50-RL7 Datasheet HTML 6Page - Analog Devices AD5290YRMZ50-RL7 Datasheet HTML 7Page - Analog Devices AD5290YRMZ50-RL7 Datasheet HTML 8Page - Analog Devices AD5290YRMZ50-RL7 Datasheet HTML 9Page - Analog Devices AD5290YRMZ50-RL7 Datasheet HTML 10Page - Analog Devices AD5290YRMZ50-RL7 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Preliminary Technical Data
AD5290
Rev. Pr C | Page 11 of 11
OUTLINE DIMENSIONS
0.23
0.08
0.80
0.60
0.40
0.15
0.00
0.27
0.17
0.95
0.85
0.75
SEATING
PLANE
1.10 MAX
10
6
5
1
0.50 BSC
3.00 BSC
3.00 BSC
4.90 BSC
PIN 1
COPLANARITY
0.10
COMPLIANT TO JEDEC STANDARDS MO-187BA
Figure 5. 10-Lead Mini Small Outline Package [MSOP]
(RM-10)
Dimensions shown in millimeters
Ordering Guide
Model1
RAB (kΩ)
Temperature Range
Package Description
Package Option
Branding
AD5290YRMZ10
10
–40°C to +105°C
MSOP-10
RM-10
D4U
AD5290YRMZ10-RL7
10
–40°C to +105°C
MSOP-10
RM-10
D4U
AD5290YRMZ50
50
–40°C to +105°C
MSOP-10
RM-10
D4T
AD5290YRMZ50-RL7
50
–40°C to +105°C
MSOP-10
RM-10
D4T
AD5290YRMZ100
100
–40°C to +105°C
MSOP-10
RM-10
D4V
AD5290YRMZ100-RL7
100
–40°C to +105°C
MSOP-10
RM-10
D4V
AD5290EVAL
Evaluation Board
NOTES:
1. Z in Model Number denotes Lead Free Package
Purchase of licensed I2C components of Analog Devices or one of its sublicensed Associated Companies conveys a license for the purchaser under the Philips I2C Patent
Rights to use these components in an I2C system, provided that the system conforms to the I2C Standard Specification as defined by Philips.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Similar Part No. - AD5290YRMZ50-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5290YRMZ50-R7 AD-AD5290YRMZ50-R7 Datasheet
500Kb / 20P
   Compact 30 V / 15,-15 V 256-Position Digital Potentiometer
REV. C
More results

Similar Description - AD5290YRMZ50-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5290 AD-AD5290_15 Datasheet
500Kb / 20P
   Compact 30 V / 15 V 256-Position Digital Potentiometer
REV. C
AD5245BRJ50 AD-AD5245BRJ50 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5162BRMZ10 AD-AD5162BRMZ10 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5162BRMZ2.5 AD-AD5162BRMZ2.5 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5245 AD-AD5245_15 Datasheet
687Kb / 20P
   256-Position IC-Compatible Digital Potentiometer
REV. B
AD5162 AD-AD5162_15 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5290YRMZ10-R7 AD-AD5290YRMZ10-R7 Datasheet
500Kb / 20P
   Compact 30 V / 15,-15 V 256-Position Digital Potentiometer
REV. C
AD5207 AD-AD5207 Datasheet
664Kb / 16P
   2-Channel, 256-Position Digital Potentiometer
REV. 0
logo
ON Semiconductor
CAT5171 ONSEMI-CAT5171 Datasheet
171Kb / 12P
   256-Position I2C Compatible Digital Potentiometer
August, 2009 ??Rev. 1
logo
Analog Devices
AD5160 AD-AD5160_15 Datasheet
480Kb / 16P
   256-Position SPI-Compatible Digital Potentiometer
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com