Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN761681 Datasheet(PDF) 9 Page - Texas Instruments

Part # SN761681
Description  TV TUNER IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN761681 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN761681 Datasheet HTML 5Page - Texas Instruments SN761681 Datasheet HTML 6Page - Texas Instruments SN761681 Datasheet HTML 7Page - Texas Instruments SN761681 Datasheet HTML 8Page - Texas Instruments SN761681 Datasheet HTML 9Page - Texas Instruments SN761681 Datasheet HTML 10Page - Texas Instruments SN761681 Datasheet HTML 11Page - Texas Instruments SN761681 Datasheet HTML 12Page - Texas Instruments SN761681 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS, Mixer, Oscillator, IF Amplifier
SN761681
TV TUNER IC
SLES165 – DECEMBER 2005
V
CC = 5 V, TA = 25°C, measured in Figure 17 reference measurement circuit at 50-Ω system,
IF filter characteristics: f
peak = 43 MHz (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Gc1
fin = 58 MHz(1)
22
25
28
dB
Conversion gain (mixer-IF amplifier),
VHF-LOW
Gc3
fin = 130 MHz(1)
22
25
28
Gc4
fin = 136 MHz(1)
22
25
28
dB
Conversion gain (mixer-IF amplifier),
VHF-HIGH
Gc6
fin = 364 MHz(1)
22
25
28
Gc7
fin = 370 MHz(1)
26
29
32
dB
Conversion gain (mixer-IF amplifier),
VHF-UHF
Gc9
fin = 804 MHz(1)
25
28
31
NF1
fin = 55.25 MHz
9.5
Noise figure, VHF-LOW
dB
NF3
fin = 127.25 MHz
9.5
NF4
fin = 133.25 MHz
10
Noise figure, VHF-HIGH
dB
NF6
fin = 361.25 MHz
10
NF7
fin = 367.25 MHz
11
Noise figure, UHF
dB
NF9
fin = 801.25 MHz
11
CM1
fin = 55.25 MHz(2)
89
1% cross-modulation distortion,
dBµV
VHF-LOW
CM3
fin = 127.25 MHz(2)
89
CM4
fin = 133.25 MHz(2)
86
1% cross-modulation distortion,
dBµV
VHF-HIGH
CM6
fin = 361.25 MHz(2)
86
CM7
fin = 367.25MHz(2)
87
1% cross-modulation distortion, UHF
dBµV
CM9
fin = 801.25 MHz(2)
87
VIFO1
fin = 55.25 MHz(3)
117
IF output voltage, VHF-LOW
dBµV
VIFO3
fin = 127.25 MHz(3)
117
VIFO4
fin = 133.25 MHz(3)
117
IF output voltage, VHF-HIGH
dBµV
VIFO6
fin = 361.25 MHz(3)
117
VIFO7
fin = 367.25MHz(3)
117
IF output voltage, UHF
dBµV
VIFO9
fin = 801.25 MHz(3)
117
Φ
OSC1
fin = 55.25 MHz(4)
88
Phase noise, VHF-LOW
dBc/Hz
Φ
OSC3
fin = 127.25 MHz(4)
88
Φ
OSC4
fin = 133.25 MHz(4)
86
Phase noise, VHF-HIGH
dBc/Hz
Φ
OSC6
fin = 361.25 MHz(4)
86
Φ
OSC7
fin = 367.25MHz(4)
84
Phase noise, UHF
dBc/Hz
Φ
OSC9
fin = 801.25 MHz(4)
84
Prescaler beat(5)
25
dBµV
(1)
IF = 43 MHz, RF input level = 80 dBµV
(2)
fundes = fdes ±6 MHz, Pin = 80 dBµV, AM 1 kHz, 30%, DES/CM = S/I = 46 dB
(3)
IF = 45.75 MHz
(4)
Offset = 10 kHz, RF input level = 70 dB
µV
(5)
Design parameter, not tested
9


Similar Part No. - SN761681

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN761683B TI-SN761683B Datasheet
402Kb / 20P
[Old version datasheet]   TV TUNER IC
SN761683BDA TI-SN761683BDA Datasheet
402Kb / 20P
[Old version datasheet]   TV TUNER IC
SN761683BDAG4 TI-SN761683BDAG4 Datasheet
402Kb / 20P
[Old version datasheet]   TV TUNER IC
SN761683BDAR TI-SN761683BDAR Datasheet
402Kb / 20P
[Old version datasheet]   TV TUNER IC
SN761683BDARG4 TI-SN761683BDARG4 Datasheet
402Kb / 20P
[Old version datasheet]   TV TUNER IC
More results

Similar Description - SN761681

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN761678B TI-SN761678B Datasheet
435Kb / 20P
[Old version datasheet]   TV TUNER IC
SN761678B TI1-SN761678B_14 Datasheet
413Kb / 21P
[Old version datasheet]   TV TUNER IC
SN761685 TI1-SN761685_14 Datasheet
414Kb / 14P
[Old version datasheet]   TV TUNER IC
SN761685 TI-SN761685 Datasheet
271Kb / 14P
[Old version datasheet]   TV TUNER IC
SN761683B TI-SN761683B Datasheet
402Kb / 20P
[Old version datasheet]   TV TUNER IC
SN761645 TI1-SN761645 Datasheet
1Mb / 29P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761642 TI1-SN761642_14 Datasheet
576Kb / 23P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761640 TI1-SN761640 Datasheet
1Mb / 30P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761668 TI-SN761668 Datasheet
504Kb / 24P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761668 TI1-SN761668_15 Datasheet
475Kb / 25P
[Old version datasheet]   DIGITAL TV TUNER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com