Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN761681 Datasheet(PDF) 7 Page - Texas Instruments

Part # SN761681
Description  TV TUNER IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN761681 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN761681 Datasheet HTML 3Page - Texas Instruments SN761681 Datasheet HTML 4Page - Texas Instruments SN761681 Datasheet HTML 5Page - Texas Instruments SN761681 Datasheet HTML 6Page - Texas Instruments SN761681 Datasheet HTML 7Page - Texas Instruments SN761681 Datasheet HTML 8Page - Texas Instruments SN761681 Datasheet HTML 9Page - Texas Instruments SN761681 Datasheet HTML 10Page - Texas Instruments SN761681 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS, Total Device and Serial Interface
SN761681
TV TUNER IC
SLES165 – DECEMBER 2005
V
CC = 4.5 V to 5.5 V, TA = –20°C to 85°C, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ICC1
Supply current 1
60
mA
ICC2
Supply current 2
One band switch on (IBS = 10 mA)
70
mA
VIH
High-level input voltage (SCL, SDA)
2.8
VCC
V
VIL
Low-level input voltage (SCL, SDA)
1.4
V
IIH
High-level input current (SCL, SDA)
10
µA
IIL
Low-level input current (SCL, SDA)
–10
µA
Power-on-reset supply voltage
VPOR
(threshold of supply voltage between
2.1
2.8
3.5
V
reset and operation mode)
I2C INTERFACE
Address-select high-input voltage
VASH
VCC = 5 V
4.5
5
V
(AS)
Address-select mid1-input voltage
VASM1
VCC = 5 V
2
3
V
(AS)
Address-select mid2-input voltage
VASM2
VCC = 5 V
1
1.5
V
(AS)
Address-select low-input voltage
VASL
VCC = 5 V
0.5
V
(AS)
Address-select high-input current
IASH
140
µA
(AS)
Address-select low-input current
IASL
–50
µA
(AS)
VADC
ADC input voltage
See Table 8
0
VCC
V
IADH
ADC high-level input current
VADC = VCC
10
µA
IADL
ADC low-level input current
VADC = 0 V
–50
µA
VOL
Low-level output voltage (SDA)
VCC = 5 V, IOL = 3 mA
0.4
V
High-level output leakage current
lSDAH
VSDA = 5.5 V
10
µA
(SDA)
fSCL
Clock frequency (SCL)
100
400
kHz
I2C Timing (see timing chart, Figure 16)
thd(DAT)
Data hold time
0
µs
t(BUF)
Bus free time
1.3
µs
thd(STA)
Start hold time
0.6
µs
t(Low)
SCL-low hold time
1.3
µs
t(High)
SCL-high hold time
0.6
µs
tsu(STA)
Start setup time
0.6
µs
tsu(DAT)
Data setup time
0.1
µs
tr
SCL, SDA rise time
0.3
µs
tf
SCL, SDA fall time
0.3
µs
tsu(STO)
Stop setup time
0.6
µs
7


Similar Part No. - SN761681

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN761683B TI-SN761683B Datasheet
402Kb / 20P
[Old version datasheet]   TV TUNER IC
SN761683BDA TI-SN761683BDA Datasheet
402Kb / 20P
[Old version datasheet]   TV TUNER IC
SN761683BDAG4 TI-SN761683BDAG4 Datasheet
402Kb / 20P
[Old version datasheet]   TV TUNER IC
SN761683BDAR TI-SN761683BDAR Datasheet
402Kb / 20P
[Old version datasheet]   TV TUNER IC
SN761683BDARG4 TI-SN761683BDARG4 Datasheet
402Kb / 20P
[Old version datasheet]   TV TUNER IC
More results

Similar Description - SN761681

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN761678B TI-SN761678B Datasheet
435Kb / 20P
[Old version datasheet]   TV TUNER IC
SN761678B TI1-SN761678B_14 Datasheet
413Kb / 21P
[Old version datasheet]   TV TUNER IC
SN761685 TI1-SN761685_14 Datasheet
414Kb / 14P
[Old version datasheet]   TV TUNER IC
SN761685 TI-SN761685 Datasheet
271Kb / 14P
[Old version datasheet]   TV TUNER IC
SN761683B TI-SN761683B Datasheet
402Kb / 20P
[Old version datasheet]   TV TUNER IC
SN761645 TI1-SN761645 Datasheet
1Mb / 29P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761642 TI1-SN761642_14 Datasheet
576Kb / 23P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761640 TI1-SN761640 Datasheet
1Mb / 30P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761668 TI-SN761668 Datasheet
504Kb / 24P
[Old version datasheet]   DIGITAL TV TUNER IC
SN761668 TI1-SN761668_15 Datasheet
475Kb / 25P
[Old version datasheet]   DIGITAL TV TUNER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com