Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NF100-HEP Datasheet(PDF) 59 Page - Mitsubishi Electric Semiconductor

Part # NF100-HEP
Description  TECHNICAL NOTES
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

NF100-HEP Datasheet(HTML) 59 Page - Mitsubishi Electric Semiconductor

Back Button NF100-HEP Datasheet HTML 55Page - Mitsubishi Electric Semiconductor NF100-HEP Datasheet HTML 56Page - Mitsubishi Electric Semiconductor NF100-HEP Datasheet HTML 57Page - Mitsubishi Electric Semiconductor NF100-HEP Datasheet HTML 58Page - Mitsubishi Electric Semiconductor NF100-HEP Datasheet HTML 59Page - Mitsubishi Electric Semiconductor NF100-HEP Datasheet HTML 60Page - Mitsubishi Electric Semiconductor NF100-HEP Datasheet HTML 61Page - Mitsubishi Electric Semiconductor NF100-HEP Datasheet HTML 62Page - Mitsubishi Electric Semiconductor NF100-HEP Datasheet HTML 63Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 105 page
background image
58
Branch Breaker
Ics(kA)
Type
Main Breaker
SELECTIVE-INTERRUPTION COMBINATIONS (DISCRIMINATION) 230VAC (Sym. kA)
Rated current
(A)
AE630-SS
AE1000-SS
AE1250-SS
AE1600-SS
65
65
65
65
Type
Icu(kA)
500 600 700 800 900 1000
315 378 441 504 567 630
800 960 1120 1280 1440 1600
625 750 875 1000 1125 1250
Selective limit current
In=500 .... 7.5(50)
630 .... 15(50)
800 .... 19(50)
1000 .... 24(50)
1250 .... 30(50)
1600 .... 42(50)
NF250-SP
50
125
150
175
200
225
250
8
10
6
8
10
10
6
6
8
8
10
8
6
6
8
8
8
8
4
6
6
8
8
6
4
6
6
6
8
6
6
6
8
8
8
8
4
6
6
6
8
6
4
4
6
6
6
6
3
4
4
6
6
4
3
3
4
4
6
4
3
3
4
4
4
4
4
6
6
6
8
6
3
4
6
6
6
6
3
4
4
6
6
4
3
3
4
4
4
4
3
3
4
4
3
3
3
3
4
3
3
4
4
6
6
4
3
3
4
4
6
4
3
3
4
4
3
3
3
3
4
3
3
3
3
3
3
3
Selective limit current
In=500 .... 7.5(50)
630 .... 15(50)
800 .... 19(50)
1000 .... 24(50)
1250 .... 30(50)
1600 .... 42(50)
NF250-SP
T/A
50
100
125
125
160
150
200
200
250
4
4
6
8
3
3
6
6
3
3
4
6
3
3
4
4
3
4
3
4
3
3
6
6
3
3
4
6
3
3
4
4
3
4
3
3
3
3
3
3
4
4
3
4
3
3
3
33
6
6
10
6
6
8
10
6
6
8
8
4
4
6
8
4
4
6
6
3
3
6
6
Selective limit current
In=500 .... 7.5(65)
630 .... 9.4(65)
800 .... 12(65)
1000 .... 25(65)
1250 .... 40(65)
1600 .... 65
NF250-HP
100
125
150
175
200
225
250
8
10
6
8
10
10
6
6
8
8
10
8
6
6
8
8
8
8
4
6
6
8
8
6
4
6
6
6
8
6
6
6
8
8
8
8
4
6
6
6
8
6
4
4
6
6
6
6
3
4
4
6
6
4
3
3
4
4
6
4
3
3
4
4
4
4
4
6
6
6
8
6
3
4
6
6
6
6
3
4
4
6
6
4
3
3
4
4
4
4
3
3
4
4
3
3
3
3
4
3
3
4
4
6
6
4
3
3
4
4
6
4
3
3
4
4
3
3
3
3
4
3
3
3
3
3
3
3
Selective limit current
In=500 .... 7.5(65)
630 .... 9.4(65)
800 .... 12(65)
1000 .... 25(65)
1250 .... 40(65)
1600 .... 65
NF250-HP
T/A
100
100
125
125
160
150
200
200
250
4
4
6
8
3
3
6
6
3
3
4
6
3
3
4
4
3
4
3
4
3
3
6
6
3
3
4
4
3
3
4
4
3
4
3
3
3
3
3
3
4
4
3
4
3
3
3
33
6
6
10
6
6
8
10
6
6
8
8
4
4
6
8
4
4
6
6
3
3
6
6
Selective limit current
In=500 .... 7.5(50)
630 .... 15(50)
800 .... 19(50)
1000 .... 24(50)
1250 .... 30(50)
1600 .... 42(50)
NF250-SEP
50
125
150
175
200
225
250
6
6
8
8
10
10
6
6
6
8
8
10
4
6
6
6
8
8
4
4
6
6
6
8
3
4
4
6
6
6
3
3
4
4
6
6
4
4
6
6
6
8
3
4
4
6
6
6
3
3
4
4
4
6
3
3
4
4
4
3
3
3
4
4
3
3
3
4
3
3
4
4
6
6
3
3
3
4
4
6
3
3
3
4
4
3
3
3
4
3
3
3
3
3
3
3
4
4
4
3
3
3
4
3
3
3
3
33
Selective limit current
In=500 .... 7.5(65)
630 .... 9.4(65)
800 .... 12(65)
1000 .... 25(65)
1250 .... 40(65)
1600 .... 65
NF250-HEP
100
125
150
175
200
225
250
6
6
8
8
10
10
6
6
6
8
8
10
4
6
6
6
8
8
4
4
6
6
6
8
3
4
4
6
6
6
3
3
4
4
6
6
4
4
6
6
6
8
3
4
4
6
6
6
3
3
4
4
4
6
3
3
4
4
4
3
3
3
4
4
3
3
3
4
3
3
4
4
6
6
3
3
3
4
4
6
3
3
3
4
4
3
3
3
4
3
3
3
3
3
3
3
4
4
4
3
3
3
4
3
3
3
3
33
Selective limit current
In=500 .... –
630 .... 9.4(50)
800 .... 12(50)
1000 .... 15(50)
1250 .... 20(50)
1600 .... 30(50)
NF400-CP
50
250
300
350
400
66
6
4
6
6
4
6
6
6
4
4
6
6
66
6
4
6
6
4
4
6
6
3
4
4
6
3
4
4
6
4
6
6
4
4
6
6
3
4
4
6
3
3
4
4
3
3
4
4
3
3
4
66
Selective limit current
In=500 .... –
630 .... 9.4(65)
800 .... 12(65)
1000 .... 15(65)
1250 .... 20(65)
1600 .... 30(65)
NF400-SP
85
250
300
350
400
88
8
8
8
8
6
6
8
6
6
8
8
86
8
6
8
8
6
6
8
8
4
6
6
8
4
6
6
6
8
8
8
6
6
8
8
4
6
6
8
4
6
6
8
3
4
6
6
3
4
4
6
88
Selective limit current
In=500 .... –
630 .... 9.4(65)
800 .... 12(65)
1000 .... 15(65)
1250 .... 20(65)
1600 .... 30(65)
NF400-SEP
85
200
225
250
300
350
400
6
6
6
8
8
10
4
6
6
6
8
8
6
6
6
8
8
10
4
4
6
6
8
8
4
4
4
6
6
8
3
4
4
6
6
6
3
3
4
4
6
6
4
6
6
6
8
8
4
4
6
6
6
8
3
4
4
6
6
6
3
3
4
4
6
6
3
3
3
4
4
6
3
3
3
4
4
4
4
4
6
6
8
3
3
4
4
6
6
3
3
3
4
4
6
3
3
3
4
4
3
3
3
4
3
3
4
Selective limit current
In=500 .... –
630 .... 9.4(65)
800 .... 12(65)
1000 .... 15(65)
1250 .... 20(65)
1600 .... 30(65)
NF400-HEP
100
200
225
250
300
350
400
6
6
6
8
8
10
4
6
6
6
8
8
6
6
6
8
8
10
4
4
6
6
8
8
4
4
4
6
6
8
3
4
4
6
6
6
3
3
4
4
6
6
4
6
6
6
8
8
4
4
6
6
6
8
3
4
4
6
6
6
3
3
4
4
6
6
3
3
3
4
4
6
3
3
3
4
4
4
4
4
6
6
8
3
3
4
4
6
6
3
3
3
4
4
6
3
3
3
4
4
3
3
3
4
3
3
4
Icu: Rated breaking capacity
~
~
~
~
~
~
~
~


Similar Part No. - NF100-HEP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NF100 ETC-NF100 Datasheet
687Kb / 2P
   AC/DC CONVERTERS
More results

Similar Description - NF100-HEP

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALQ07 ASTEC-ALQ07 Datasheet
493Kb / 28P
   Technical Reference Notes
logo
Emerson Network Power
AGQ300-48S1V2 EMERSON-NETWORKPOWER-AGQ300-48S1V2 Datasheet
339Kb / 18P
   AGQ300-48S1V2 DC/DC Converter Technical Reference Notes
logo
List of Unclassifed Man...
20.101M ETC2-20.101M Datasheet
131Kb / 1P
   notes
logo
Murata Manufacturing Co...
MPAN-03 MURATA-MPAN-03 Datasheet
155Kb / 2P
   Application Notes
logo
Analog Devices
EE-158 AD-EE-158_15 Datasheet
465Kb / 16P
   Technical Notes on using Analog Devices DSP components and development tools
logo
IC-Haus GmbH
IC-WJZ ICHAUS-IC-WJZ Datasheet
114Kb / 3P
   APPLICATION NOTES
logo
Tyco Electronics
2-1437404-1 MACOM-2-1437404-1 Datasheet
17Mb / 69P
   Engineering Notes
4-1437644-8 MACOM-4-1437644-8 Datasheet
17Mb / 69P
   Engineering Notes
2-1437402-5 MACOM-2-1437402-5 Datasheet
17Mb / 69P
   Engineering Notes
C-1513247 MACOM-C-1513247 Datasheet
82Kb / 1P
   revised notes and te logo
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com