Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NF100-HEP Datasheet(PDF) 47 Page - Mitsubishi Electric Semiconductor

Part # NF100-HEP
Description  TECHNICAL NOTES
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

NF100-HEP Datasheet(HTML) 47 Page - Mitsubishi Electric Semiconductor

Back Button NF100-HEP Datasheet HTML 43Page - Mitsubishi Electric Semiconductor NF100-HEP Datasheet HTML 44Page - Mitsubishi Electric Semiconductor NF100-HEP Datasheet HTML 45Page - Mitsubishi Electric Semiconductor NF100-HEP Datasheet HTML 46Page - Mitsubishi Electric Semiconductor NF100-HEP Datasheet HTML 47Page - Mitsubishi Electric Semiconductor NF100-HEP Datasheet HTML 48Page - Mitsubishi Electric Semiconductor NF100-HEP Datasheet HTML 49Page - Mitsubishi Electric Semiconductor NF100-HEP Datasheet HTML 50Page - Mitsubishi Electric Semiconductor NF100-HEP Datasheet HTML 51Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 105 page
background image
46
Branch Breaker
Icu(kA)
Type
Main Breaker
SELECTIVE-INTERRUPTION COMBINATIONS (DISCRIMINATION) 230VAC (Sym. kA)
Rated current
(A)
NF100-SEP
NF250-SEP
NF400-SEP
NF630-SEP
50
50
85
85
Type
Icu(kA)
125 150 175 200 225 250
30
40
50
60
75
100
300 350 400 500 600 630
200 225 250 300 350 400
Selective limit current
NF100-SEP
50
30
40
50
60
75
100
2.5
3.5
5
6
7
10
3
3.5
5
6
8
2.5
3
3.5
5
6
2.5
3
3.5
4
6
2.5
3
3.5
5
2.5
3.5
5
3.5
2.5
3
3.5
4
6
2.5
3
4
5
2.5
2.5
3.5
5
2.5
3
3.5
2.5
33
7.5
2.5
3
3.5
2.5
3
3
2.5
15
Selective limit current
NF100-HEP
100
30
40
50
60
75
100
2.5
3.5
5
6
7
10
3
3.5
5
6
8
2.5
3
3.5
5
6
2.5
3
3.5
4
6
2.5
3
3.5
5
2.5
3.5
5
3.5
2.5
3
3.5
4
6
2.5
3
4
5
2.5
2.5
3.5
5
2.5
3
3.5
2.5
33
10
2.5
3
3.5
2.5
3
3
2.5
25
Selective limit current
NF160-SP
50
125
150
160
10 10
8
10
3.5
10 10
8
10
10
7
8
8
6
7
7
6.4
6
8
8
6
7
7
5
6
6
4
5
5
3
4
4
3
3.5
4
10
Selective limit current
NF160-SP
T/A
50
100
125
125
160
10
10
10
10
8
8
7
7
3.5
10
10
8
8
7
7
6
6
5
5
5
5
6.4
5
5
5
5
4
4
3
3
3
3
2.5
2.5
10
Selective limit current
NF160-HP
100
125
150
160
10 10
8
10
3.5
10 10
8
10
10
7
8
8
6
7
7
6.4
6
8
8
6
7
7
5
6
6
4
5
5
3
4
4
3
3.5
4
10
Icu: Rated breaking capacity
Selective limit current
NF160-HP
T/A
100
100
125
125
160
10
10
10
10
8
8
7
7
3.5
10
10
8
8
7
7
6
6
5
5
5
5
6.4
5
5
5
5
4
4
3
3
3
3
2.5
2.5
10
Selective limit current
NF250-CP
30
125
150
175
200
225
250
10 10
8
10
10
7
8
10
10
10
6
7
8
10
10
8
6.4
6
8
8
10
10
6
7
7
10
10
8
5
6
6
8
8
7
4
5
5
6
7
6
3
4
4
5
6
5
3
3.5
4
5
6
4
7.5
Selective limit current
NF250-CP
T/A
30
100
125
125
160
150
200
200
250
10
10
8
8
7
7
6
6
10
5
5
8
10
5
5
7
8
6.4
5
5
8
10
5
5
7
8
4
4
6
7
3
3
5
6
2.5
2.5
4
5
2.5
2.5
3.5
4
7.5
Selective limit current
NF250-SP
50
125
150
175
200
225
250
10 10
8
10
10
7
8
10
10
10
6
7
8
10
10
8
6.4
6
8
8
10
10
6
7
7
10
10
8
5
6
6
8
8
7
4
5
5
6
7
6
3
4
4
5
6
5
3
3.5
4
5
6
4
10
Selective limit current
NF250-SP
T/A
50
100
125
125
160
150
200
200
250
10
10
8
8
7
7
6
6
10
5
5
8
10
5
5
7
8
6.4
5
5
8
10
5
5
7
8
4
4
6
7
3
3
5
6
2.5
2.5
4
5
2.5
2.5
3.5
4
10
Selective limit current
NF250-HP
100
125
150
175
200
225
250
10 10
8
10
10
7
8
10
10
10
6
7
8
10
10
8
6.4
6
8
8
8
10
6
7
7
7
10
8
5
6
6
6
8
7
4
5
5
5
6
6
3
4
4
4
5
5
3
3.5
3.5
4
5
4
10
Selective limit current
NF250-HP
T/A
100
100
125
125
160
150
200
200
250
10
10
8
8
7
7
6
6
10
5
5
8
10
5
5
7
8
6.4
5
5
8
10
5
5
7
8
4
4
6
7
3
3
5
6
2.5
2.5
4
5
2.5
2.5
3.5
4
10
~
~
~
~
~
~
~
~
~
~
~
~
~
~
~
~


Similar Part No. - NF100-HEP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NF100 ETC-NF100 Datasheet
687Kb / 2P
   AC/DC CONVERTERS
More results

Similar Description - NF100-HEP

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALQ07 ASTEC-ALQ07 Datasheet
493Kb / 28P
   Technical Reference Notes
logo
Emerson Network Power
AGQ300-48S1V2 EMERSON-NETWORKPOWER-AGQ300-48S1V2 Datasheet
339Kb / 18P
   AGQ300-48S1V2 DC/DC Converter Technical Reference Notes
logo
List of Unclassifed Man...
20.101M ETC2-20.101M Datasheet
131Kb / 1P
   notes
logo
Murata Manufacturing Co...
MPAN-03 MURATA-MPAN-03 Datasheet
155Kb / 2P
   Application Notes
logo
Analog Devices
EE-158 AD-EE-158_15 Datasheet
465Kb / 16P
   Technical Notes on using Analog Devices DSP components and development tools
logo
IC-Haus GmbH
IC-WJZ ICHAUS-IC-WJZ Datasheet
114Kb / 3P
   APPLICATION NOTES
logo
Tyco Electronics
2-1437404-1 MACOM-2-1437404-1 Datasheet
17Mb / 69P
   Engineering Notes
4-1437644-8 MACOM-4-1437644-8 Datasheet
17Mb / 69P
   Engineering Notes
2-1437402-5 MACOM-2-1437402-5 Datasheet
17Mb / 69P
   Engineering Notes
C-1513247 MACOM-C-1513247 Datasheet
82Kb / 1P
   revised notes and te logo
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com