Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NF100-HEP Datasheet(PDF) 17 Page - Mitsubishi Electric Semiconductor

Part # NF100-HEP
Description  TECHNICAL NOTES
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

NF100-HEP Datasheet(HTML) 17 Page - Mitsubishi Electric Semiconductor

Back Button NF100-HEP Datasheet HTML 13Page - Mitsubishi Electric Semiconductor NF100-HEP Datasheet HTML 14Page - Mitsubishi Electric Semiconductor NF100-HEP Datasheet HTML 15Page - Mitsubishi Electric Semiconductor NF100-HEP Datasheet HTML 16Page - Mitsubishi Electric Semiconductor NF100-HEP Datasheet HTML 17Page - Mitsubishi Electric Semiconductor NF100-HEP Datasheet HTML 18Page - Mitsubishi Electric Semiconductor NF100-HEP Datasheet HTML 19Page - Mitsubishi Electric Semiconductor NF100-HEP Datasheet HTML 20Page - Mitsubishi Electric Semiconductor NF100-HEP Datasheet HTML 21Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 105 page
background image
16
Type
Rated current
In (A)
Rated insulation voltage Ui (V) AC
Low-inst
Standard
Mag-Only
Generator
690V
500V
440V
400V
230V
Frame (A)
AC Breaking
capacity (kA rms)
IEC60947-2
Icu/Ics
Number of poles
Automatic tripping
device
Rating (A) and
Inst. (A)
Automatic tripping
device
Rating (A) and
Inst. (A)
Number of poles
Number of poles
Automatic tripping
device
Rating (A) and
Inst. (A)
Number of poles
Automatic tripping
device
Rating (A) and
Inst. (A)
50
Hydraulic-magnetic
Fixed ampere rating and
instantaneous
Magnetic
Fixed ampere rating and
instantaneous
NF50-HP
10, 15, 20, 30, 40, 50
600
7.5/4
10/5
10/5
25/13
234
234
60
NF60-CP
10, 15, 20, 30, 40, 50, 60
600
2.5/1
2.5/1
5/2
5/2
23
Hydraulic-magnetic
Fixed ampere rating and
instantaneous
23
Magnetic
Fixed ampere rating and
instantaneous
10
110
±
35
15
165
±
52
20
220
±
70
30
330
± 105
40
440
± 140
50
550
± 175
10
110
±
35
15
165
±
52
20
220
±
70
30
330
± 105
40
440
± 140
50
550
± 175
60
660
± 210
10
100
±
20
15
150
±
30
20
200
±
40
30
300
±
60
40
400
±
80
50
500
± 100
10
100
±
20
15
150
±
30
20
200
±
40
30
300
±
60
40
400
±
80
50
500
± 100
60
600
± 120


Similar Part No. - NF100-HEP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NF100 ETC-NF100 Datasheet
687Kb / 2P
   AC/DC CONVERTERS
More results

Similar Description - NF100-HEP

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALQ07 ASTEC-ALQ07 Datasheet
493Kb / 28P
   Technical Reference Notes
logo
Emerson Network Power
AGQ300-48S1V2 EMERSON-NETWORKPOWER-AGQ300-48S1V2 Datasheet
339Kb / 18P
   AGQ300-48S1V2 DC/DC Converter Technical Reference Notes
logo
List of Unclassifed Man...
20.101M ETC2-20.101M Datasheet
131Kb / 1P
   notes
logo
Murata Manufacturing Co...
MPAN-03 MURATA-MPAN-03 Datasheet
155Kb / 2P
   Application Notes
logo
Analog Devices
EE-158 AD-EE-158_15 Datasheet
465Kb / 16P
   Technical Notes on using Analog Devices DSP components and development tools
logo
IC-Haus GmbH
IC-WJZ ICHAUS-IC-WJZ Datasheet
114Kb / 3P
   APPLICATION NOTES
logo
Tyco Electronics
2-1437404-1 MACOM-2-1437404-1 Datasheet
17Mb / 69P
   Engineering Notes
4-1437644-8 MACOM-4-1437644-8 Datasheet
17Mb / 69P
   Engineering Notes
2-1437402-5 MACOM-2-1437402-5 Datasheet
17Mb / 69P
   Engineering Notes
C-1513247 MACOM-C-1513247 Datasheet
82Kb / 1P
   revised notes and te logo
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com