Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NF50-HRP Datasheet(PDF) 80 Page - Mitsubishi Electric Semiconductor

Part # NF50-HRP
Description  TECHNICAL NOTES
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

NF50-HRP Datasheet(HTML) 80 Page - Mitsubishi Electric Semiconductor

Back Button NF50-HRP Datasheet HTML 76Page - Mitsubishi Electric Semiconductor NF50-HRP Datasheet HTML 77Page - Mitsubishi Electric Semiconductor NF50-HRP Datasheet HTML 78Page - Mitsubishi Electric Semiconductor NF50-HRP Datasheet HTML 79Page - Mitsubishi Electric Semiconductor NF50-HRP Datasheet HTML 80Page - Mitsubishi Electric Semiconductor NF50-HRP Datasheet HTML 81Page - Mitsubishi Electric Semiconductor NF50-HRP Datasheet HTML 82Page - Mitsubishi Electric Semiconductor NF50-HRP Datasheet HTML 83Page - Mitsubishi Electric Semiconductor NF50-HRP Datasheet HTML 84Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 105 page
background image
79
7. SELECTION
In selecting MCCBs for a particular application, in
addition to purely electrical aspects of load and distri-
bution conductor systems, physical factors such as
panelboard configuration, installation environment,
ambient-temperature variations, vibration, etc. must
also be considered.
MCCBs are rated for an ambient of 40
°C, and
where panelboard internal temperatures may exceed
this, the MCCBs installed should be derated in accor-
dance with Table 7.1.
1. Actual load currents may exceed the nominal-val-
ues.
2. Load currents may increase with time, due to dete-
rioration of load devices (i.e., friction in motors).
3. Source voltage and frequency may vary.
7.1 Motor Branch Circuits
The following discussion assumes single motors and
cold-start operation.
7.1.1 General Considerations
The starting current (
IMS) and time (TMS) for the mo-
tor, and its full-load current, dictate the rated current,
long-delay trip and instantaneous-trip curves for the
MCCB as shown in Fig. 7.2. A safety-margin of up to
50% should be considered for the starting time, to
allow for voltage variations and increase in load fric-
tion.
The instantaneous-trip curve should be at least 1.4
x normal starting current to allow for the effect of the
DC component attendant to the low power factor
(about 0.3) of the starting current. For
-delta start-
ing the unphased-switching allowance increases the
1.4 margin to 1.9. For running restarting the unphased-
switching allowance increases the factor to 2.4.
Rated currents
MCCB trip curve
Starting current
and long-delay trip
Inrush and
inst. trip
Motor
starting
current
TMS
IMS
Current
Fig. 7.2 MCCB and Motor Starting
7.1.2 Motor Breaker
Where starting times are relatively short and currents
are small, the Mitsubishi M Line motor breakers can
be used without the need for a motor starter.
7.2 For Lighting and Heating Branch Cir-
cuits
In such circuits, switching-surge magnitudes and times
are normally not sufficient to cause spurious tripping
problems; however, in some cases, such as mercury-
arc lamps or other large starting-current equipment,
the methods presented in §7.1 above should be con-
sidered.
In general, branch MCCBs should be selected so
that the total of ratings of the connected loads is not
more than 80% of the MCCB rating.
Fig. 7.1 MCCB Selection Consideration
Table 7.1 MCCB Deratings Due to Installation
Factors
Panelboard max.
internal temp. (
°C)
50
55
60
Load allowable, due to
panelboard temp. (%)
90
80
70
Supply
system
Ambient
temperature
Main,submain
or branch use
Ambient
conditions
Wire
connection
Load
current
Operation
conditions
Load
Short circuit
Installation and
connection style
Service
purpose
Regulations
?


Similar Description - NF50-HRP

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALQ07 ASTEC-ALQ07 Datasheet
493Kb / 28P
   Technical Reference Notes
logo
Emerson Network Power
AGQ300-48S1V2 EMERSON-NETWORKPOWER-AGQ300-48S1V2 Datasheet
339Kb / 18P
   AGQ300-48S1V2 DC/DC Converter Technical Reference Notes
logo
List of Unclassifed Man...
20.101M ETC2-20.101M Datasheet
131Kb / 1P
   notes
logo
Murata Manufacturing Co...
MPAN-03 MURATA-MPAN-03 Datasheet
155Kb / 2P
   Application Notes
logo
Analog Devices
EE-158 AD-EE-158_15 Datasheet
465Kb / 16P
   Technical Notes on using Analog Devices DSP components and development tools
logo
IC-Haus GmbH
IC-WJZ ICHAUS-IC-WJZ Datasheet
114Kb / 3P
   APPLICATION NOTES
logo
Tyco Electronics
2-1437404-1 MACOM-2-1437404-1 Datasheet
17Mb / 69P
   Engineering Notes
4-1437644-8 MACOM-4-1437644-8 Datasheet
17Mb / 69P
   Engineering Notes
2-1437402-5 MACOM-2-1437402-5 Datasheet
17Mb / 69P
   Engineering Notes
C-1513247 MACOM-C-1513247 Datasheet
82Kb / 1P
   revised notes and te logo
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com