Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NF50-HRP Datasheet(PDF) 73 Page - Mitsubishi Electric Semiconductor

Part # NF50-HRP
Description  TECHNICAL NOTES
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

NF50-HRP Datasheet(HTML) 73 Page - Mitsubishi Electric Semiconductor

Back Button NF50-HRP Datasheet HTML 69Page - Mitsubishi Electric Semiconductor NF50-HRP Datasheet HTML 70Page - Mitsubishi Electric Semiconductor NF50-HRP Datasheet HTML 71Page - Mitsubishi Electric Semiconductor NF50-HRP Datasheet HTML 72Page - Mitsubishi Electric Semiconductor NF50-HRP Datasheet HTML 73Page - Mitsubishi Electric Semiconductor NF50-HRP Datasheet HTML 74Page - Mitsubishi Electric Semiconductor NF50-HRP Datasheet HTML 75Page - Mitsubishi Electric Semiconductor NF50-HRP Datasheet HTML 76Page - Mitsubishi Electric Semiconductor NF50-HRP Datasheet HTML 77Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 105 page
background image
72
Fig. 6.14 Relation of Let-through Current to Time until 600V Vinyl-Insulated Wire Reaches a 70
°C Temperature Rise.
(In a Start from No Load State at Ambient Temperature of 30
°C)
Fig. 6.15 MCCBs and Wiring Sizes
15
20
30
40
50
60
75
100
125
150
175
200
225
250
300
350
400
Wire size
(mm2)
MCCB
rating(A)
Unprotected region
Protected region
Fig. 6.16 Wire Derating Method, for Conduit Routing
Current (
×102A)
1000
800
600
500
10
0.2
0.4 0.5 0.6
0.3
1
0.8
2
3
10
920
30 40 50
100
1000
200
300
500
80
60
8
7
6
5
4
0.1
6
5
4
3
2
1
20
30
40
50
60
100
200
300
400
Wire sizes (mm2)
=Correction factor
!2
!1
!1
!2
Current
Open wiring
Routed in conduit
ground use; ultimately, the temperature figure of 75
°C
is derived (100
°C per Jones and Scott, compensated)
as a suitable short-time limitation for wiring with heat-
proof vinyl or styrene-butadene-rubber insulation.
Current transpositions for the range of wire sizes are
not presented, being non-standard ; however, Fig. 6.15
gives MCCB ratings for temperature limitations of 30
°C
in normal operation, and 75
°C for periods of up to 20
seconds.
The apparent disparity of the ambient ratings of 30
°C
for wiring against 40
°C for MCCBs, is reconcilable in
that wiring, for the most part, is externally routed, while
MCCBs are housed in panelboards or the like. The
two figures can be used compatibly, without modifi-
cation. It is further noted that, where MCCBs with long-
delay elements of the thermal type are employed, the
effect of increased ambient, which would normally
derate the wiring, is adequately compensated by the
attendant decrease in thermal-region tripping time of
the MCCB.
The curves in Fig. 6.17 show the comparison of the
delay regions of MCCB tripping with allowable cur-
rents in open-routed wiring. Fig. 6.16 shows the
method required by the Japanese standards referred
to above, for derating wiring to be routed in conduit.


Similar Description - NF50-HRP

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALQ07 ASTEC-ALQ07 Datasheet
493Kb / 28P
   Technical Reference Notes
logo
Emerson Network Power
AGQ300-48S1V2 EMERSON-NETWORKPOWER-AGQ300-48S1V2 Datasheet
339Kb / 18P
   AGQ300-48S1V2 DC/DC Converter Technical Reference Notes
logo
List of Unclassifed Man...
20.101M ETC2-20.101M Datasheet
131Kb / 1P
   notes
logo
Murata Manufacturing Co...
MPAN-03 MURATA-MPAN-03 Datasheet
155Kb / 2P
   Application Notes
logo
Analog Devices
EE-158 AD-EE-158_15 Datasheet
465Kb / 16P
   Technical Notes on using Analog Devices DSP components and development tools
logo
IC-Haus GmbH
IC-WJZ ICHAUS-IC-WJZ Datasheet
114Kb / 3P
   APPLICATION NOTES
logo
Tyco Electronics
2-1437404-1 MACOM-2-1437404-1 Datasheet
17Mb / 69P
   Engineering Notes
4-1437644-8 MACOM-4-1437644-8 Datasheet
17Mb / 69P
   Engineering Notes
2-1437402-5 MACOM-2-1437402-5 Datasheet
17Mb / 69P
   Engineering Notes
C-1513247 MACOM-C-1513247 Datasheet
82Kb / 1P
   revised notes and te logo
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com