Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSLT-S009T4-038 Datasheet(PDF) 8 Page - Hitachi Metals, Ltd

Part # FSLT-S009T4-038
Description  2012 Size Chip Multilayer RF Transformer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI-METALS [Hitachi Metals, Ltd]
Direct Link  http://www.hitachi-metals.co.jp/e
Logo HITACHI-METALS - Hitachi Metals, Ltd

FSLT-S009T4-038 Datasheet(HTML) 8 Page - Hitachi Metals, Ltd

  FSLT-S009T4-038 Datasheet HTML 1Page - Hitachi Metals, Ltd FSLT-S009T4-038 Datasheet HTML 2Page - Hitachi Metals, Ltd FSLT-S009T4-038 Datasheet HTML 3Page - Hitachi Metals, Ltd FSLT-S009T4-038 Datasheet HTML 4Page - Hitachi Metals, Ltd FSLT-S009T4-038 Datasheet HTML 5Page - Hitachi Metals, Ltd FSLT-S009T4-038 Datasheet HTML 6Page - Hitachi Metals, Ltd FSLT-S009T4-038 Datasheet HTML 7Page - Hitachi Metals, Ltd FSLT-S009T4-038 Datasheet HTML 8Page - Hitachi Metals, Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Do not apply DC voltage between primary and secondary winding.
If you apply DC voltage between primary and secondary winding,
use DC cut capacitor as below circuit A.
D C
- C i r c u i t
A -
C
470pF
470pF
470pF
68nH
68nH
LT-FSLT-S009T-0408A
All the technical data and information contained
herein are subject to change without notice.


Similar Part No. - FSLT-S009T4-038

ManufacturerPart #DatasheetDescription
logo
Hitachi Metals, Ltd
FSLT-S087G HITACHI-METALS-FSLT-S087G Datasheet
64Kb / 5P
   2012 Size 806-928MHz Band Chip Multilayer RF Transformer
More results

Similar Description - FSLT-S009T4-038

ManufacturerPart #DatasheetDescription
logo
Hitachi Metals, Ltd
FSLT-S087G HITACHI-METALS-FSLT-S087G Datasheet
64Kb / 5P
   2012 Size 806-928MHz Band Chip Multilayer RF Transformer
ESLT-S245E HITACHI-METALS-ESLT-S245E Datasheet
49Kb / 4P
   2012 Size 2.4/2.5GHz Band Chip Multilayer RF Transformer
FSLT-S180G HITACHI-METALS-FSLT-S180G Datasheet
66Kb / 5P
   2012 Size 1.71-1.91GHz Band Chip Multilayer RF Transformer
FSLC-S170E HITACHI-METALS-FSLC-S170E Datasheet
85Kb / 3P
   2012 Size Chip Multilayer Coupler
FSLC-S170N HITACHI-METALS-FSLC-S170N Datasheet
44Kb / 3P
   2012 Size Chip Multilayer Coupler
FSLB-S245C HITACHI-METALS-FSLB-S245C Datasheet
61Kb / 3P
   2012 Size Chip Multilayer Band Pass Filter
FSLC-S090S-A HITACHI-METALS-FSLC-S090S-A Datasheet
43Kb / 4P
   2012 Size 800/850 MHz Chip Multilayer Coupler
FSLC-S090T-A HITACHI-METALS-FSLC-S090T-A Datasheet
55Kb / 4P
   2012 Size 800/850 MHz Chip Multilayer Coupler
FSLC-S090T-P HITACHI-METALS-FSLC-S090T-P Datasheet
55Kb / 4P
   2012 Size 925/960 MHz Chip Multilayer Coupler
FSLC-S190N HITACHI-METALS-FSLC-S190N Datasheet
42Kb / 4P
   2012 Size 1850/1910 MHz Chip Multilayer Coupler
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com