Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSLT-S009T4-038 Datasheet(PDF) 3 Page - Hitachi Metals, Ltd

Part # FSLT-S009T4-038
Description  2012 Size Chip Multilayer RF Transformer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI-METALS [Hitachi Metals, Ltd]
Direct Link  http://www.hitachi-metals.co.jp/e
Logo HITACHI-METALS - Hitachi Metals, Ltd

FSLT-S009T4-038 Datasheet(HTML) 3 Page - Hitachi Metals, Ltd

  FSLT-S009T4-038 Datasheet HTML 1Page - Hitachi Metals, Ltd FSLT-S009T4-038 Datasheet HTML 2Page - Hitachi Metals, Ltd FSLT-S009T4-038 Datasheet HTML 3Page - Hitachi Metals, Ltd FSLT-S009T4-038 Datasheet HTML 4Page - Hitachi Metals, Ltd FSLT-S009T4-038 Datasheet HTML 5Page - Hitachi Metals, Ltd FSLT-S009T4-038 Datasheet HTML 6Page - Hitachi Metals, Ltd FSLT-S009T4-038 Datasheet HTML 7Page - Hitachi Metals, Ltd FSLT-S009T4-038 Datasheet HTML 8Page - Hitachi Metals, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
FSLT-S009T4-019 Sample Data
LT-FSLT-S009T-0408A
l og MAG
1 0 d B/
ph as e
/
1 U FS
REF 0 d B
- 180
- 179
- 178
- 177
- 176
- 175
179
178
177
176
175
REF - 1 80
1
l o g MAG
REF - 6 dB
1 d B/
l o g MAG
REF - 6 dB
1 d B/
0
1
2
3
4
5
6
7
50 ohm
50 ohm
15 pF
0
1
2
3
4
5
6
7
0
10
20
30
40
50
START
10 MHz
STOP
5 10 MHz
Ch i p RF Tr a n s f o r me r
" FSL T- S0 0 9 T4 - 0 1 9 "
5 0 o h m :
2 0 0 o h m
I n s e r t i o n L o s s ( Ou t 1 , Ou t 2 ) :
me a s u r e me n t - s p l i t t i n g l o s s - r e s i s t o r
l o s s
START
1 0 MHz
STOP
510 MHz
START
1 0 MHz
STOP
510 MHz
19 0 MHz
1
1 :
- 8. 716 9 dB
1
1 :
23. 72 6oh m 6 . 8 096 ohm 5. 704 1 n H
1 90 MHz
1 :
- 7 . 51 82 dB
1
1 :
- 7 . 43 31 dB
1
1 :
17 9. 9 3
1
1 90 MHz
1 90 MHz
190 MHz
All the technical data and information contained
herein are subject to change without notice.


Similar Part No. - FSLT-S009T4-038

ManufacturerPart #DatasheetDescription
logo
Hitachi Metals, Ltd
FSLT-S087G HITACHI-METALS-FSLT-S087G Datasheet
64Kb / 5P
   2012 Size 806-928MHz Band Chip Multilayer RF Transformer
More results

Similar Description - FSLT-S009T4-038

ManufacturerPart #DatasheetDescription
logo
Hitachi Metals, Ltd
FSLT-S087G HITACHI-METALS-FSLT-S087G Datasheet
64Kb / 5P
   2012 Size 806-928MHz Band Chip Multilayer RF Transformer
ESLT-S245E HITACHI-METALS-ESLT-S245E Datasheet
49Kb / 4P
   2012 Size 2.4/2.5GHz Band Chip Multilayer RF Transformer
FSLT-S180G HITACHI-METALS-FSLT-S180G Datasheet
66Kb / 5P
   2012 Size 1.71-1.91GHz Band Chip Multilayer RF Transformer
FSLC-S170E HITACHI-METALS-FSLC-S170E Datasheet
85Kb / 3P
   2012 Size Chip Multilayer Coupler
FSLC-S170N HITACHI-METALS-FSLC-S170N Datasheet
44Kb / 3P
   2012 Size Chip Multilayer Coupler
FSLB-S245C HITACHI-METALS-FSLB-S245C Datasheet
61Kb / 3P
   2012 Size Chip Multilayer Band Pass Filter
FSLC-S090S-A HITACHI-METALS-FSLC-S090S-A Datasheet
43Kb / 4P
   2012 Size 800/850 MHz Chip Multilayer Coupler
FSLC-S090T-A HITACHI-METALS-FSLC-S090T-A Datasheet
55Kb / 4P
   2012 Size 800/850 MHz Chip Multilayer Coupler
FSLC-S090T-P HITACHI-METALS-FSLC-S090T-P Datasheet
55Kb / 4P
   2012 Size 925/960 MHz Chip Multilayer Coupler
FSLC-S190N HITACHI-METALS-FSLC-S190N Datasheet
42Kb / 4P
   2012 Size 1850/1910 MHz Chip Multilayer Coupler
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com