Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HPS10S-N3N004 Datasheet(PDF) 3 Page - Astec America, Inc

Part # HPS10S-N3N004
Description  1000-6000 Watts HPS10/12/15 Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

HPS10S-N3N004 Datasheet(HTML) 3 Page - Astec America, Inc

  HPS10S-N3N004 Datasheet HTML 1Page - Astec America, Inc HPS10S-N3N004 Datasheet HTML 2Page - Astec America, Inc HPS10S-N3N004 Datasheet HTML 3Page - Astec America, Inc HPS10S-N3N004 Datasheet HTML 4Page - Astec America, Inc HPS10S-N3N004 Datasheet HTML 5Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Technical Support: (888) 41-ASTEC or (407) 241-2752
Americas: (760) 930-4600
Europe (UK) 44 (1384) 842-211
Asia (HK) 852-2437-9662
154
HPS Series
DRAWINGS
HPS 10/12/15 Module
A: AC Input Connector
Positronics PLB3W3M1060
AC Pin: MC612N-228.2
Ground Pin: MC612N
AC IInput PPinouts
J1-L
LINE
J1-N
NEUTRAL
J1-G
GROUND
Mating Connector:
Positronics PLB3W3FXXXX
B: DC Output Connector
Positronics PCIH38M400A1
Mating Connector
Positronics PCIH38FXXXX or
Elcon 226-0005-00100
DC O
Output PPinouts
P1-1
V OUT
P1-2
V OUT
P1-3
V OUT
P1-4
V OUT
P1-5
V OUT
P1-6
V OUT
P1-7
V OUT RTN
P1-8
V OUT RTN
P1-9
V OUT RTN
P1-10
V OUT RTN
P1-11
V OUT RTN
P1-12
V OUT RTN
P1-13
CHASSIS GND
P1-14
CHASSIS GND
P1-15
5VDC
P1-16
5VDC
P1-17
5VDC RTN
P1-18
5VDC RTN
P1-19
DATA
P1-20
DATA GND
P1-21
V OUT SENSE
P1-22
V OUT SENSE RTN
P1-23
MARGIN PROGRAM
P1-24
MARGIN HI
P1-25
SWP
P1-26
ISO ENA/DCOK/
TEMP OK/FAN FAIL RTN
P1-27
ISO DCOK
P1-28
ISO EN/INH
P1-29
ISO TEMP OK
P1-30
OPAMP/SYNC/FAN FAIL SIGNAL
P1-31
I MONITOR
P1-32
I MONITOR RTN
P1-33
N/C
P1-34
ACOK COLLECTOR
P1-35
ACOK EMITTER
P1-36
V AUX RTN
P1-37
V AUX
P1-38
V ANODE (MAIN O/P)
A
B


Similar Part No. - HPS10S-N3N004

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
HPS10S-N3N-000 EMERSON-NETWORKPOWER-HPS10S-N3N-000 Datasheet
1Mb / 5P
   HPS10/12/15 Series
HPS10S-N3N-001 EMERSON-NETWORKPOWER-HPS10S-N3N-001 Datasheet
1Mb / 5P
   HPS10/12/15 Series
HPS10S-N3N-002 EMERSON-NETWORKPOWER-HPS10S-N3N-002 Datasheet
1Mb / 5P
   HPS10/12/15 Series
HPS10S-N3N-004 EMERSON-NETWORKPOWER-HPS10S-N3N-004 Datasheet
1Mb / 5P
   HPS10/12/15 Series
HPS10S-N3N-008 EMERSON-NETWORKPOWER-HPS10S-N3N-008 Datasheet
1Mb / 5P
   HPS10/12/15 Series
More results

Similar Description - HPS10S-N3N004

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
HPS10 EMERSON-NETWORKPOWER-HPS10 Datasheet
1Mb / 5P
   HPS10/12/15 Series
logo
XP Power Limited
JCG1512S12 XPPOWER-JCG1512S12 Datasheet
131Kb / 2P
   12/15 Watts JCG Series
logo
Emerson Network Power
UFE EMERSON-NETWORKPOWER-UFE_11 Datasheet
903Kb / 6P
   UFE / UFR Series Up to 6000 Watts
logo
Artesyn Technologies
UFE1300-96S24C1J ARTESYN-UFE1300-96S24C1J Datasheet
903Kb / 6P
   UFE / UFR Series Up to 6000 Watts
logo
Powerbox
SM6000 POWERBOX-SM6000 Datasheet
121Kb / 2P
   6000 WATTS PROGRAMMABLE DC SUPPLY
logo
Teledyne Technologies I...
A2CP6120 TELEDYNE-A2CP6120 Datasheet
100Kb / 1P
   1000 TO 6000 MHz COUGARPAK??AMPLIFIER
logo
XP Power Limited
JTH15 XPPOWER-JTH15 Datasheet
120Kb / 2P
   15 Watts JTH Series
VCP15 XPPOWER-VCP15 Datasheet
136Kb / 2P
   15 Watts VCP Series
logo
Astec America, Inc
AK40A ASTEC-AK40A Datasheet
125Kb / 2P
   15 Watts
AEE04F18 ASTEC-AEE04F18 Datasheet
107Kb / 2P
   15 Watts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com