Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSLH-S090C Datasheet(PDF) 2 Page - Hirose Electric

Part # FSLH-S090C
Description  2012 Size 850/950 MHz Chip Multilayer Splitter/Combiner
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FSLH-S090C Datasheet(HTML) 2 Page - Hirose Electric

  FSLH-S090C Datasheet HTML 1Page - Hirose Electric FSLH-S090C Datasheet HTML 2Page - Hirose Electric FSLH-S090C Datasheet HTML 3Page - Hirose Electric FSLH-S090C Datasheet HTML 4Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Equivalent Circuits
Shape & Size
Specifications
Part Name: FSLH-S090C
2
4
6
1.25
1.0
2
4
6
2: In(Sum port)
4: Out-1
6: Out-2
unit(mm)
LH-FSLH-S090C-0406A
All the technical data and information contained
herein are subject to change without notice.
*1 Not include splitting loss (3dB)
Frequency
Range
Matching
Capacitor
Insertion
Loss *1
Isolation
Return Loss
Handling
Power
Temperature
Range
850-950MHz
2.5pF
1dB Max.
(0.15dB Typ.)
12dB Min.
(20dB Typ.)
10dB Min.
(24dB Typ.)
1W Max.
(CW)
-35 to +85
deg.C


Similar Part No. - FSLH-S090C

ManufacturerPart #DatasheetDescription
logo
Hitachi Metals, Ltd
FSLH-S080C HITACHI-METALS-FSLH-S080C Datasheet
41Kb / 4P
   2012 Size 700/900 MHz Chip Multilayer Splitter/Combiner
More results

Similar Description - FSLH-S090C

ManufacturerPart #DatasheetDescription
logo
Hitachi Metals, Ltd
FSLH-S240C HITACHI-METALS-FSLH-S240C Datasheet
52Kb / 4P
   2012 Size 2400/2500 MHz Chip Multilayer Splitter/Combiner
FSLH-S100C HITACHI-METALS-FSLH-S100C Datasheet
53Kb / 4P
   2012 Size 900/1100 MHz Chip Multilayer Splitter/Combiner
FSLH-S130C HITACHI-METALS-FSLH-S130C Datasheet
49Kb / 4P
   2012 Size 1200/1400 MHz Chip Multilayer Splitter/Combiner
FSLH-S170C HITACHI-METALS-FSLH-S170C Datasheet
52Kb / 4P
   2012 Size 1500/1900 MHz Chip Multilayer Splitter/Combiner
FSLH-S220C HITACHI-METALS-FSLH-S220C Datasheet
52Kb / 4P
   2012 Size 2100/2400 MHz Chip Multilayer Splitter/Combiner
FSLH-S080C HITACHI-METALS-FSLH-S080C Datasheet
41Kb / 4P
   2012 Size 700/900 MHz Chip Multilayer Splitter/Combiner
FSLH-S200C HITACHI-METALS-FSLH-S200C Datasheet
52Kb / 4P
   2012 Size 1900/2100 MHz Chip Multilayer Splitter/Combiner
FSLH-S150C HITACHI-METALS-FSLH-S150C Datasheet
53Kb / 4P
   2012 Size 1400/1600 MHz Chip Multilayer Splitter/Combiner
FSLC-S090S-A HITACHI-METALS-FSLC-S090S-A Datasheet
43Kb / 4P
   2012 Size 800/850 MHz Chip Multilayer Coupler
FSLC-S090T-A HITACHI-METALS-FSLC-S090T-A Datasheet
55Kb / 4P
   2012 Size 800/850 MHz Chip Multilayer Coupler
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com