Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MN3870S Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # MN3870S
Description  NTSC-Compatible CCD Comb Filter with Built-in 1 H Video Signal Delay Element
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MN3870S Datasheet(HTML) 3 Page - Panasonic Semiconductor

  MN3870S Datasheet HTML 1Page - Panasonic Semiconductor MN3870S Datasheet HTML 2Page - Panasonic Semiconductor MN3870S Datasheet HTML 3Page - Panasonic Semiconductor MN3870S Datasheet HTML 4Page - Panasonic Semiconductor MN3870S Datasheet HTML 5Page - Panasonic Semiconductor MN3870S Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
CCD Delay Line Series
MN3870S
Pin Descriptions
Pin No.
Symbol
Pin Name
Remarks
1
XI
3.58 MHz clock input
2VBB
Substrate connection
4
VGC1
Output gate connection (1)
5
VOC
C signal output
6
VINC
C signal input
9VSS1
GND (1)
Ground for analog circuits
10
VDD1
Power supply (1)
For analog circuits
11
VOY
Y signal output
12
VINY
Y signal input
13
SW
Switch controlling number of stages for Y signal
delay
14
VGC2
Output gate connection (2)
15
VSS2
GND (2)
Ground for digital signals
16
VDD2
Power supply (2)
For digital signals
17
VDD3
Power supply (3)
For phase-locked loop
18
VSS3
GND (3)
Ground for phase-locked loop
20
PCOUT
Phase comparator output and voltage controlled
&VCOIN
oscillator input
Note: Leave pin 13 open.


Similar Part No. - MN3870S

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN3814 PANASONIC-MN3814 Datasheet
44Kb / 6P
   NTSC CCD Video Signal Delay Elements
MN3814S PANASONIC-MN3814S Datasheet
44Kb / 6P
   NTSC CCD Video Signal Delay Elements
logo
Integrated Circuit Syst...
MN3850 ICST-MN3850 Datasheet
756Kb / 4P
   Industry Standard Military 12-bit D/A Converters
logo
API Technologies Corp
MN3850 APITECH-MN3850 Datasheet
779Kb / 4P
   Industry Standard Military 12-bit D/A Converters
logo
Integrated Circuit Syst...
MN3860 ICST-MN3860 Datasheet
836Kb / 4P
   12-bit D/A Converter with Input Register
More results

Similar Description - MN3870S

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN3890S PANASONIC-MN3890S Datasheet
53Kb / 6P
   NTSC-Compatible CCD 1 H Video Signal Delay Element
MN38663S PANASONIC-MN38663S Datasheet
70Kb / 6P
   NTSC-Compatible CCD Video Signal Delay Element
MN3885S PANASONIC-MN3885S Datasheet
52Kb / 6P
   NTSC-Compatible CCD Video Signal Delay Element
MN38664S PANASONIC-MN38664S Datasheet
39Kb / 4P
   NTSC-Compatible CCD Video Signal Delay Element
MN38662S PANASONIC-MN38662S Datasheet
58Kb / 4P
   NTSC-Compatible CCD Video Signal Delay Element
MN3880S PANASONIC-MN3880S Datasheet
43Kb / 6P
   NTSC CCD Video Signal Delay Element
MN3881S PANASONIC-MN3881S Datasheet
38Kb / 4P
   PAL-Compatible CCD Video Signal Delay Element
MN3867S PANASONIC-MN3867S Datasheet
64Kb / 6P
   PAL-Compatible CCD Video Signal Delay Element
MN3814 PANASONIC-MN3814 Datasheet
44Kb / 6P
   NTSC CCD Video Signal Delay Elements
MN3883S PANASONIC-MN3883S Datasheet
43Kb / 4P
   Full Multi-PAL-Compatible CCD Video Signal Delay Element
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com