Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

640902-1 Datasheet(PDF) 12 Page - TE Connectivity Ltd

Part # 640902-1
Description  Ultra-Fast Fully Insulated FASTON Receptacles and Tabs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

640902-1 Datasheet(HTML) 12 Page - TE Connectivity Ltd

Back Button 640902-1 Datasheet HTML 7Page - TE Connectivity Ltd 640902-1 Datasheet HTML 8Page - TE Connectivity Ltd 640902-1 Datasheet HTML 9Page - TE Connectivity Ltd 640902-1 Datasheet HTML 10Page - TE Connectivity Ltd 640902-1 Datasheet HTML 11Page - TE Connectivity Ltd 640902-1 Datasheet HTML 12Page - TE Connectivity Ltd 640902-1 Datasheet HTML 13Page - TE Connectivity Ltd 640902-1 Datasheet HTML 14Page - TE Connectivity Ltd 640902-1 Datasheet HTML 15Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
100
Catalog 82004
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 3-11
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
PIDG FASTON Receptacles and Tabs (Continued)
FASTON Terminals (Insulated and Uninsulated)
Receptacles
Related Product Data
Application Tooling — reference
Catalog 82042 for tooling
Receptacle Style
A — No dimple with wire stop
B — Dimple with wire stop
C — No dimple, no wire stop
W
L
.250
Series
W
L
.205
Series
W
L
.187
Series
.110
Series-
Standard
W
L
.110
Series-
Low Insertion
W
L
Wire Size
Dimensions
Terminal
Wire
Fits
Part Numbers
Series
Circular Mils
Style
W
L
Insulation
Insulation
Recept.
Stock
Tab
Loose
Tape
Strip
[mm2]
Nom.
Max.
Color
Diameter
Matl.
Thk.
Thk.
Piece
Mounted
Form
Max.
Red
.140
Brass
.018
.032
640903-1*
640903-2
640902-1
22-18
B
.300
.900
3.56
0.46
0.81
509-1,900
7.62
22.86
Red
.140
Brass
.018
.032
55675-12
55675-22
.
[0.26-0.96]
3.56
0.46
0.81
16-14
.300
.900
.170
.018
.032
2,050-5,180
B
Blue
Brass
640905-1*
640905-2
640904-1
[1.04-2.62]
7.62
22.86
4.32
0.46
0.81
.250
14-12
Green
.250
Brass
.018
.032
42844-1*
42844-3
60544-3
3,831-6,4701
B
.300
1.012
6.35
0.46
0.81
[1.94-3.28]
7.62
25.70
Green
.250
Phos. Brz.
.018
.032
42844-2*
.
.
6.35
0.46
0.81
Yellow
.250
Brass
.018
.032
640907-1*
640907-2
640906-1
12-10
B
.300
1.012
6.35
0.46
0.81
5,180-13,100
7.62
25.70
Yellow
.250
Phos. Brz.
.018
.032
61198-23
61198-44
61197-2 .
[2.62-6.64]
6.35
0.46
0.81
22-18
.300
.900
.145
.016
.032
509-1,900
B
Red
Brass
184262-1
184262-2
184261-1
.250
[0.26-0.96]
7.62
22.86
3.68
0.41
0.81
Low
16-14
.300
.900
.173
.016
.032
Insertion
2,050-5,180
B
Blue
Brass
184265-1
184265-2
184264-1
[1.04-2.62]
7.62
22.86
4.39
0.41
0.81
.205
22-18
Low
509-1,900
B
.250
.800
Red
.135
Brass
.016
.020
696018-1
696018-2
.
Insertion
[0.26-0.96]
6.35
20.32
3.43
0.41
0.51
Red
.140
Brass
.016
.020
640909-1*
640909-2
640908-1
22-18
3.56
0.41
0.51
509-1,900
B
.250
.800
Red/Black
.140
Brass
.016
.020
640174-1
.
.
6.35
20.32
3.56
0.41
0.51
.205
[0.26-0.96]
Red
.140
Brass
.016
.032
640911-1*
640911-2
.
3.56
0.41
0.81
Blue
.170
Brass
.016
.020
640913-1*
640913-2
.
16-14
B
.250
.800
4.32
0.41
0.51
2,050-5,180
6.35
20.32
Blue
.170
Brass
.016
.032
640915-1*
640915-2
.
[1.04-2.62]
4.32
0.41
0.81
26-24
.230
.700
.082
.016
.020
238-475
B
Yellow
Brass
641321-1*
641321-2
641320-1
[0.12-0.24]
5.84
17.78
2.08
0.41
0.51
.187
22-18
.230
.800
.140
.016
.020
509-1,900
B
5.84
20.32
Red
3.56
Brass
0.41
0.51
640917-1*
640917-2
640916-1
[0.26-0.96]
Not UL or CSA approved or listed.
1
Wire range is limited as noted.
3
Requires tool 90276-2
* Available in small packaging quantities.
2
Unplated receptacle body.
4
Requires die 58541-1
Material
Insulation — Nylon
Receptacle Body — Brass per
ASTM B-36 or phosphor bronze per
ASTM B-139
Plating — Tin per MIL-T-10727
except where noted.
Metallic Sleeve — Copper per
ASTM B-152
Plating — Tin per MIL-T-10727
Note: All part numbers are RoHS compliant.


Similar Part No. - 640902-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
640900-1 MACOM-640900-1 Datasheet
116Kb / 1P
   PIN HEADER ASSEMBLY, 5 CIRCUIT, UNIVERSAL MATE-N-LOK?
640900-2 MACOM-640900-2 Datasheet
116Kb / 1P
   PIN HEADER ASSEMBLY, 5 CIRCUIT, UNIVERSAL MATE-N-LOK?
640900-3 MACOM-640900-3 Datasheet
116Kb / 1P
   PIN HEADER ASSEMBLY, 5 CIRCUIT, UNIVERSAL MATE-N-LOK?
640901-1 MACOM-640901-1 Datasheet
152Kb / 4P
   Universal MATE-N-LOK Connectors
640903-1 MACOM-640903-1 Datasheet
67Kb / 1P
   RECEPTACLE, 250 SERIES, FASTON , PIDG, 22-18
More results

Similar Description - 640902-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
0-0928814-1 ETC2-0-0928814-1 Datasheet
535Kb / 9P
   FASTON Printed Circuit Board Tabs and Receptacles
logo
Tyco Electronics
1217754-1 MACOM-1217754-1 Datasheet
535Kb / 9P
   FASTON Printed Circuit Board Tabs and Receptacles
logo
List of Unclassifed Man...
41802 ETC2-41802 Datasheet
944Kb / 22P
   FASTON Receptacles
logo
Tyco Electronics
42710-2 MACOM-42710-2 Datasheet
944Kb / 22P
   FASTON Receptacles
141156-1 MACOM-141156-1 Datasheet
34Kb / 1P
   FASTON TABS 45. 250series
logo
Molex Electronics Ltd.
0190130026 MOLEX4-0190130026 Datasheet
119Kb / 2P
   InsulKrimp??Fully Insulated
logo
Vishay Siliconix
VS-UFB130FA40 VISHAY-VS-UFB130FA40 Datasheet
142Kb / 6P
   Fully insulated package
Revision: 31-May-16
logo
CSB Battery Co., Ltd.
HR1234WF2 CSB-BATTERY-HR1234WF2 Datasheet
363Kb / 2P
   Sealed Lead Acid Battery 12V 34W .250" Faston tabs
logo
Molex Electronics Ltd.
ATS-6400188HM MOLEX-ATS-6400188HM Datasheet
1Mb / 9P
   Tool Kit for AviKrimp??Fully Insulated and-Insulated Quick Disconnect Flags
06-17-15
logo
Vestal Electronic Devic...
IR200-22-FI-570Y VESTAL-IR200-22-FI-570Y Datasheet
139Kb / 1P
   Fully Insulated Radial, .570
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com