Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ARDUINONANO Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ARDUINONANO
Description  Arduino Nano Released under the Creative Commons Attribution Share-Alike 2.5 License
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ARDUINONANO Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ARDUINONANO Datasheet HTML 1Page - List of Unclassifed Manufacturers ARDUINONANO Datasheet HTML 2Page - List of Unclassifed Manufacturers ARDUINONANO Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
 
Arduino Nano Pin Layout
 
D1/TX
(1)
(30) VIN
D0/RX
(2)
(29) GND
RESET (3)
(28) RESET
GND (4)
(27) +5V
D2 (5)
(26) A7
D3 (6)
(25) A6
D4 (7)
(24) A5
D5 (8)
(23) A4
D6 (9)
(22) A3
D7 (10)
(21) A2
D8 (11)
(20) A1
D9 (12)
(19) A0
D10 (13)
(18) AREF
D11 (14)
(17) 3V3
D12 (15)
(16) D13
Pin No.
Name
Type
Description
1-2, 5-16
D0-D13
I/O
Digital input/output port 0 to 13
3, 28
RESET
Input
Reset (active low)
4, 29
GND
PWR
Supply ground
17
3V3
Output
+3.3V output (from FTDI)
18
AREF
Input
ADC reference
19-26
A0-A7
Input
Analog input channel 0 to 7
27
+5V
Output or
Input
+5V output (from on-board regulator) or
+5V (input from external power supply)
30
VIN
PWR
Supply voltage
 
 
 
 
 
 


Similar Part No. - ARDUINONANO

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ARDUINO101 ETC2-ARDUINO101 Datasheet
273Kb / 5P
   Try out the integrated accelerometer and gyro and discover sensor fusion
More results

Similar Description - ARDUINONANO

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A000005 ETC-A000005 Datasheet
303Kb / 4P
   The Arduino Nano is a small, complete, and breadboard-friendly board based on the ATmega328 (Arduino Nano 3.0) or ATmega168 (Arduino Nano 2.x).
logo
Arduino
ABX00083 ARDUINO-ABX00083 Datasheet
2Mb / 20P
   Arduino® Nano ESP32
08/06/2023
ABX00028 ARDUINO-ABX00028 Datasheet
477Kb / 12P
   Arduino® Nano Every
03/08/2022
ABX00027 ARDUINO-ABX00027 Datasheet
792Kb / 15P
   Arduino® Nano 33 IoT
03/08/2022
ABX00030 ARDUINO-ABX00030 Datasheet
403Kb / 12P
   Arduino® Nano 33 BLE
03/08/2022
ABX00053 ARDUINO-ABX00053 Datasheet
703Kb / 19P
   Arduino® Nano RP2040 Connect
12/07/2022
ABX00031 ARDUINO-ABX00031 Datasheet
487Kb / 14P
   Arduino® Nano 33 BLE Sense
29/08/2023
logo
List of Unclassifed Man...
APA-104-4 ETC-APA-104-4 Datasheet
3Mb / 8P
   The control circuit and the LBD share the only power source。
logo
Vishay Siliconix
6KA24_SERIES VISHAY-6KA24_SERIES Datasheet
37Kb / 2P
   Disigned for under the good applications
logo
Rohm
BD7411G-EVK-001 ROHM-BD7411G-EVK-001 Datasheet
695Kb / 3P
   Arduino Uno
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com