Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPS43 Datasheet(PDF) 3 Page - Astec America, Inc

Part # LPS43
Description  40 Watts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

LPS43 Datasheet(HTML) 3 Page - Astec America, Inc

  LPS43 Datasheet HTML 1Page - Astec America, Inc LPS43 Datasheet HTML 2Page - Astec America, Inc LPS43 Datasheet HTML 3Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Emerson Network Power and the Emerson
Network Power logo are trademarks and
service marks of Emerson Electric Co.
©2006 Emerson Electric Co.
Embedded Power for
Business-Critical Continuity
Emerson Network Power.
The global leader in enabling
business-critical continuity.
EmersonNetworkPower. com
AC Power
Connectivity
DC Power
Embedded Power
Inbound Power
Integrated Cabinet Solutions
Outside Plant
Precision Cooling
Site Monitoring and Services
Astec Power
5810 Van Allen Way
Carlsbad, CA 92008
USA
Telephone: +1 760 930 4600
Facsimile: +1 760 930 0698
Technical Support: +1 888 41 ASTEC
or +1 407 241 2752
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
Telephone: +44 (0) 1384 842 211
Facsimile: +44 (0) 1384 843 355
Units 2111-2116, Level 21
Tower 1, Metroplaza
223, Hing Fong Road
Kwai Fong, New Territories
Hong Kong
Telephone: +852 2437 9662
Facsimile: +852 2402 4426
For global contact, visit:
www.astecpower.com
technicalsupport@astec.com
While every precaution has been taken to ensure
accuracy and completeness in this literature, Astec
Power assumes no responsibility, and disclaims
all liability for damages resulting from use of this
information or for any errors or omissions.
Printed in US A
Rev. 04.13.06
LPS40 Series
3of 3
Mechanical Drawing
3.00"
(76.2)
2.55"
(64.8)
0.22"
(5.6)
1.14"
(29)
0.12"
(3)
4.55"
(115.6)
5.00"
(127)
SK 1
SK 2
1
2
3
4
5
6
0.15" (4)
DIA (4 places)
GND
1
3
N
L
M1
M2
_
+
Remote Sense
Connector
SK201
Voltage
Adj. Pot
Pin Assignments
C
Co
on
nn
ne
ecctto
orr LLP
PS
S4
41
1
LLP
PS
S4
42
2
LLP
PS
S4
43
3
LLP
PS
S4
44
4
LLP
PS
S4
45
5
LLP
PS
S4
48
8
SK1-1
Line
Line
Line
Line
Line
Line
SK1-3
Neutral
Neutral
Neutral
Neutral
Neutral
Neutral
SK2-1
+3.3V
+5V
+12V
+15V
+24V
+48V
SK2- 2
+3.3V
+5V
+12V
+15V
+24V
+48V
SK2- 3
+3.3V
+5V
+12V
+15V
+24V
+48V
SK2-4
Common Common Common Common Common Common
SK2-5
Common Common Common Common Common Common
SK2-6
Common Common Common Common Common Common
SK201-1
+Sense
+Sense
+Sense
+Sense
+Sense
+Sense
SK201-2
-Sense
-Sense
-Sense
-Sense
-Sense
-Sense
Mating Connectors
A
AC
C IIn
np
pu
utt::
Molex 09-50-8031 (USA) N
No
ott rre
eq
qu
uiirre
ed
d ffo
orr ((--T
T)) o
op
pttiio
on
n
09-91-0300 (UK)
PINS: 08-52-0113
D
DC
C O
Ou
uttp
pu
uttss::
Molex 09-50-8061 (USA) N
No
ott rre
eq
qu
uiirre
ed
d ffo
orr ((--T
T)) o
op
pttiio
on
n
09-91-0600 (UK)
PINS: 08-52-0113
R
Re
em
mo
otte
e S
Se
en
nsse
e:: Molex 22-01-2025
PINS: 08-52-0123
Astec Connector Kit #70-841-006, includes all of the above
1.
Specifications subject to change without notice.
2.
All dimensions in inches (mm), tolerance is ±0.02" (±0.5mm)
3.
Mounting holes M1 and M2 should be grounded for EMI purposes.
4.
Mounting hole M1 is safety ground connection.
5.
Specifications are for convection rating at factory settings at 115 VAC
input, 25°C unless otherwise stated.
6.
Warranty: 1 year
7.
Weight: 0.5lbs/0.23kg


Similar Part No. - LPS43

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LPS43 EMERSON-NETWORKPOWER-LPS43 Datasheet
124Kb / 3P
   Universal input
LPS43 EMERSON-NETWORKPOWER-LPS43 Datasheet
314Kb / 3P
   Universal input
logo
Artesyn Technologies
LPS43 ARTESYN-LPS43 Datasheet
589Kb / 3P
   Total Power: 40 - 55 Watts
logo
Astec America, Inc
LPS43-M ASTEC-LPS43-M Datasheet
83Kb / 3P
   40 Watts Medical
logo
Emerson Network Power
LPS43-M EMERSON-NETWORKPOWER-LPS43-M Datasheet
124Kb / 3P
   Medical safety approvals
More results

Similar Description - LPS43

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
LPT40-M ASTEC-LPT40-M Datasheet
81Kb / 3P
   40 Watts
LPT40 ASTEC-LPT40 Datasheet
82Kb / 3P
   40 Watts
SA40-1313 ASTEC-SA40-1313 Datasheet
513Kb / 2P
   40 Watts
logo
Power-One
BLP40-1005 POWER-ONE-BLP40-1005 Datasheet
118Kb / 5P
   40 Watts
logo
Astec America, Inc
APC12 ASTEC-APC12 Datasheet
183Kb / 2P
   40 Watts
logo
Emerson Network Power
DP4009N2M EMERSON-NETWORKPOWER-DP4009N2M Datasheet
297Kb / 2P
   40 Watts
logo
Anaren Microwave
250250-4X50-2 ANAREN-250250-4X50-2 Datasheet
309Kb / 2P
   40 Watts
logo
Artesyn Technologies
DP4048N2M ARTESYN-DP4048N2M Datasheet
516Kb / 2P
   DP40 40 Watts
logo
Astec America, Inc
LPS40-M ASTEC-LPS40-M Datasheet
83Kb / 3P
   40 Watts Medical
logo
Artesyn Technologies
DP4009N3M ARTESYN-DP4009N3M Datasheet
516Kb / 2P
   DP40 40 Watts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com