Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS850-3 Datasheet(PDF) 1 Page - Astec America, Inc

Part # DS850-3
Description  850 Watts 12V
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

DS850-3 Datasheet(HTML) 1 Page - Astec America, Inc

  DS850-3 Datasheet HTML 1Page - Astec America, Inc DS850-3 Datasheet HTML 2Page - Astec America, Inc DS850-3 Datasheet HTML 3Page - Astec America, Inc DS850-3 Datasheet HTML 4Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. 03.13.06
DS850-3
1of 4
Embedded Power for
Business-Critical Continuity
DS850-3
850 Watts 12V
Distributed Power System
Special Features
• Active Power Factor Correction
• EN61000-3-2 Harmonic
Compliance
• Active AC Inrush Control
• 1U X 2U Form Factor
• 15.4W/ in3
• +12Vdc Output
• +3.3vdc Stand-By
(5V standby - consult factory)
• No Minimum Load Required
• Hot Plug Operation
• N + 1 Redundant
• Internal OR'ing Fets
• Active Current Sharing
(10 - 100% load)
• Built-in Cooling Fans
(40mm x 28mm)
•I2C Communication Interface Bus
• EERPOM for FRU Data
• Red/Green Bi-Color LED Status
• Internal Fan Speed Control
• Fan Fail Tach Output Signal
• INTEL, SSI Std. Logic Timing
• INTEL, SSI Std. FRU Data Format
• One Year Warranty
Distributed Power Bulk Front-End
Total Output Power: 850 Watts
+3.3vdc Stand-by Output
Wide Range Input voltage: 90 - 264VAC
Electrical Specifications
Safety
Input
Input range
90-264 VAC (wide range)
Frequency
47-63 Hz, single phase AC
Inrush current
55A maximum inrush current
Efficiency
>82% typical at full load, high line
Conducted EMI
FCC Subpart J EN55022 Class B
Radiated EMI
FCC Subpart J EN55022 Class B
Power factor
0.99 typical
Leakage current
1.40mA @ 240VAC
Hold up time
20ms minimum
Output
Main DC voltage
+12V @ 70A
Stand-By
+3.3vsb @ 6A (5V @ 4A available)
Adjustment range
Factory Set, no pot adjustments
Regulation
+12Vdc; +5%/-5%
+3.3vsb; +5%/-5%
Over current
+12Vdc; 77A - 105A latches off if overcurrent lasts over
1 second, otherwise it is auto recovery.
+3.3vsb, 9A max (hiccup mode)
Over voltage
+12Vdc; 13.2 - 14.4vdc
+3.3vsb; 3.76 - 4.30vdc
Under voltage
+12Vdc; 9 - 10.8V (latch off)
Turn-on delay
2 Second max, 5 - 50mS, Monotonic Rise
+12VOutput Rise Time
5 - 50mS, Monotonic Rise
UL/cUL 60950 (UL Recognized)
NEMKO+ CB Report EN60950
EN60950
CE Mark
China CCC


Similar Part No. - DS850-3

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
DS850-3 EMERSON-NETWORKPOWER-DS850-3 Datasheet
126Kb / 4P
   Distributed Power System
logo
Artesyn Technologies
DS850-3 ARTESYN-DS850-3 Datasheet
575Kb / 4P
   Distributed Power Bulk Front-End
More results

Similar Description - DS850-3

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
DS650-3 ASTEC-DS650-3 Datasheet
100Kb / 4P
   650 Watts 12V
logo
Artesyn Technologies
DSR850-2 ARTESYN-DSR850-2 Datasheet
229Kb / 5P
   850 Watts Multi-Output
logo
Lineage Power Corporati...
CAR0812FP LINEAGEPOWER-CAR0812FP Datasheet
223Kb / 2P
   850 Watt 12V Front End Power Supply
rev 100728
logo
Astec America, Inc
DS850-9 ASTEC-DS850-9 Datasheet
100Kb / 4P
   850 Watts 48V Distributed Power System
DS1300-3 ASTEC-DS1300-3 Datasheet
274Kb / 4P
   1300 Watts 12V Distributed Power System
DS1500-3 ASTEC-DS1500-3 Datasheet
274Kb / 4P
   1500 Watts 12V Distributed Power System
logo
Ericsson
PTB20167 ERICSSON-PTB20167 Datasheet
47Kb / 3P
   60 Watts, 850-960 MHz RF Power Transistor
logo
Tyco Electronics
PH0810-15 MACOM-PH0810-15 Datasheet
30Kb / 2P
   Wireless Power Transistor 15 Watts, 850 - 960 MHz
logo
Sparkle Power Inc.
FSP400-60GHC SPI-FSP400-60GHC Datasheet
259Kb / 1P
   400 Watts ATX12V Switching Power Supply
FSP500-60GHC SPI-FSP500-60GHC Datasheet
262Kb / 1P
   500 Watts ATX12V Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com