Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MXD2020G Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MXD2020G
Description  Improved, Ultra Low Noise 짹1.7 g Dual Axis Accelerometer with Digital Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MXD2020G Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MXD2020G Datasheet HTML 1Page - List of Unclassifed Manufacturers MXD2020G Datasheet HTML 2Page - List of Unclassifed Manufacturers MXD2020G Datasheet HTML 3Page - List of Unclassifed Manufacturers MXD2020G Datasheet HTML 4Page - List of Unclassifed Manufacturers MXD2020G Datasheet HTML 5Page - List of Unclassifed Manufacturers MXD2020G Datasheet HTML 6Page - List of Unclassifed Manufacturers MXD2020G Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MEMSIC MXD2020G/M/N/H Rev.E
Page 2 of 7
3/25/2005
MXD2020G/H/M/N SPECIFICATIONS (Measurements @ 25°C, Acceleration = 0 g unless otherwise noted; VDD, VDA = 5.0V unless
otherwise specified)
Parameter
Conditions
Min
MXD2020G/H
Typ
Max
Min
MXD2020M/N
Typ
Max
Units
SENSOR INPUT
Measurement Range1
Each Axis
±1.7
±1.7
g
Nonlinearity
Best fit straight line
0.5
1.0
0.5
1.0
% of FS
Alignment Error2
X Sensor to Y Sensor
±1.0
±1.0
degrees
Transverse Sensitivity3
±2.0
±2.0
%
SENSITIVITY
Sensitivity, Digital Outputs at
pins
DOUTX and DOUTY
4 Change
Each Axis
19
20
21
19
20
21
% duty
cycle/g
over Temperature
-10
+8
-25
+8
%
ZERO g BIAS LEVEL
0 g Offset4
Each Axis
-0.1
0.0
+0.1
-0.1
0.0
+0.1
g
0 g Duty Cycle4
48
50
52
48
50
52
% duty
cycle
0 g Offset over Temperature
∆ from 25°C
Based on 20%/g
±1.5
±0.03
±1.5
±0.03
mg/
°C
%/
°C
NOISE PERFORMANCE
Noise Density, rms
0.2
0.4
0.2
0.4
mg/ Hz
FREQUENCY RESPONSE
3dB Bandwidth
15
17
19
15
17
19
Hz
TEMPERATURE OUTPUT
Tout Voltage
1.15
1.25
1.35
1.15
1.25
1.35
V
Sensitivity
4.6
5.0
5.4
4.6
5.0
5.4
mV/
°K
VOLTAGE REFERENCE
VRef
@3.0V-5.25V supply
2.4
2.5
2.65
2.4
2.5
2.65
V
Change over Temperature
0.1
0.1
mV/
°C
Current Drive Capability
Source
100
100
µA
SELF TEST
Continuous Voltage at DOUTX,
DOUTY under Failure
@5.0V Supply, output
rails to
supply voltage
5.0
5.0
V
Continuous Voltage at DOUTX,
DOUTY under Failure
@3.0V Supply, output
rails to
supply voltage
3.0
3.0
V
DOUTX and DOUTY OUTPUTS
Normal Output Range
Output High
Output Low
4.8
0.2
4.8
0.2
V
V
Output Frequency
MXD2020G/M
MXD2020H/N
95
380
100
400
105
420
95
380
100
400
105
420
Hz
Hz
Current
Source or sink, @
3.0V-5.25V supply
100
100
µA
Rise/Fall Time
3.0 to 5.25V supply
90
100
110
90
100
110
nS
Turn-On Time5
@5.0V Supply
@3.0V Supply
160
300
160
300
mS
mS
POWER SUPPLY
Operating Voltage Range
3.0
5.25
3.0
5.25
V
Supply Current
@ 5.0V
2.7
3.8
4.4
2.7
3.8
4.4
mA
Supply Current
@ 3.0V
3.2
4.7
5.4
3.2
4.7
5.4
mA
TEMPERATURE RANGE
Operating Range
0
+70
-40
+105
°C
NOTES
1 Guaranteed by measurement of initial offset and sensitivity.
2 Alignment error is specified as the angle between the true and indicated axis of
sensitivity.
3 Transverse sensitivity is the algebraic sum of the alignment and the inherent
sensitivity errors.
4 The device operates over a 3.0V to 5.25V supply range. Please note that sensitivity
and zero g bias level will be slightly different at 3.0V operation. For devices to be
operated at 3.0V in production, they can be trimmed at the factory specifically for
this lower supply voltage operation, in which case the sensitivity and zero g bias
level specifications on this page will be met. Please contact the factory for specially
trimmed devices for low supply voltage operation.
5 Output settled to within
±17mg.


Similar Part No. - MXD2020G

ManufacturerPart #DatasheetDescription
logo
MEMSIC Semiconductor (T...
MXD2020G MEMSIC-MXD2020G Datasheet
172Kb / 7P
   Improved, Ultra Low Noise 짹1.7 g Dual Axis Accelerometer with Digital Outputs
Rev.G
MXD2020GF MEMSIC-MXD2020GF Datasheet
172Kb / 7P
   Improved, Ultra Low Noise 짹1.7 g Dual Axis Accelerometer with Digital Outputs
Rev.G
logo
List of Unclassifed Man...
MXD2020GL ETC-MXD2020GL Datasheet
289Kb / 7P
   Improved, Ultra Low Noise Dual Axis Accelerometer with Digital Outputs
logo
MEMSIC Semiconductor (T...
MXD2020GL MEMSIC-MXD2020GL Datasheet
172Kb / 7P
   Improved, Ultra Low Noise 짹1.7 g Dual Axis Accelerometer with Digital Outputs
Rev.G
More results

Similar Description - MXD2020G

ManufacturerPart #DatasheetDescription
logo
MEMSIC Semiconductor (T...
MXD2020G MEMSIC-MXD2020G Datasheet
172Kb / 7P
   Improved, Ultra Low Noise 짹1.7 g Dual Axis Accelerometer with Digital Outputs
Rev.G
logo
List of Unclassifed Man...
MXA2500G ETC1-MXA2500G Datasheet
335Kb / 8P
   Improved, Ultra Low Noise 짹1.7 g Dual Axis Accelerometer with Absolute Outputs
MXD2020ML ETC-MXD2020ML Datasheet
289Kb / 7P
   Improved, Ultra Low Noise Dual Axis Accelerometer with Digital Outputs
logo
MEMSIC Semiconductor (T...
MXA2500G MEMSIC-MXA2500G Datasheet
560Kb / 7P
   Improved, Ultra Low Noise ??.7 g Dual Axis Accelerometer with Absolute Outputs
v1.0
logo
List of Unclassifed Man...
MXR2312G ETC1-MXR2312G Datasheet
821Kb / 6P
   Improved, Ultra Low Noise 짹2 g Dual Axis Accelerometer with Ratiometric Outputs
logo
MEMSIC Semiconductor (T...
MXD2020U MEMSIC-MXD2020U Datasheet
183Kb / 8P
   Ultra Low Noise, 짹1 g Dual Axis Accelerometer with Digital Outputs
Rev.G
MXR7999V MEMSIC-MXR7999V Datasheet
95Kb / 6P
   Low Cost 짹1.7 g Dual-Axis Accelerometer with Ratiometric Outputs
Rev.A
MXR2999G MEMSIC-MXR2999G Datasheet
179Kb / 6P
   Improved 짹1 g Dual Axis Accelerometer with Ratiometric Outputs
Rev.G
MXD2020E MEMSIC-MXD2020E Datasheet
227Kb / 8P
   Ultra Low Noise, Low offset Drift 짹1 g Dual Axis Accelerometer with Digital Outputs
Rev H
logo
List of Unclassifed Man...
MXD7210GL ETC-MXD7210GL Datasheet
647Kb / 10P
   Low Cost, Low Noise -10 g Dual Axis Accelerometer with Digital Outputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com