Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

SY88703V Datasheet(PDF) 4 Page - Micrel Semiconductor

Part No. SY88703V
Description  3.3V/5V 622Mbps PECL LOW-POWER LIMITING POST AMPLIFIER W/TTL LOS
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo 

SY88703V Datasheet(HTML) 4 Page - Micrel Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
SY88703V
Micrel, Inc.
M9999-072505
hbwhelp@micrel.com or (408) 955-1690
V
CC = 3.0V to 3.6V or 4.5V to 5.5V; RLOAD = 50Ω to VCC–2V; TA = –40°C to +85°C; typical values at VCC = 3.3V, TA = 25°C.
Symbol
Parameter
Condition
Min
Typ
Max
Units
HYS
LOS Hysteresis
electrical signal
2
4.6
8
dB
t
OFF
LOS Release Time
0.1
0.5
µs
t
ON
LOS Assert Time
0.2
0.5
µs
t
r,tf
Differential Output Rise/Fall Time
400
ps
(20% to 80%)
V
ID
Differential Input Voltage Swing
5
1800
mVp-p
V
OD
Differential Output Voltage Swing
V
ID ≥ 18mVp-p
1500
mVp-p
V
ID = 5mVp-p
400
mVp-p
V
SR
LOS Sensitivity Range
5
50
mVp-p
A
V(Diff)
Differential Voltage Gain
38
dB
B
–3dB
3dB Bandwidth
700
MHz
S
21
Single-Ended Small-Signal Gain
26
32
dB
Note 1.
Specification for packaged product only.
AC ELECTRICAL CHARACTERISTICS(Note 1)
TYPICAL OPERATING CHARACTERISTICS
0
10
20
30
40
50
60
70
80
90
100
0
-0.2 -0.4 -0.6 -0.8 -1.0 -1.2
LOS
LVL
(referenced to V
CC
) (V)
3.3V LOS Assert and Deassert
Levels vs. LOS
LVL
3.3V
T
A = 25°C
622Mbps
Pattern 223-1
0
10
20
30
40
50
60
70
80
90
100
0
-0.2 -0.4 -0.6 -0.8 -1.0 -1.2
LOS
LVL
(referenced to V
CC
) (V)
5V LOS Assert and Deassert
Levels vs. LOS
LVL
5.0V
T
A = 25°C
622Mbps
Pattern 2
23-1


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn