Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

SY88703V Datasheet(PDF) 6 Page - Micrel Semiconductor

Part No. SY88703V
Description  3.3V/5V 622Mbps PECL LOW-POWER LIMITING POST AMPLIFIER W/TTL LOS
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo 

SY88703V Datasheet(HTML) 6 Page - Micrel Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
SY88703V
Micrel, Inc.
M9999-072505
hbwhelp@micrel.com or (408) 955-1690
DATA+
2.5mV (Min.)
900mV (Max.)
5mVp-p (Min.)
1800mVp-p (Max.)
DATA—
(DATA+) — (DATA—)
VIS(mVp-p)
VID(mVp-p)
Figure 1. V
IS and VID Definition
GND
VCC
ESD
STRUCTURE
/DIN
DIN
Figure 2. Input Structure
GND
VCC
/DOUT
ESD
STRUCTURE
DOUT
Figure 3. Output Structure
LOSLVL
VCC
R1
R2
VREF
Figure 5. LOS
LVL Setting Circuit
Notes.
LOS
V
– 1.32V
R2
R1 R2
1.32V
R1 R2
2 k
LVL
CC
=+
+
×
+≥ .6 Ω
LOS
2k
VCC
Figure 4. LOS Output Structure


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn