Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PACUSB-D2YB5 Datasheet(PDF) 8 Page - California Micro Devices Corp

Part # PACUSB-D2YB5
Description  USB Downstream Port Terminator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

PACUSB-D2YB5 Datasheet(HTML) 8 Page - California Micro Devices Corp

  PACUSB-D2YB5 Datasheet HTML 1Page - California Micro Devices Corp PACUSB-D2YB5 Datasheet HTML 2Page - California Micro Devices Corp PACUSB-D2YB5 Datasheet HTML 3Page - California Micro Devices Corp PACUSB-D2YB5 Datasheet HTML 4Page - California Micro Devices Corp PACUSB-D2YB5 Datasheet HTML 5Page - California Micro Devices Corp PACUSB-D2YB5 Datasheet HTML 6Page - California Micro Devices Corp PACUSB-D2YB5 Datasheet HTML 7Page - California Micro Devices Corp PACUSB-D2YB5 Datasheet HTML 8Page - California Micro Devices Corp PACUSB-D2YB5 Datasheet HTML 9Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
8
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
▲ Tel: 408.263.3214
▲ Fax: 408.263.7846 ▲ www.calmicro.com
09/14/04
PACUSB-D1/D2/D3
Mechanical Details
PACUSB-D1/D2/D3 devices are packaged in SOT23-5
and SC70-5 packages.
SOT23-5 Mechanical Specifications:
Dimensions for PACUSB-D1/D2/D3 devices packaged
in a 5-pin SOT23 package are presented below.
For complete information on the SOT23-5 package,
see the California Micro Devices SOT23 Package
Information document.
* This is an approximate amount which may vary.
Package Dimensions for SOT23-5.
PACKAGE DIMENSIONS
Package
SOT23-5 (JEDEC name is MO-178)
Pins
5
Dimensions
Millimeters
Inches
Min
Max
Min
Max
A
--
1.45
--
0.057
A1
0.00
0.15
0.000
0.006
b
0.30
0.50
0.012
0.020
c
0.08
0.22
0.003
0.009
D
2.75
3.05
0.108
0.120
E
2.60
3.00
0.102
0.118
E1
1.45
1.75
0.057
0.069
e
0.95 BSC
0.0374 BSC
e1
1.90 BSC
0.0748 BSC
L
0.30
0.60
0.0236
0.024
L1
0.60 REF
0.024 REF
# per tape
and reel
3000 pieces*
Controlling dimension: millimeters
Mechanical Package Diagrams
TOP VIEW
54
e1
e
E1 E
b
A
SIDE VIEW
D
A1
12
3
L1
END VIEW
c
L


Similar Part No. - PACUSB-D2YB5

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PACUSB-D2YB5 ONSEMI-PACUSB-D2YB5 Datasheet
243Kb / 10P
   USB Downstream Port Terminator
June 2010 ??Rev. 2
PACUSB-D2YB5R ONSEMI-PACUSB-D2YB5R Datasheet
243Kb / 10P
   USB Downstream Port Terminator
June 2010 ??Rev. 2
More results

Similar Description - PACUSB-D2YB5

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PACUSBD ONSEMI-PACUSBD Datasheet
392Kb / 8P
   USB Downstream Port Terminator
October, 2011 ??Rev. 3
PACUSB-D1 ONSEMI-PACUSB-D1 Datasheet
243Kb / 10P
   USB Downstream Port Terminator
June 2010 ??Rev. 2
PACUSBVB ONSEMI-PACUSBVB Datasheet
248Kb / 7P
   USB Downstream Port Terminator with VBUS ESD Protection
October, 2011 ??Rev. 3
logo
California Micro Device...
PACUSBVB-D1 CALMIRCO-PACUSBVB-D1 Datasheet
846Kb / 8P
   USB Downstream Port Terminator with VBUS ESD Protection
logo
ON Semiconductor
PACUSBVB-D1 ONSEMI-PACUSBVB-D1 Datasheet
219Kb / 9P
   USB Downstream Port Terminator with VBUS ESD Protection
June 2010 ??Rev. 2
logo
Semtech Corporation
STF201-22 SEMTECH-STF201-22_04 Datasheet
181Kb / 7P
   USB Downstream Port Filter & TVS
logo
ON Semiconductor
PACUSBU ONSEMI-PACUSBU Datasheet
116Kb / 6P
   Upstream USB Port Terminator
October, 2011 ??Rev. 3
PACUSB-U1 ONSEMI-PACUSB-U1 Datasheet
114Kb / 9P
   Upstream USB Port Terminator
June 2010 ??Rev. 2
logo
California Micro Device...
PACUSB-U1 CALMIRCO-PACUSB-U1 Datasheet
118Kb / 7P
   Upstream USB Port Terminator
logo
ON Semiconductor
PACUSBU-S ONSEMI-PACUSBU-S Datasheet
115Kb / 6P
   Upstream USB Port Terminator
October, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com