Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PACUSB-D1 Datasheet(PDF) 1 Page - California Micro Devices Corp

Part # PACUSB-D1
Description  USB Downstream Port Terminator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

PACUSB-D1 Datasheet(HTML) 1 Page - California Micro Devices Corp

  PACUSB-D1 Datasheet HTML 1Page - California Micro Devices Corp PACUSB-D1 Datasheet HTML 2Page - California Micro Devices Corp PACUSB-D1 Datasheet HTML 3Page - California Micro Devices Corp PACUSB-D1 Datasheet HTML 4Page - California Micro Devices Corp PACUSB-D1 Datasheet HTML 5Page - California Micro Devices Corp PACUSB-D1 Datasheet HTML 6Page - California Micro Devices Corp PACUSB-D1 Datasheet HTML 7Page - California Micro Devices Corp PACUSB-D1 Datasheet HTML 8Page - California Micro Devices Corp PACUSB-D1 Datasheet HTML 9Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
09/14/04
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
▲ Tel: 408.263.3214
▲ Fax: 408.263.7846 ▲ www.calmicro.com
1
PACUSB-D1/D2/D3
USB Downstream Port Terminator
Features
A low-capacitance USB downstream port termina-
tor, EMI filter, and transient over-voltage (ESD)
protector in a single surface-mounted package
ESD protection to +20kV contact discharge, per
MIL-STD-883D, Method 3015
ESD protection to +15kV contact discharge, per
IEC 61000-4-2 International Standard
Compact SOT23-5 and SC70-5 package options
save board space and lower manufacturing costs
compared to discrete solutions
Capacitors matched to a precision exceeding the
USB specification
Pin-compatible with ST Microelectronics
USBDFxxW5 USB Downstream Port Terminator
Lead-free versions available
Applications
ESD protection and termination of USB
downstream ports
Desktop PCs
Notebooks
Set-top boxes
USB hubs
Product Description
The PACUSB-D1/D2/D3 is a single-channel USB
downstream-port termination network. It integrates
EMI/RFI filter components R1 and C1, as recom-
mended by the USB specification as well as the
required 15k
Ω pull-down resistors (R2) to GND. In
addition, PACUSB-D1/D2/D3 provides a very high
level of protection for sensitive electronic components
that may be subjected to electrostatic discharge (ESD).
The device pins will safely dissipate ESD strikes of
+15kV, exceeding the maximum requirements of the
IEC 61000-4-2 international standard. Using the MIL-
STD-883D (Method 3015) specification for Human
Body Model (HBM) ESD, all pins are protected from
contact discharges to +20kV.
There are three options for the value of the series
resistor R1: 15
Ω, 22Ω, and 33Ω.
This series resis-
tance, plus the USB driver output resistance, must be
close to the USB cable’s characteristic impedance of
45
Ω (each side) to minimize transmission line reflec-
tions.
The PACUSB-D1/D2/D3 is manufactured in a 5-pin
SC70 or a 5-pin SOT23 package and is available with
optional lead-free finishing.
Electrical Schematic
GND
3
4
2
1
C1
C1
R1
R1
R2
R2
5


Similar Part No. - PACUSB-D1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PACUSB-D1 ONSEMI-PACUSB-D1 Datasheet
243Kb / 10P
   USB Downstream Port Terminator
June 2010 ??Rev. 2
PACUSB-D1Y5 ONSEMI-PACUSB-D1Y5 Datasheet
243Kb / 10P
   USB Downstream Port Terminator
June 2010 ??Rev. 2
PACUSB-D1Y5R ONSEMI-PACUSB-D1Y5R Datasheet
243Kb / 10P
   USB Downstream Port Terminator
June 2010 ??Rev. 2
PACUSB-D1YB5 ONSEMI-PACUSB-D1YB5 Datasheet
243Kb / 10P
   USB Downstream Port Terminator
June 2010 ??Rev. 2
PACUSB-D1YB5R ONSEMI-PACUSB-D1YB5R Datasheet
243Kb / 10P
   USB Downstream Port Terminator
June 2010 ??Rev. 2
More results

Similar Description - PACUSB-D1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PACUSBD ONSEMI-PACUSBD Datasheet
392Kb / 8P
   USB Downstream Port Terminator
October, 2011 ??Rev. 3
PACUSB-D1 ONSEMI-PACUSB-D1 Datasheet
243Kb / 10P
   USB Downstream Port Terminator
June 2010 ??Rev. 2
PACUSBVB ONSEMI-PACUSBVB Datasheet
248Kb / 7P
   USB Downstream Port Terminator with VBUS ESD Protection
October, 2011 ??Rev. 3
logo
California Micro Device...
PACUSBVB-D1 CALMIRCO-PACUSBVB-D1 Datasheet
846Kb / 8P
   USB Downstream Port Terminator with VBUS ESD Protection
logo
ON Semiconductor
PACUSBVB-D1 ONSEMI-PACUSBVB-D1 Datasheet
219Kb / 9P
   USB Downstream Port Terminator with VBUS ESD Protection
June 2010 ??Rev. 2
logo
Semtech Corporation
STF201-22 SEMTECH-STF201-22_04 Datasheet
181Kb / 7P
   USB Downstream Port Filter & TVS
logo
ON Semiconductor
PACUSBU ONSEMI-PACUSBU Datasheet
116Kb / 6P
   Upstream USB Port Terminator
October, 2011 ??Rev. 3
PACUSB-U1 ONSEMI-PACUSB-U1 Datasheet
114Kb / 9P
   Upstream USB Port Terminator
June 2010 ??Rev. 2
logo
California Micro Device...
PACUSB-U1 CALMIRCO-PACUSB-U1 Datasheet
118Kb / 7P
   Upstream USB Port Terminator
logo
ON Semiconductor
PACUSBU-S ONSEMI-PACUSBU-S Datasheet
115Kb / 6P
   Upstream USB Port Terminator
October, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com