Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L-34HD Datasheet(PDF) 1 Page - Kingbright Corporation

Part # L-34HD
Description  T-1 (3mm) SOLID STATE LAMP
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

L-34HD Datasheet(HTML) 1 Page - Kingbright Corporation

  L-34HD Datasheet HTML 1Page - Kingbright Corporation L-34HD Datasheet HTML 2Page - Kingbright Corporation L-34HD Datasheet HTML 3Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SPEC NO: DSAA9486
REV NO: V.2
DATE: OCT/16/2002
PAGE: 1 OF 3
APPROVED : J. Lu
CHECKED :Allen Liu
DRAWN: S.J.HOU
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is
±0.25(0.01") unless otherwise noted.
3. Lead spacing is measured where the lead emerge package.
4. Specifications are subject to change without notice.
Features
!
HIGH INTENSITY.
!
LOW POWER CONSUMPTION.
!
POPULAR T-1 DIAMETER PACKAGE.
!
GENERAL PURPOSE LEADS.
!
RELIABLE AND RUGGED.
!
LONG LIFE - SOLID STATE RELIABILITY.
!
AVAILABLE ON TAPE AND REEL.
L-34HD BRIGHT RED
T-1 (3mm) SOLID STATE LAMP
Description
The Bright Red source color devices are made with Gallium
Phosphide Red Light Emitting Diode.
Package Dimensions


Similar Part No. - L-34HD

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
L-34F3BT KINGBRIGHT-L-34F3BT Datasheet
51Kb / 3P
   T-1 (3mm) INFRA-RED EMITTING DIODE
logo
List of Unclassifed Man...
L-34F3C ETC-L-34F3C Datasheet
141Kb / 5P
   INFRA-RED EMITTIMG DIODES
More results

Similar Description - L-34HD

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP132XID KINGBRIGHT-WP132XID_15 Datasheet
314Kb / 6P
   T-1 (3mm) SOLID STATE LAMP
WP132XIT KINGBRIGHT-WP132XIT_15 Datasheet
313Kb / 6P
   T-1 (3mm) SOLID STATE LAMP
WP710A10SED KINGBRIGHT-WP710A10SED_15 Datasheet
325Kb / 6P
   T-1(3mm) SOLID STATE LAMP
WP710A10SRC-J4 KINGBRIGHT-WP710A10SRC-J4_15 Datasheet
321Kb / 6P
   T-1(3mm) SOLID STATE LAMP
WP710A10SURC-E KINGBRIGHT-WP710A10SURC-E_15 Datasheet
318Kb / 6P
   T-1 (3mm) SOLID STATE LAMP
WP710A10GD5V KINGBRIGHT-WP710A10GD5V_15 Datasheet
324Kb / 6P
   T-1 (3mm) SOLID STATE LAMP
WP710A10GT KINGBRIGHT-WP710A10GT_15 Datasheet
323Kb / 6P
   T-1 (3mm) SOLID STATE LAMP
WP710A10LSRD KINGBRIGHT-WP710A10LSRD_15 Datasheet
317Kb / 6P
   T-1 (3mm) SOLID STATE LAMP
WP710A10ND KINGBRIGHT-WP710A10ND_15 Datasheet
324Kb / 6P
   T-1 (3mm) SOLID STATE LAMP
WP7104PBD-A KINGBRIGHT-WP7104PBD-A Datasheet
149Kb / 4P
   T-1 (3mm) SOLID STATE LAMP
WP7104SRD14V KINGBRIGHT-WP7104SRD14V Datasheet
402Kb / 6P
   T-1 (3mm) SOLID STATE LAMP
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com