Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ESI-7SGR1.900G04-T Datasheet(PDF) 1 Page - Hitachi Metals, Ltd

Part No. ESI-7SGR1.900G04-T
Description  7mm SQUARE THIN TYPE ISOLATOR
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI-METALS [Hitachi Metals, Ltd]
Homepage  http://www.hitachi-metals.co.jp/e
Logo 

ESI-7SGR1.900G04-T Datasheet(HTML) 1 Page - Hitachi Metals, Ltd

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
7mm SQUARE THIN TYPE ISOLATOR
MODEL
ESI-7SG [ ] 1.900 G 04 - T
(1)
(2)
(3)
(4)
(5)
(6)
(1) Series ESI-7SG ; 2.5mm Height
(2) Rotating Direction (R or L)
(3) Center Frequency
(4) G ; GHz
(5) Control No.
(6) T ; Taping
Blank ; Bulk
Specification
Frequency
Ins. Loss
Isolation
V.S.W.R.
Handling
Power
Reflection
Power
Max.
Min.
Max.
Min.
Min.
Max.
Max.
(GHz)
(dB)
(dB)
(dB)
(dB)
(W)
(W)
1.880-1.920
0.60
15
1.5
5
15
10.0
2.0
Operating Temperature(deg.C) ; -35 to +85
Impedance ; 50 ohms Typ.
Shape & Size
TBE057
OUT
I N
L
R r ot at i on
r ot at i on
I N
OUT
Attenuation
at 2f
at 3f
UNLESS OTHERWISE SPECIFIED
ALL DIMENSIONS ARE IN mm
TOLERANCES ARE +/-0.2mm
S ILVER PLAT ING
STR IP L INE
0 . 4
BO X , S T E E L
S I LVER P LAT ING
S ILVER PLAT ING
GROUND
7 .0+ / -0 .3
0 . 7 5
2 . 4
0 .4+ / -0 .15
R
2
.2
C
D
B
A
A
C
B
D
4 .4
A
O U T
o r
I N
B
I N
o r
O U T
C
G R O U N D
D
G R O U N D
Hitachi Metals, Ltd. Tottori Works


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn