Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AEQ75Y48N-63 Datasheet(PDF) 1 Page - Astec America, Inc

Part # AEQ75Y48N-63
Description  75 Amps
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AEQ75Y48N-63 Datasheet(HTML) 1 Page - Astec America, Inc

  AEQ75Y48N-63 Datasheet HTML 1Page - Astec America, Inc AEQ75Y48N-63 Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Reference Notes
AEQ75Y48 Series
(Single Output Quarter Brick)
MODEL: AEQ75Y48 SERIES
SHEET 1 OF 12
JULY 21, 2005 - REVISION 01
AEQ75Y48 Single Output: Baseplate DC-DC Converter Module
Industry Standard ¼ Brick: 36V-75V Input / 1.8V @ 75A Output Current
The AEQ75Y48 series is the latest addition to Astec’s quarter brick size offerings. At 1.8V, it delivers 75A maximum output
current at 89% Efficiency. It provides tight regulation and exhibits clean and monotonic output start up characteristics. The
new modules come with industry standard features such as Input UVLO, OCP, OVP, OTP, Output Trim, differential output
Sense pins. It also comes standard with 2 pairs of output power pins (add suffix “-3” for single pair output pin option) and
offers baseplate construction for optimum user flexibility.
Special Features
Industry Standard ¼ Brick Footprint
Redundant output power pins (with single
pair option)
Positive and Negative Enable Options
Regulation to Zero Load
High Capacitive Load Start-up
Output Trim
Input Under-Voltage Lockout
Low profile
Environmental Specifications
-40ºC to 105ºC Operating Temperature
-55ºC to 125ºC Storage Temperature
MTBF > 1 million hours
Electrical Parameters
Input
Input Range
36-75 VDC
Input Surge
100V / 100ms
Efficiency
1.8V @ 89% (Typ)
Control
Enable
TTL compatible
(Positive and Negative Enable Options)
Output
Load Current
1.8V @ 75A max
Line/Load Regulation < 1% VO
Ripple and Noise
100mVPK-PK max
Output Voltage
Adjust Range
±10% VO
Transient Response
< 100mV deviation (Typ)
50% to 75% Load Change
100
µsec settling time (Typ)
Remote Sense
+10%VO
Over Current
Protection
120% IO,MAX
Safety
UL + cUL 60950, Recognized
EN60950 through TUV-PS


Similar Part No. - AEQ75Y48N-63

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AEQ75Y48N-3 ASTEC-AEQ75Y48N-3 Datasheet
630Kb / 12P
   Industry Standard 쩌 Brick: 36V-75V Input / 1.8V @ 75A Output Current
AEQ75Y48N-TI1 ASTEC-AEQ75Y48N-TI1 Datasheet
630Kb / 12P
   Industry Standard 쩌 Brick: 36V-75V Input / 1.8V @ 75A Output Current
More results

Similar Description - AEQ75Y48N-63

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTB75N03-006 ONSEMI-NTB75N03-006 Datasheet
80Kb / 7P
   Power MOSFET 75 Amps, 30 Volts
August, 2005 ??Rev. 6
NTB75N03-6G ONSEMI-NTB75N03-6G Datasheet
80Kb / 7P
   Power MOSFET 75 Amps, 30 Volts
August, 2005 ??Rev. 6
NTB75N03L09T4G ONSEMI-NTB75N03L09T4G Datasheet
119Kb / 8P
   Power MOSFET 75 Amps, 30 Volts
August, 2013 ??Rev. 13
MTP75N05HD ONSEMI-MTP75N05HD Datasheet
89Kb / 8P
   Power MOSFET 75 Amps, 50 Volts
November, 2000 ??Rev. 4
logo
Naina Semiconductor ltd...
NFQ75 NAINA-NFQ75 Datasheet
158Kb / 2P
   Single Phase Full Controlled Bridge Rectifier, 75 Amps
NHQ75 NAINA-NHQ75 Datasheet
154Kb / 2P
   Single Phase Half Controlled Bridge Rectifier, 75 Amps
logo
ON Semiconductor
NTP75N06L ONSEMI-NTP75N06L Datasheet
72Kb / 8P
   POWER MOSFET 75 AMPS, 60 VOLTS, LOGIC LEVEL
April, 2001 ??Rev. 0
logo
First Components Intern...
75TR10 FCI-75TR10 Datasheet
173Kb / 1P
   75 Amps Glass Passivated power Rectifiers High Reliability
logo
Tyco Electronics
A-848KK MACOM-A-848KK Datasheet
57Kb / 1P
   A-848KK 2PST N.O., 75 Amps, 28 VDC
logo
Solid States Devices, I...
SDR1510JUF SSDI-SDR1510JUF Datasheet
47Kb / 2P
   15 AMPS 1000 - 1200 VOLTS 75 nsec ULTRA FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com