![]() |
Electronic Components Datasheet Search |
|
ESI-5R2.400G-T Datasheet(PDF) 1 Page - Hitachi Metals, Ltd |
|
ESI-5R2.400G-T Datasheet(HTML) 1 Page - Hitachi Metals, Ltd |
|
1 / 1 page ![]() 5mm SQUARE THIN TYPE ISOLATOR MODEL ESI-5 [ ] 2.400 G - T (1) (2) (3) (4) (5) (1) 5mm Square Lumped Element Isolator (2) Rotating Direction (R or L) (3) Center Frequency (4) G ; GHz (5) T ; Taping Blank ; Bulk Specification Frequency Ins. Loss Isolation V.S.W.R. Handling Power Reflection Power Max. Min. Max. Min. Min. Max. Max. (GHz) (dB) (dB) (dB) (dB) (W) (W) 2.350-2.450 0.60 15 1.5 5 - 5.0 1.0 Operating Temperature(deg.C) ; -35 to +85 Impedance ; 50 ohms Typ. Shape & Size Weight ; 0.2g TAE962 OUT I N L R r ot at i on r ot at i on OUT I N Attenuation at 2f at 3f 5 . 0 0 . 5 SI LVER PLATI NG GROUND SI LVER PLATI NG STRI PL I NE 3 . 0 3 . 5 B OX , ( S T E E L ) SI L VER PL ATI NG 5 . 2 R0 . 5 2 5 3 4 1 6 5 6 4 1 3 2 0 . 4 1 I N o r O U T 2 G R O U N D 3 G R O U N D 4 G R O U N D 5 G R O U N D 6 I N o r O U T UNLESS OTHERWISE SPECIFIED ALL DIMENSIONS ARE IN mm TOLERANCES ARE +/-0.2mm Hitachi Metals, Ltd. Tottori Works |