Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MN12511 Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part No. MN12511
Description  Fluorescent Display Tube Driver LSI
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

MN12511 Datasheet(HTML) 5 Page - Panasonic Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Microcontroller Peripheral LSIs
MN12511
5
s Electrical Characteristics (continued)
Note) (continued)
4. The rating for capacitance coupled spike noise that exceeds the absolute maximum rating of
−40 V and that occurs at most
once in any of the display cycles is defined as shown below.
5. Insert a capacitor of at least 0.1
µF between V
DD and VSS as close as possible to the LSI pins.
2. Operating Conditions at VSS = 0 V, Ta = −10 °C to 70 °C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Supply Voltage
VDD
4.5
5.0
5.5
V
VPP
Potential difference between VDD and VPP.

35
3. DC Characteristics at VSS = 0 V, Ta = −10 °C to 70 °C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
1) Supply current
Operating supply current
IDD
310
mA
2) Input pins NCE, OE, NSCK, and NSDI (Schmitt inputs)
High-level input voltage
VIH1
0.7VDD
VDD
V
Low-level input voltage
VIL1
VSS
 0.2V
DD
V
Input leakage current
ILK1
VIN
= 0 to 5 V

±10
µA
3) The NSDO output pin
High-level output voltage
VOH1
IOH1
= − 0.5 mA
4.5

V
Low-level output voltage
VOL1
IOL2
= 0.5 mA

0.5
V
−30 V
−40 V
−50 V
No more than 50
µs
Period T
No more than 50
µs
T
V


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn