Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ESI-5BBR0.897M02-T Datasheet(PDF) 1 Page - Hitachi Metals, Ltd

Part No. ESI-5BBR0.897M02-T
Description  5mm SQUARE THIN TYPE ISOLATOR
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI-METALS [Hitachi Metals, Ltd]
Homepage  http://www.hitachi-metals.co.jp/e
Logo HITACHI-METALS - Hitachi Metals, Ltd

ESI-5BBR0.897M02-T Datasheet(HTML) 1 Page - Hitachi Metals, Ltd

  ESI-5BBR0.897M02-T Datasheet HTML 1Page - Hitachi Metals, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
5mm SQUARE THIN TYPE ISOLATOR
MODEL ESI-5BB [ ] 0897 M 02 - T
(1)
(2)
(3)
(4) (5)
(6)
(1) Series ESI-5BB ; 2.0mm Height for 800MHz Band
(2) Rotating Direction (R or L)
(3) Center Frequency
(4) M ; MHz
(5) Control No.
(6) T ; Taping
Blank;Bulk
Specification
Frequency
Ins. Loss
Isolation
V.S.W.R.
Handling
Power
Reflection
Power
Max.
Min.
Max.
Min.
Min.
Max.
Max.
(MHz)
(dB)
(dB)
(dB)
(dB)
(W)
(W)
880-915
0.70
12
1.6
15
15
5.0
1.0
Operating Temperature(deg.C) ; -35 to +85
Impedance ; 50 ohms Typ.
Applicable to Pb free reflow soldering
Shape & Size
Weight ; 0.2g
TAE974
OUT
I N
OUT
I N
L
R r ot at i on
r ot at i on
Hitachi Metals, Ltd. Tottori Works
2
3
1
5 .0
GRO UND
S ILVER PLAT ING
STR IP L INE
1
3
2
R 0 . 5
BO X , (ST EE L )
S ILVER PLAT ING
0 . 4
0 . 4
3 . 0
5 . 2
5
6
4
5
4
6
S ILVER PLAT ING
1
I N
o r
O U T
2
G RO U N D
3
G RO U N D
4
G RO U N D
5
G RO U N D
6
I N
o r
O U T
3 . 5
UNLESS OTHERWISE SPECIFIED
ALL DIMENSIONS ARE IN mm
TOLERANCES ARE +/-0.2mm
Attenuation
at 2f
at 3f


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn