Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMCPCI102AS Datasheet(PDF) 6 Page - California Micro Devices Corp

Part # CMCPCI102AS
Description  CompactPCI Backplane Interface
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CMCPCI102AS Datasheet(HTML) 6 Page - California Micro Devices Corp

  CMCPCI102AS Datasheet HTML 1Page - California Micro Devices Corp CMCPCI102AS Datasheet HTML 2Page - California Micro Devices Corp CMCPCI102AS Datasheet HTML 3Page - California Micro Devices Corp CMCPCI102AS Datasheet HTML 4Page - California Micro Devices Corp CMCPCI102AS Datasheet HTML 5Page - California Micro Devices Corp CMCPCI102AS Datasheet HTML 6Page - California Micro Devices Corp CMCPCI102AS Datasheet HTML 7Page - California Micro Devices Corp CMCPCI102AS Datasheet HTML 8Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
‹ 2002 California Micro Devices Corp. All rights reserved.
6
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
L Tel: 408.263.3214
L Fax: 408.263.7846 L www.calmicro.com
12/05/02
&0&3&,$
3HUIRUPDQFH,QIRUPDWLRQ FRQW¶G
&DSDFLWDQFH 9DULDWLRQ ZLWK )UHTXHQF\
7KH $VLGH DQG %VLGH FDSDFLWDQFHV & DQG & ZLOO
YDU\ ZLWK IUHTXHQF\ 7KH EDFNSODQH FDSDFLWDQFH & LV
YHU\ OLQHDU RYHU D ZLGH IUHTXHQF\ UDQJH )LJXUH 
VKRZV D SORW RI LQSXW OLQH $ SLQ  PHDVXUHG ZLWK
6:B(1 9 DQG 9,2 9
)LJXUH & %DFNSODQHVLGH&DSDFLWDQFH 9DULDWLRQYV )UHTXHQF\
7KH &RPSDFW3&, GHYLFH VLGH RI WKH &0&3&,$ KDV
D IDLUO\ ORZ FDSDFLWDQFH & DW 0+] EXW LW LV KLJKHU
DWORZHU IUHTXHQFLHV
)LJXUH  VKRZV D SORW RI RXWSXW OLQH % SLQ  PHD
VXUHG DW WKH ZRUVWFDVH IRU FDSDFLWDQFH FRQGLWLRQV RI
6:B(1 9 B(1 9 B(1 9 DQG 9,2 9
7KH LQFUHDVHG FDSDFLWDQFH DW ORZ IUHTXHQFLHV LV GXH WR
WKH SDUDVLWLF FDSDFLWDQFH RI WKH VZLWFKHV FRQQHFWHG WR
WKH SXOOXS UHVLVWRUV $W KLJK IUHTXHQFLHV WKLV SDUDVLWLF
FDSDFLWDQFH LVGHFRXSOHG E\ WKHSXOOXSUHVLVWRUV
)LJXUH  & 'HYLFHVLGH &DSDFLWDQFH 9DULDWLRQ YV )UHTXHQF\


Similar Part No. - CMCPCI102AS

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CMCPCI102B CALMIRCO-CMCPCI102B Datasheet
222Kb / 8P
   CompactPCI Backplane Interface
CMCPCI102BR CALMIRCO-CMCPCI102BR Datasheet
222Kb / 8P
   CompactPCI Backplane Interface
CMCPCI102BT CALMIRCO-CMCPCI102BT Datasheet
222Kb / 8P
   CompactPCI Backplane Interface
More results

Similar Description - CMCPCI102AS

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CMCPCI102B CALMIRCO-CMCPCI102B Datasheet
222Kb / 8P
   CompactPCI Backplane Interface
CMCPCI101 CALMIRCO-CMCPCI101 Datasheet
216Kb / 7P
   CompactPCI Backplane Interface / Termination IC
logo
Adlink Technology Inc.
CPCIS-ET2632 ADLINK-CPCIS-ET2632 Datasheet
278Kb / 2P
   3U CompactPCI Subsystem with 8-slot Backplane
logo
List of Unclassifed Man...
CPCIS-2642 ETC2-CPCIS-2642 Datasheet
346Kb / 1P
   3U CompactPCI Subsystem with 13-slot Backplane, 2 1 CompactPCI Redundant Power Modules
logo
Advantech Co., Ltd.
MIC-3001 ADVANTECH-MIC-3001 Datasheet
188Kb / 2P
   4U CompactPCI Enclosure with 8 slot 3U Backplane
MIC-3002A ADVANTECH-MIC-3002A Datasheet
58Kb / 1P
   4U CompactPCI Enclosure with 6-slot 3U Backplane
logo
List of Unclassifed Man...
CPCIS-ET2600 ETC2-CPCIS-ET2600 Datasheet
542Kb / 1P
   3U CompactPCI Subsystem with 8-slot Backplane and 1 1 CompactPCI ETT Redundant Power Modules
CPCIS-2633 ETC2-CPCIS-2633 Datasheet
564Kb / 1P
   3U CompactPCI Subsystem with 8-slot Backplane and 1 1 CompactPCI ETT Redundant Power Modules
logo
Linear Technology
LTC4240 LINER-LTC4240_15 Datasheet
499Kb / 28P
   CompactPCI Hot Swap Controller with I2C Compatible Interface
logo
CONEC Elektronische Bau...
CPH38W23MARASK9X CONEC-CPH38W23MARASK9X Datasheet
70Kb / 1P
   CompactPCI
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com