Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADN5-24-1PM Datasheet(PDF) 2 Page - Astec America, Inc

Part # ADN5-24-1PM
Description  60-480 Watts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ADN5-24-1PM Datasheet(HTML) 2 Page - Astec America, Inc

  ADN5-24-1PM Datasheet HTML 1Page - Astec America, Inc ADN5-24-1PM Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EUROPE
Astec House, Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX, UK
Telephone: 44 (1384) 842-211
Facsimile: 44 (1384) 843-355
AMERICAS
5810 Van Allen Way
Carlsbad, CA 92008
Telephone: 760-930-4600
Facsimile: 760-930-0698
191
www.astecpower.com
Ordering Information
ASIA
Units 2111-2116, Level 21
Tower1, Metroplaza
223, Hing Fong Road
Kwai Fong, New Territories
Hong Kong
Telephone: 852-2437-9662
Facsimile: 852-2402-4426
Model
Weight
Power
Voltage
Current
Case Type
ADN2.5-24-1PM
1.6 lbs. (725g)
60W
85-264VAC
2.5A
metal
90-375VDC
ADN4-24-1PP
0.7 lbs. (320g)
93W
85-132 / 176-264VAC
3.8A
plastic
210-375VDC
ADN4-24-1PM
2.4 lbs. (1055g)
100W
85-132 / 176-264VAC
4A
metal
210-375VDC
ADN5-24-1PM
2.4 lbs. (1055g)
120W
85-132 / 176-264VAC
5A
metal
210-375VDC
ADN10-24-1PM
3.3 lbs. (1480g)
240W
85-132 / 176-264VAC
10A
metal
210-375VDC
ADN20-24-1PM
3.4 lbs. (1520g)
480W
85-132 / 176-264VAC
20A
metal
DIMENSIONS(inches)
Height
Width
Depth
ADN2.5-24-1PM
4.88
1.97
4.55
ADN4-24-1PP
2.95
2.85
3.80
ADN4-24-1PM
4.88
2.56
4.55
ADN5-24-1PM
4.88
2.56
4.55
ADN10-24-1PM
4.88
3.26
4.55
ADN20-24-1PM
4.88
6.88
4.66
ADN2.5 thru ADN10
ADN20


Similar Part No. - ADN5-24-1PM

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
ADN5-24-1PM EMERSON-NETWORKPOWER-ADN5-24-1PM Datasheet
703Kb / 3P
   Power Supply
logo
Astec America, Inc
ADN5-24-1PM ASTEC-ADN5-24-1PM Datasheet
730Kb / 3P
   Adjusable Voltage
logo
Emerson Network Power
ADN5-24-1PM EMERSON-NETWORKPOWER-ADN5-24-1PM Datasheet
730Kb / 3P
   ADN Series 60-480 Watts
ADN5-24-1PM-C EMERSON-NETWORKPOWER-ADN5-24-1PM-C Datasheet
506Kb / 3P
   Slim form factor 120 - 480 Watts
logo
Artesyn Technologies
ADN5-24-1PM-C ARTESYN-ADN5-24-1PM-C Datasheet
516Kb / 3P
   Total Power: 120-960 Watts
More results

Similar Description - ADN5-24-1PM

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
ADN2.5-24-1PM EMERSON-NETWORKPOWER-ADN2.5-24-1PM Datasheet
730Kb / 3P
   ADN Series 60-480 Watts
logo
Astec America, Inc
DAS60-480 ASTEC-DAS60-480 Datasheet
137Kb / 2P
   60 Watts
ALQ15AF48N-6 ASTEC-ALQ15AF48N-6 Datasheet
408Kb / 2P
   60 Watts
LPS50-M ASTEC-LPS50-M Datasheet
595Kb / 2P
   60 Watts
logo
Anaren Microwave
60-50TP ANAREN-60-50TP Datasheet
284Kb / 2P
   60 Watts
logo
Astec America, Inc
DPS50-M ASTEC-DPS50-M Datasheet
465Kb / 2P
   60 Watts
APA18 ASTEC-APA18 Datasheet
202Kb / 2P
   60 Watts
logo
Emerson Network Power
NPS62-M EMERSON-NETWORKPOWER-NPS62-M Datasheet
388Kb / 3P
   60 Watts
logo
Astec America, Inc
APC18 ASTEC-APC18 Datasheet
749Kb / 2P
   60 Watts
LPS50 ASTEC-LPS50 Datasheet
595Kb / 2P
   60 Watts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com