Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESI-4DCR0.836M01-T Datasheet(PDF) 1 Page - Hitachi Metals, Ltd

Part # ESI-4DCR0.836M01-T
Description  4mm SQUARE THIN TYPE ISOLATOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI-METALS [Hitachi Metals, Ltd]
Direct Link  http://www.hitachi-metals.co.jp/e
Logo HITACHI-METALS - Hitachi Metals, Ltd

ESI-4DCR0.836M01-T Datasheet(HTML) 1 Page - Hitachi Metals, Ltd

  ESI-4DCR0.836M01-T Datasheet HTML 1Page - Hitachi Metals, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
4mm SQUARE THIN TYPE ISOLATOR
MODEL
ESI-4DC [ ] 0836 M 01- T
(1)
(2)
(3)
(4)
(5)
(6)
(1) Series ESI-4DC ; 1.8mm Height
(2) Rotating Direction (R or L)
(3) Center Frequency
(4) M ; MHz
(5) Control No.
(6) T ; Taping
Blank ; Bulk
Target Specification
Frequency
Ins. Loss
Isolation
V.S.W.R.
Handling
Power
Reflection
Power
Max.
Min.
Max.
Min.
Min.
Max.
Max.
(MHz)
(dB)
(dB)
(dB)
(dB)
(W)
(W)
824-849
0.75
12
1.6
15
15
5.0
1.0
Operating Temperature(deg.C) ; -35 to +85
Impedance ; 50 ohms Typ.
Shape & Size
TAE593-4
Attenuation
at 2f
at 3f
Hitachi Metals, Ltd. Tottori Works
UNLESS OTHERWISE SPECIFIED
ALL DIMENSIONS ARE IN mm
TOLERANCES ARE +/-0.2mm
OUT
I N
L
R r ot at i on
r ot at i on
OUT
I N
5
2
3
2 . 0
6
1
4
5
2
4
1
6
3
GROUND
SI LVER PLATI NG
4 . 0
STRI P L I NE
SI LVER PLATI NG
4 . 4
1 . 4 6
STEEL CASE
SI LVER PLATI NG
0 . 4 0
3 GROUND
4 GROUND
5 GROUND
6 OUT o r
I N
1 I N o r
OUT
2 GROUND
+ 0 . 1
- 0 . 1
+ 0 . 1
- 0 . 1


Similar Part No. - ESI-4DCR0.836M01-T

ManufacturerPart #DatasheetDescription
logo
Hitachi Metals, Ltd
ESI-4DCR0.911M01 HITACHI-METALS-ESI-4DCR0.911M01 Datasheet
23Kb / 1P
   4mm SQUARE THIN TYPE ISOLATOR
ESI-4DCR0.911M01-T HITACHI-METALS-ESI-4DCR0.911M01-T Datasheet
23Kb / 1P
   4mm SQUARE THIN TYPE ISOLATOR
More results

Similar Description - ESI-4DCR0.836M01-T

ManufacturerPart #DatasheetDescription
logo
Hitachi Metals, Ltd
ESI-4AFR2.017G01-T HITACHI-METALS-ESI-4AFR2.017G01-T Datasheet
24Kb / 1P
   4mm SQUARE THIN TYPE ISOLATOR
ESI-4AFR1.444G01-T HITACHI-METALS-ESI-4AFR1.444G01-T Datasheet
24Kb / 1P
   4mm SQUARE THIN TYPE ISOLATOR
ESI-4AGR1.855G01-T HITACHI-METALS-ESI-4AGR1.855G01-T Datasheet
24Kb / 1P
   4mm SQUARE THIN TYPE ISOLATOR
ESI-4AGR1.441G01-T HITACHI-METALS-ESI-4AGR1.441G01-T Datasheet
21Kb / 1P
   4mm SQUARE THIN TYPE ISOLATOR
ESI-4AGR1.842G01-T HITACHI-METALS-ESI-4AGR1.842G01-T Datasheet
24Kb / 1P
   4mm SQUARE THIN TYPE ISOLATOR
ESI-4AGR1.489G01-T HITACHI-METALS-ESI-4AGR1.489G01-T Datasheet
24Kb / 1P
   4mm SQUARE THIN TYPE ISOLATOR
ESI-4DCR0.911M01-T HITACHI-METALS-ESI-4DCR0.911M01-T Datasheet
23Kb / 1P
   4mm SQUARE THIN TYPE ISOLATOR
ESI-4AFR1.880G01-T HITACHI-METALS-ESI-4AFR1.880G01-T Datasheet
18Kb / 1P
   4mm SQUARE THIN TYPE ISOLATOR
ESI-4AGR1.747G01-T HITACHI-METALS-ESI-4AGR1.747G01-T Datasheet
24Kb / 1P
   4mm SQUARE THIN TYPE ISOLATOR
ESI-4AGR1.765G01-T HITACHI-METALS-ESI-4AGR1.765G01-T Datasheet
24Kb / 1P
   4mm SQUARE THIN TYPE ISOLATOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com