Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSKS5400S Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TSKS5400S
Description  GaAs Infrared Emitting Diode in Side View Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSKS5400S Datasheet(HTML) 2 Page - Vishay Siliconix

  TSKS5400S Datasheet HTML 1Page - Vishay Siliconix TSKS5400S Datasheet HTML 2Page - Vishay Siliconix TSKS5400S Datasheet HTML 3Page - Vishay Siliconix TSKS5400S Datasheet HTML 4Page - Vishay Siliconix TSKS5400S Datasheet HTML 5Page - Vishay Siliconix TSKS5400S Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TSKS5400S
Vishay Semiconductors
www.vishay.com
2 (6)
Rev. 1, 30–Apr–02
Document Number 81074
Basic Characteristics
Tamb = 25°C
Parameter
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Forward voltage
IF = 100 mA, tp x 20 ms
VF
1.3
1.7
V
Reverse voltage
IR = 10 µA
VVR
6
V
Junction capacitance
VR =0 V, f = 1 MHz, E = 0
Cj
50
pF
Radiant intensity
IF = 50 mA, tp x 20 ms
Ie
2
7
mW/ sr
Radiant power
IF = 50 mA, tp x 20 ms
φe
10
mW
Temp. coefficient of
φe
IF = 50 mA
TKφe
–1.0
%K
Angle of half sensitivity
ϕ
±30
°
Peak wavelength
IF = 50 mA
λ p
950
nm
Spectral bandwidth
IF = 50 mA
∆λ
50
nm
Rise time
IF = 1 A, tp/T = 0.01, tp x 10 µs
tr
400
ns
Fall time
IF = 1 A, tp/T = 0.01, tp x 10 µs
tf
450
ns
Typical Characteristics (Tamb = 25_C, unless otherwise specified)
0
50
100
150
200
0
20406080
100
Tamb – Ambient Temperature ( °C )
14846
RthJA
Figure 1. Power Dissipation vs. Ambient Temperature
0
25
50
75
100
125
0
20406080
100
Tamb – Ambient Temperature ( °C )
14847
RthJA
Figure 2. Forward Current vs. Ambient Temperature
01
2
3
VF – Forward Voltage ( V )
4
94 7996 e
101
100
102
103
104
10–1
Figure 3. Forward Current vs. Forward Voltage
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
–45 –30 –15
0
15
30
45
60
75
90
Tamb – Ambient Temperature ( °C )
14347
IF = 10 mA
Figure 4. Forward Voltage vs. Ambient Temperature


Similar Part No. - TSKS5400S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSKS5400S VISHAY-TSKS5400S Datasheet
114Kb / 6P
   Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
Rev. 1.6, 05-Sep-08
TSKS5400S VISHAY-TSKS5400S Datasheet
109Kb / 6P
   Infrared Emitting Diode, 950 nm, GaAs
Rev. 1.8, 03-Sep-13
TSKS5400S VISHAY-TSKS5400S Datasheet
110Kb / 6P
   Infrared Emitting Diode, 950 nm, GaAs
01-Jan-2022
TSKS5400S VISHAY-TSKS5400S_08 Datasheet
114Kb / 6P
   Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
Rev. 1.6, 05-Sep-08
TSKS5400S VISHAY-TSKS5400S_13 Datasheet
109Kb / 6P
   Infrared Emitting Diode, 950 nm, GaAs
Rev. 1.8, 03-Sep-13
More results

Similar Description - TSKS5400S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CQX48 VISHAY-CQX48 Datasheet
74Kb / 5P
   GaAs Infrared Emitting Diode in Side View Package
Rev. 5, 16-Nov-99
TSKS5400 VISHAY-TSKS5400 Datasheet
91Kb / 5P
   GaAs Infrared Emitting Diode in Side View Package
Rev. A7, 15-Dez-99
logo
TEMIC Semiconductors
TSKS5412X01 TEMIC-TSKS5412X01 Datasheet
104Kb / 7P
   GaAs Infrared Emitting Diode in Side View Package
logo
Vishay Siliconix
TSSF4500 VISHAY-TSSF4500 Datasheet
50Kb / 3P
   High Speed Infrared Emitting Diode in Side View Package
Rev. 3, 20-May-99
TSSS2600 VISHAY-TSSS2600 Datasheet
98Kb / 5P
   GaAs IR Emitting Diode in Side View Miniature Package
Rev. 2, 20-May-99
logo
Unity Opto Technology
MIE-134G2 UOT-MIE-134G2 Datasheet
39Kb / 2P
   GaAs/GaAs SIDE LOOK PACKAGE INFRARED EMITTING DIODE
MIE-11RG1 UOT-MIE-11RG1 Datasheet
29Kb / 2P
   GaAs SIDE LOOK PACKAGE INFRARED EMITTING DIODE
MIE-114G1 UOT-MIE-114G1 Datasheet
30Kb / 2P
   GaAs SIDE LOOK PACKAGE INFRARED EMITTING DIODE
MIE-144G1 UOT-MIE-144G1 Datasheet
31Kb / 2P
   GaAs SIDE LOOK PACKAGE INFRARED EMITTING DIODE
logo
Vitesse Semiconductor C...
TSMS3700 VITESSE-TSMS3700 Datasheet
54Kb / 6P
   GaAs Infrared Emitting Diode in SMT Package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com