Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM2769BRB1 Datasheet(PDF) 5 Page - New Japan Radio

Part # NJM2769BRB1
Description  HEADPHONE AMPLIFIER for CD-ROM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2769BRB1 Datasheet(HTML) 5 Page - New Japan Radio

  NJM2769BRB1 Datasheet HTML 1Page - New Japan Radio NJM2769BRB1 Datasheet HTML 2Page - New Japan Radio NJM2769BRB1 Datasheet HTML 3Page - New Japan Radio NJM2769BRB1 Datasheet HTML 4Page - New Japan Radio NJM2769BRB1 Datasheet HTML 5Page - New Japan Radio NJM2769BRB1 Datasheet HTML 6Page - New Japan Radio NJM2769BRB1 Datasheet HTML 7Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
NJM2769B
-5 -
TYPICAL CHARACTERISTICS
0
0.5
1
1.5
2
2.5
3
3.5
4
0
1
23
45
6
Oprating Current vs. Operating Voltage
Operating Voltage (V)
(MUTE=V+)
0
0.5
1
1.5
2
2.5
3
3.5
4
-40 -20
0
204060
80 100 120
Operating Current vs. Ambient Temperature
Ambient Temperature (
oC)
V
+=5V
V
+=2.8V
0
0.5
1
1.5
2
2.5
3
01
23
4
5
6
Reference Voltage vs. Operating Voltage
Operating Voltage (V)
0
0.5
1
1.5
2
2.5
3
-40 -20
0
204060
80 100 120
Reference Voltage vs. Ambient Temperature
Ambient Temperature (
oC)
V
+=5V
V
+=2.8V
0
50
100
150
200
250
300
350
400
0
20
406080
100
120
Power Dissipation vs.Output Power
Output Power (mW)
THD=10%
(V+=5V,f=1KHz)
RL=32
RL=16
0
20
40
60
80
100
120
0
5
10
15
20
25
Power Dissipation vs.Output Power
Output Power (mW)
THD=10%
(V+=2.8V,f=1KHz)
RL=32
RL=16


Similar Part No. - NJM2769BRB1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2769 NJRC-NJM2769 Datasheet
101Kb / 4P
   HAEDPHONE AMPLIFIER for CD-ROM
NJM2769A NJRC-NJM2769A Datasheet
101Kb / 4P
   HAEDPHONE AMPLIFIER for CD-ROM
NJM2769AM NJRC-NJM2769AM Datasheet
101Kb / 4P
   HAEDPHONE AMPLIFIER for CD-ROM
More results

Similar Description - NJM2769BRB1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2768BM NJRC-NJM2768BM Datasheet
320Kb / 8P
   HEADPHONE AMPLIFIER for CD-ROM
logo
Rohm
BA3530FS ROHM-BA3530FS Datasheet
77Kb / 6P
   Headphone amplifier with internal LPF and EVR for CD-ROM
BH3540AFS ROHM-BH3540AFS Datasheet
77Kb / 5P
   Headphone amplifier with internal LPF and EVR for CD-ROM
BH3541F ROHM-BH3541F Datasheet
122Kb / 8P
   Headphone amplifier for CD-ROMs
logo
Unisonic Technologies
3544 UTC-3544_09 Datasheet
338Kb / 10P
   HEADPHONE AMPLIFIER FOR CD-ROMS
3544 UTC-3544_15 Datasheet
354Kb / 10P
   HEADPHONE AMPLIFIER FOR CD-ROMS
3544 UTC-3544 Datasheet
92Kb / 9P
   HEADPHONE AMPLIFIER FOR CD-ROMS
logo
Sony Corporation
CXA2555Q SONY-CXA2555Q Datasheet
331Kb / 22P
   RF Amplifier for CD Player/CD-ROM
CXA2556Q SONY-CXA2556Q Datasheet
318Kb / 22P
   RF Amplifier for CD Player/CD-ROM
logo
New Japan Radio
NJM2768 NJRC-NJM2768 Datasheet
100Kb / 4P
   HAEDPHONE AMPLIFIER for CD-ROM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com