Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM9156B Datasheet(PDF) 1 Page - California Micro Devices Corp

Part # CM9156B
Description  Charge-Pump White LED Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM9156B Datasheet(HTML) 1 Page - California Micro Devices Corp

  CM9156B Datasheet HTML 1Page - California Micro Devices Corp CM9156B Datasheet HTML 2Page - California Micro Devices Corp CM9156B Datasheet HTML 3Page - California Micro Devices Corp CM9156B Datasheet HTML 4Page - California Micro Devices Corp CM9156B Datasheet HTML 5Page - California Micro Devices Corp CM9156B Datasheet HTML 6Page - California Micro Devices Corp CM9156B Datasheet HTML 7Page - California Micro Devices Corp CM9156B Datasheet HTML 8Page - California Micro Devices Corp CM9156B Datasheet HTML 9Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
© 2006 California Micro Devices Corp. All rights reserved.
04/26/06
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
l
Tel: 408.263.3214
l
Fax: 408.263.7846
l
www.cmd.com
1
CM9156B
PRELIMINARY
Features
3.0V to 6.5V input voltage range
Dual mode operation; 1x and 1.5x
Fixed 4.5V output with initial accuracy of ± 2%
Supports up to 180mA (@4V) output
High efficiency at both high and low input voltage
Low external parts count, requires no inductor
PWM brightness control via the ENA pin
Selectable 262kHz or 650kHz switching frequency
Low shutdown current of <1µA
Soft start prevents excessive inrush current
Over-temperature and over-current protection
Low output ripple (<1%), low EMI
Input protection provides superior ESD rating,
requiring only standard handling precautions
TDFN-10 or MSOP-10 package
Optional RoHS compliant lead free package
Applications
²
Drive white LEDs to backlight color LCDs
²
Drive white or RGB LEDs for camera flash
²
Cellular phones
²
MP3 players
•PDAs, GPS
Product Description
CM9156B is an efficient 1.5x switched capacitor
(charge pump) regulator ideal for white LED applica-
tions. It has a regulated 4.5V, 120mA output, capable
of driving up to six parallel white LEDs. With a typical
operating input voltage range from 3.0V to 6.0V, the
CM9156B can be operated from a single-cell Li-Ion
battery.
It features an efficient, 1.5x charge-pump circuit that
uses only two 1.0µF ceramic bucket capacitors and
two small capacitors for VIN and VOUT. The CM9156B
offers a selectable switching frequency of 262kHz or
650kHz. The LED brightness can be adjusted by apply-
ing a PWM signal on the ENA pin.
The CM9156B output voltage is regulated to 4.5V, ±
5% over the line and load ranges. Up 180mA of output
current is available. The proprietary design architec-
ture maintains high efficiency (> 80%), and at low VIN
provides longer battery life. With a high VIN, or when
the adapter is powered, it provides cool reliable opera-
tion. It offers low output voltage ripple, typically less
than 50mV. Internal over-temperature and over-current
management provide short circuit protection.
The CM9156B is packaged in either a space saving
10-Lead TDFN or 10-Lead MSOP package. It can
operate over the industrial temperature range of –
25-°C to 85-°C.
.
1.0uF
1.0uF
4.5V
3.0V to 6.0V
1.0uF
C1P
VOUT
VIN
CL K
C1N
C2P
GND
ENA
C2N
CM9156B
1.0uF
PhotonICTM
Typical Application
Charge-Pump White LED Driver


Similar Part No. - CM9156B

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM9156A CALMIRCO-CM9156A Datasheet
561Kb / 15P
   Charge Pump White LED Driver
CM9156A-01DE CALMIRCO-CM9156A-01DE Datasheet
561Kb / 15P
   Charge Pump White LED Driver
CM9156A-01MR CALMIRCO-CM9156A-01MR Datasheet
561Kb / 15P
   Charge Pump White LED Driver
More results

Similar Description - CM9156B

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM9156A CALMIRCO-CM9156A Datasheet
561Kb / 15P
   Charge Pump White LED Driver
logo
Orister Corporation
RS9360A ORISTER-RS9360A Datasheet
483Kb / 8P
   Charge-Pump White LED Driver
logo
SG Micro Corp
SGM3144 SGMICRO-SGM3144 Datasheet
310Kb / 12P
   Charge Pump White LED Driver
logo
California Micro Device...
CM9153 CALMIRCO-CM9153 Datasheet
489Kb / 12P
   Charge Pump White LED Driver
logo
Allegro MicroSystems
A8435 ALLEGRO-A8435 Datasheet
387Kb / 9P
   High Efficiency Charge Pump White LED Driver
logo
Sipex Corporation
SP6687 SIPEX-SP6687 Datasheet
246Kb / 12P
   4 Channel Charge Pump White LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1315 YOBON-YB1315 Datasheet
786Kb / 10P
   High Efficiency Charge Pump White LED Driver
logo
Rohm
BD2606MVV ROHM-BD2606MVV Datasheet
1Mb / 20P
   6-Channel Charge Pump White LED Driver
logo
ON Semiconductor
CAT3604AHV4-T2 ONSEMI-CAT3604AHV4-T2 Datasheet
238Kb / 11P
   4-Channel Regulated Charge Pump White LED Driver
November, 2010 ??Rev. 0
CAT3604HV4-T2 ONSEMI-CAT3604HV4-T2 Datasheet
388Kb / 12P
   4-Channel Regulated Charge Pump White LED Driver
Doc. No. MD-5009 Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com