Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRHSLNA57064 Datasheet(PDF) 6 Page - International Rectifier

Part # IRHSLNA57064
Description  RAD-HARD SYNCHRONOUS RECTIFIER SURFACE MOUNT (SMD-2)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHSLNA57064 Datasheet(HTML) 6 Page - International Rectifier

  IRHSLNA57064 Datasheet HTML 1Page - International Rectifier IRHSLNA57064 Datasheet HTML 2Page - International Rectifier IRHSLNA57064 Datasheet HTML 3Page - International Rectifier IRHSLNA57064 Datasheet HTML 4Page - International Rectifier IRHSLNA57064 Datasheet HTML 5Page - International Rectifier IRHSLNA57064 Datasheet HTML 6Page - International Rectifier IRHSLNA57064 Datasheet HTML 7Page - International Rectifier IRHSLNA57064 Datasheet HTML 8Page - International Rectifier IRHSLNA57064 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
IRHSLNA57064
6
www.irf.com
Pre-Irradiation
Fig 7a. Switching Time Test Circuit
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
Fig 7b. Switching Time Waveforms
VDS
Pulse Width
≤ 1 µs
Duty Factor
≤ 0.1 %
RD
VGS
RG
D.U.T.
+
-VDD
Fig 8. Maximum Effective Transient Thermal Impedance, Junction-to-Case, MOSFET
Fig 6. Maximum Drain Current Vs.
Case Temperature
25
50
75
100
125
150
0
50
100
150
200
T , Case Temperature ( C)
°
C

LIMITED BY PACKAGE
0.001
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1

Notes:
1. Duty factor D = t / t
2. Peak T = P
x Z
+ T
1
2
J
DM
thJC
C

P
t
t
DM
1
2
t , Rectangular Pulse Duration (sec)
1
0.01
0.02
0.05
0.10
0.20
D = 0.50

SINGLE PULSE
(THERMAL RESPONSE)
VGS


Similar Part No. - IRHSLNA57064

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHSLNA57064 IRF-IRHSLNA57064 Datasheet
120Kb / 9P
   Simple Drive Requirements
IRHSLNA57064 IRF-IRHSLNA57064_15 Datasheet
120Kb / 9P
   Simple Drive Requirements
More results

Similar Description - IRHSLNA57064

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHSNA57064 IRF-IRHSNA57064 Datasheet
114Kb / 9P
   RAD-HARD SYNCHRONOUS RECTIFIER SURFACE MOUNT(SMD-2)
IRHSLNA57Z60 IRF-IRHSLNA57Z60 Datasheet
130Kb / 9P
   RAD-HARD IRHSLNA57Z60 RECTIFIER SURFACE MOUNT (SMD-2)
IRHSNA57Z60 IRF-IRHSNA57Z60 Datasheet
113Kb / 9P
   RAD-HARD SYNCHRONOUS RECTIFIER SURFACE MOUNT (SMD-2) 30V N-CHANNEL
logo
Intersil Corporation
ISL70001SEH INTERSIL-ISL70001SEH Datasheet
587Kb / 17P
   Rad Hard and SEE Hard 6A Synchronous Buck Regulator
ISL70001ASEH INTERSIL-ISL70001ASEH Datasheet
1Mb / 25P
   Rad Hard and SEE Hard 6A Synchronous Buck Regulator
logo
STMicroelectronics
M54HC161 STMICROELECTRONICS-M54HC161_04 Datasheet
652Kb / 12P
   RAD-HARD SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
M54HC160 STMICROELECTRONICS-M54HC160_04 Datasheet
663Kb / 12P
   RAD-HARD SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
M54HC163 STMICROELECTRONICS-M54HC163_04 Datasheet
643Kb / 12P
   RAD-HARD SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
M54HC193 STMICROELECTRONICS-M54HC193 Datasheet
353Kb / 13P
   RAD-HARD SYNCHRONOUS UP/DOWN BINARY COUNTER
logo
Anaren Microwave
MSK5063RH ANAREN-MSK5063RH Datasheet
704Kb / 12P
   RAD HARD HIGH VOLTAGE SYNCHRONOUS SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com