Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTBX4443XN3 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # DTBX4443XN3
Description  NPN Digital Transistors (Built-in Resistors)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

DTBX4443XN3 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  DTBX4443XN3 Datasheet HTML 1Page - Cystech Electonics Corp. DTBX4443XN3 Datasheet HTML 2Page - Cystech Electonics Corp. DTBX4443XN3 Datasheet HTML 3Page - Cystech Electonics Corp. DTBX4443XN3 Datasheet HTML 4Page - Cystech Electonics Corp. DTBX4443XN3 Datasheet HTML 5Page - Cystech Electonics Corp. DTBX4443XN3 Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C380N3
Issued Date : 2005.04.15
Revised Date :2005.06.24
Page No. : 2/6
DTD143TN3
CYStek Product Specification
Characteristics (Ta=25℃)
Parameter
Symbol
Min. Typ. Max. Unit
Test Conditions
Collector-Base Breakdown Voltage
VCBO
50
-
-
V
IC=50µA
Collector-Emitter Breakdown
Voltage
VCEO
40
-
-
V
IC=1mA
Emitter-Base Breakdown Voltage
VEBO
5
-
-
V
IE=50µA
Collector-Base Cutoff Current
ICBO
-
-
0.5
µA
VCB=50V
Emitter-Base Cutoff Current
IEBO
-
-
0.5
µA
VEB=4V
Collector-Emitter Saturation
Voltage
VCE(sat)
-
40
60
mV IC=50mA, IB=2.5mA
DC Current Gain
hFE
100
-
600
-
VCE=5V, IC=50mA
Input Resistance
R1
3.29
4.7
6.11
k
Ω -
Transition Frequency
fT
-
200
-
MHz VCE=10V, IC=50mA, f=100MHz *
* Transition frequency of the device
Ordering Information
Device
Package
Shipping
Marking
DTD143TN3
SOT-23
(Pb-free)
3000 pcs / Tape & Reel
F03


Similar Part No. - DTBX4443XN3

ManufacturerPart #DatasheetDescription
logo
BOSER Technology Co., L...
DTB-R232 BOSER-DTB-R232 Datasheet
86Kb / 1P
   230W Redundant Power Supply
logo
ETA-USA
DTB-SX-W ETA-USA-DTB-SX-W Datasheet
2Mb / 2P
   42W >75% 115VAC at full load (DC Conversion)
logo
ON Semiconductor
DTB113E ONSEMI-DTB113E Datasheet
165Kb / 8P
   PNP SILICON BIAS RESISTOR TRANSISTOR
May, 2000 ??Rev. 0
logo
Rohm
DTB113E ROHM-DTB113E Datasheet
704Kb / 9P
   DIGITAL TRANSISTOR
DTB113EC ROHM-DTB113EC Datasheet
1Mb / 8P
   -500mA/-50V Digital transistor
More results

Similar Description - DTBX4443XN3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
DTD114EA3 CYSTEKEC-DTD114EA3_12 Datasheet
149Kb / 4P
   NPN Digital Transistors (Built-in Resistors)
DTD113ZN3 CYSTEKEC-DTD113ZN3_12 Datasheet
158Kb / 4P
   NPN Digital Transistors (Built-in Resistors)
DTC143ZN3 CYSTEKEC-DTC143ZN3_10 Datasheet
256Kb / 6P
   NPN Digital Transistors (Built-in Resistors)
DTC143EN3 CYSTEKEC-DTC143EN3_11 Datasheet
248Kb / 6P
   NPN Digital Transistors (Built-in Resistors)
DTD143TN3 CYSTEKEC-DTD143TN3_12 Datasheet
191Kb / 6P
   NPN Digital Transistors (Built-in Resistors)
DTC144EY3 CYSTEKEC-DTC144EY3_15 Datasheet
435Kb / 6P
   NPN Digital Transistors (Built-in Resistors)
DTC144EC3 CYSTEKEC-DTC144EC3_15 Datasheet
424Kb / 6P
   NPN Digital Transistors (Built-in Resistors)
logo
SeCoS Halbleitertechnol...
DTC143XE SECOS-DTC143XE Datasheet
200Kb / 2P
   NPN Digital Transistors (Built-in Resistors)
logo
Cystech Electonics Corp...
DTC144WS3 CYSTEKEC-DTC144WS3 Datasheet
155Kb / 4P
   NPN Digital Transistors (Built-in Resistors)
DTD143EN3 CYSTEKEC-DTD143EN3 Datasheet
154Kb / 4P
   NPN Digital Transistors (Built-in Resistors)
logo
SeCoS Halbleitertechnol...
DTC143XE SECOS-DTC143XE_12 Datasheet
156Kb / 2P
   NPN Digital Transistors(Built-in Resistors)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com