Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM9140-01QE Datasheet(PDF) 8 Page - California Micro Devices Corp

Part # CM9140-01QE
Description  Four Output Driver for White LEDs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM9140-01QE Datasheet(HTML) 8 Page - California Micro Devices Corp

Back Button CM9140-01QE Datasheet HTML 4Page - California Micro Devices Corp CM9140-01QE Datasheet HTML 5Page - California Micro Devices Corp CM9140-01QE Datasheet HTML 6Page - California Micro Devices Corp CM9140-01QE Datasheet HTML 7Page - California Micro Devices Corp CM9140-01QE Datasheet HTML 8Page - California Micro Devices Corp CM9140-01QE Datasheet HTML 9Page - California Micro Devices Corp CM9140-01QE Datasheet HTML 10Page - California Micro Devices Corp CM9140-01QE Datasheet HTML 11Page - California Micro Devices Corp CM9140-01QE Datasheet HTML 12Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
© 2006 California Micro Devices Corp. All rights reserved.
8
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
l
Tel: 408.263.3214
l
Fax: 408.263.7846
l
www.cmd.com
04/26/06
CM9140
PRELIMINARY
Many charge pumps are fixed 2x designs. The ideal 2x
charge pump efficiency can be similarly expressed;
In 1x mode, when the input voltage is above the output
voltage, the ideal efficiency is simply VOUT/VIN.
The typical conversion efficiency plots for these modes,
with some losses, are shown in Figure 2.
Figure 2. Ideal charge pump efficiency
As can be seen, the CM9140, with 1x and 1.5x modes,
has better efficiency in this application than a fixed 2x
charge pump. At low battery voltages, the higher effi-
ciency of the CM9140 charge pump’s 1,5x gain
reduces the battery drain. At higher input voltages, typ-
ically seen when the system is running off an AC
adapter, the CM9140, operating the 1x mode, has bet-
ter efficiency than single mode 1.5x or 2x charge
pumps, lowering the power dissipation for cooler circuit
operation and long life.
While the charge pump efficiency is easily determined,
the system efficiency is more difficult due to the current
source outputs, which complicate measuring the output
power. The forward voltage of the white LEDs will vary,
and the constant current sources will adjust to maintain
the current. When comparing systems, it is best to
compare the input current for a specified LED drive
current.
The 1x mode has better efficiency than the 1.5x mode.
Selecting LEDs with low forward voltage (VLED)
increases the time spent in the 1x mode as the battery
discharges, extending the operating time.
Failed LED Detection
If a LED is shorted, the CM9140 will continue to oper-
ate and drive the remaining LEDs at the programmed
current. If a LED opens, the other LEDs will still be reg-
ulated at the programmed current.
LED Current Set (ISET)
An external resistor programs a reference current, set-
ting the maximum driver current. This resistor must be
tied to a good analog ground. If it is pulled to ground
through a switch, for example, from the host controller
output, the voltage drop across that switch should not
exceed 10mV.
The voltage at the ISET pin is provided by a .66V band-
gap reference. The LED current is approximately
1000x the current set by the RSET resistor, according to
the following formula:
Logic Low is the voltage on device driving this pin to
ground. If the resistor is tied to ground directly, Logic
low = 0. For 20mA LED current, RSET33 k. When this
pin is driven high or open, the device will enter a sleep
mode with VOUT = 4.5V and, with no load,
IQUIESCENT500μA.
Analog Control of Display Intensity
Typically, portable devices control the backlight display
intensity in response to ambient light conditions, or
lower the intensity after a short standby interval to con-
verse battery charge. The luminous intensity of white
LEDs is proportional to the amount of forward current
through them, but the color wavelength emitted is also
dependent upon the forward current. In applications
where color shift is not critical, brightness can be con-
trolled by adjusting the diode’s current. A typical white
LED Intensity vs. forward current curve is shown in
Figure 3.
P
OUT
P
IN
-------------
3.9V
2.0
V
IN
×
-----------------------
30
45
60
75
90
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Input Voltage (V)
VLED=3.5V
2X
1X-1.5X
dual mode
1.5X
1X
R
SET
0.66V
LogicLow
()
I
LED
-----------------------------------------------------
1000
×
=
Application Information (cont’d)


Similar Part No. - CM9140-01QE

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM914 CML-CM914 Datasheet
223Kb / 1P
   T-5 Wedge Base
logo
Visual Communications C...
CM914 VCC-CM914 Datasheet
28Kb / 1P
   Wedge Base Lens End
logo
California Micro Device...
CM9142 CALMIRCO-CM9142 Datasheet
420Kb / 14P
   Two Group, 4 and 2, WLED Driver, Different Current Settings
CM9142-01QE CALMIRCO-CM9142-01QE Datasheet
420Kb / 14P
   Two Group, 4 and 2, WLED Driver, Different Current Settings
More results

Similar Description - CM9140-01QE

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM9130 CALMIRCO-CM9130 Datasheet
296Kb / 12P
   Three Output Driver for White LEDs
logo
Rohm
BD6079GWL ROHM-BD6079GWL Datasheet
747Kb / 41P
   White LEDs Driver
logo
Analog Devices
ADM8843 AD-ADM8843_15 Datasheet
284Kb / 16P
   Four White LED Backlight Driver
REV. C
ADD5207 AD-ADD5207 Datasheet
428Kb / 16P
   Four-String, White LED Driver
REV. A
ADD5205 AD-ADD5205 Datasheet
441Kb / 16P
   Four-String White LED Driver
REV. 0
ADD5211 AD-ADD5211 Datasheet
167Kb / 6P
   Four-String, White LED Driver for LCD Backlight Applications
Rev. PrA
ADD5207ACPZ AD-ADD5207ACPZ Datasheet
428Kb / 16P
   Four-String, White LED Driver for LCD Backlight Applications
REV. A
logo
National Semiconductor ...
LM3595 NSC-LM3595 Datasheet
233Kb / 11P
   The LM3595 is a parallel white-LED driver that is capable of driving four white LEDs.
logo
Global Mixed-mode Techn...
G5904 GMT-G5904 Datasheet
41Kb / 1P
   Four Channel High Efficiency White LED Driver
logo
Anpec Electronics Corop...
APW7071 ANPEC-APW7071_08 Datasheet
269Kb / 15P
   Step-Up Converter for 4 Series White LEDs Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com