Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM9133 Datasheet(PDF) 11 Page - California Micro Devices Corp

Part # CM9133
Description  Two Group, 3 and 3, WLED Driver, Different Current Settings
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM9133 Datasheet(HTML) 11 Page - California Micro Devices Corp

Back Button CM9133 Datasheet HTML 6Page - California Micro Devices Corp CM9133 Datasheet HTML 7Page - California Micro Devices Corp CM9133 Datasheet HTML 8Page - California Micro Devices Corp CM9133 Datasheet HTML 9Page - California Micro Devices Corp CM9133 Datasheet HTML 10Page - California Micro Devices Corp CM9133 Datasheet HTML 11Page - California Micro Devices Corp CM9133 Datasheet HTML 12Page - California Micro Devices Corp CM9133 Datasheet HTML 13Page - California Micro Devices Corp CM9133 Datasheet HTML 14Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
© 2006 California Micro Devices Corp. All rights reserved.
04/26/06
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
l
Tel: 408.263.3214
l
Fax: 408.263.7846
l
www.cmd.com
11
CM9133
PRELIMINARY
operate either at the full ISET current, or at zero cur-
rent. Only the time averaged current changes. Above a
minimum frequency, the human eye will perceive the
change in duty cycle as a change in brightness.
Figure 7. PWM applied to Group 2
The recommended frequency is between 100 Hz and
200 Hz, with a duty cycle greater than 20%. If a fre-
quency of less then 100 Hz is used, flicker might be
seen in the LEDs. The frequency should also be
greater than the refresh rate of the TFT display. Higher
frequencies will cause a loss of the brightness control
linearity. In addition, higher frequency can cause chro-
maticity shifts because the fixed rise and fall times of
the PWM signal will shift the forward current.
The PWM signal will cause the average LED current to
be reduced. The average current is determined by the
PWM duty cycle, which can vary from 0% to 100%.
Decreased Duty Cycle will linearly lower the LED
brightness, 0% Duty Cycle will turn off the display
LEDs.
Figure 8. PWM Signal Dimming
Figure 9. Separate PWM signals for each group
CM9133 Design Examples
Two-display cell phone
Typically, the mobile phone LCD displays (both STN
and mini-TFT) require three to four white LEDs for
backlighting, but as few as two of the newer high-
brightness LEDs can be used. Lightguides are used to
distribute the light uniformly behind the LCD. In this
application, four white LEDs are used for the larger
main display (inside the clamshell) and two for the sub-
display.
A typical application for the CM9133 is a two-display
clamshell phone, with an internal main display and an
external sub-display typically used for caller ID and
time of day, backlighting only when there is an incom-
ing call. When the clamshell is opened, the sub-display
backlight goes off and the main display backlight goes
on. See Figure 10.
The either display’s intensity can be lowered by a PWM
signal applied to RSET resistors for the host controller,
as determine by the ambient light conditions.
Figure 10. Clamshell Phone Application
Display
Group1
Display
Group2
LED4
VOUT
LED1
LED2
LED3
LED5
LED6
CM9133
VIN
VBATT
GND
R
SET1
ISET2
EN
ISET1
R
SET2
on
off
Enable
Group2
Group1
PWM
on
off
EN
ILED (4,5,6)
ILED (1,2,3)
VOUT
I
SET1
Low < 10 mV
Group2
I
SET2
LED4
CM9133
VOUT
LED1
VIN
LED2
LED3
LED5
V
BATT
Display
Group1
Display
Group2
GND
RSET1
ISET2
EN
ISET1
PWM
on
off
R
SET2
PWM
on
off
LED6
on
off
Enable
Main
Display
MENU
CM9133
VOUT
LED1
LED2
LED3
LED4
LED5
Sub
Display
Caller ID
Enable
Display 1
VIN
V
BATT
GND
R
SET1
ISET2
EN
ISET1
RSET2
Enable
on
off
on
off
LED6
PWM
on
off
Analog
or
Application Information (cont’d)


Similar Part No. - CM9133

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM9130 CALMIRCO-CM9130 Datasheet
296Kb / 12P
   Three Output Driver for White LEDs
CM9130-01QE CALMIRCO-CM9130-01QE Datasheet
296Kb / 12P
   Three Output Driver for White LEDs
CM9132 CALMIRCO-CM9132 Datasheet
632Kb / 14P
   Two Group, 3 and 2, WLED Driver, Different Current Settings
CM9132-01QE CALMIRCO-CM9132-01QE Datasheet
632Kb / 14P
   Two Group, 3 and 2, WLED Driver, Different Current Settings
More results

Similar Description - CM9133

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM9132 CALMIRCO-CM9132 Datasheet
632Kb / 14P
   Two Group, 3 and 2, WLED Driver, Different Current Settings
CM9142 CALMIRCO-CM9142 Datasheet
420Kb / 14P
   Two Group, 4 and 2, WLED Driver, Different Current Settings
logo
Texas Instruments
TPS61169 TI1-TPS61169 Datasheet
1Mb / 24P
[Old version datasheet]   High Current-Boost WLED Driver
logo
Power Analog Micoelectr...
PAM2841 PAM-PAM2841 Datasheet
736Kb / 14P
   1.5ASW Current, 40V Precision WLED Driver
logo
Taiwan Semiconductor Co...
TS19453 TSC-TS19453 Datasheet
108Kb / 7P
   AC/DC Programmable Current WLED Driver
logo
Shenzhen Huazhimei Semi...
HM2805B HMSEMI-HM2805B Datasheet
1Mb / 16P
   High efficiency constant current limit current WLED driver
logo
Texas Instruments
TPS65200 TI1-TPS65200_15 Datasheet
2Mb / 63P
[Old version datasheet]   Li Battery Charger With WLED Driver and Current Shunt Monitor
TPS65200 TI1-TPS65200 Datasheet
2Mb / 60P
[Old version datasheet]   LI BATTERY CHARGER WITH WLED DRIVER AND CURRENT SHUNT MONITOR
logo
Diodes Incorporated
PAM2841 DIODES-PAM2841 Datasheet
711Kb / 16P
   1.5A SW CURRENT, 40V PRECISION WLED DRIVER
PAM2841 DIODES-PAM2841_17 Datasheet
623Kb / 15P
   1.5A SW CURRENT, 40V PRECISION WLED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com