Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM9130-01QE Datasheet(PDF) 7 Page - California Micro Devices Corp

Part # CM9130-01QE
Description  Three Output Driver for White LEDs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM9130-01QE Datasheet(HTML) 7 Page - California Micro Devices Corp

Back Button CM9130-01QE Datasheet HTML 3Page - California Micro Devices Corp CM9130-01QE Datasheet HTML 4Page - California Micro Devices Corp CM9130-01QE Datasheet HTML 5Page - California Micro Devices Corp CM9130-01QE Datasheet HTML 6Page - California Micro Devices Corp CM9130-01QE Datasheet HTML 7Page - California Micro Devices Corp CM9130-01QE Datasheet HTML 8Page - California Micro Devices Corp CM9130-01QE Datasheet HTML 9Page - California Micro Devices Corp CM9130-01QE Datasheet HTML 10Page - California Micro Devices Corp CM9130-01QE Datasheet HTML 11Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
© 2006 California Micro Devices Corp. All rights reserved.
04/26/06
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
l
Tel: 408.263.3214
l
Fax: 408.263.7846
l
www.cmd.com
7
CM9130
PRELIMINARY
The 1.5x mode employs a fractional charge pump. The
charge pump uses two phases from the internal oscil-
lator to drive switches that are connected to the bucket
capacitors, C1 and C2, as shown in Figure 1 In the first
switch position, the bucket capacitors are connected in
series and each are charged from VIN to a voltage of
VIN/2. The next phase changes the switch positions so
that C1 and C2 are in parallel, and places them on top
of VIN. The resulting voltage across COUT is then
VIN+1/2VIN = 1.5 x VIN.
Figure 1. Switch Operation
The CM9130 has over-temperature and over-current
protection circuitry to limit device stress and failure dur-
ing short circuit conditions. An overcurrent condition
will limit the output current (approximately 400~600mA)
and will cause the output voltage to drop, until automat-
ically resetting after removal of the excessive current.
Over-temperature protection disables the IC when the
junction is about 135 °C, and automatically turns on the
IC when the junction temperature drops by approxi-
mately 15 °C.
Efficiency
A conventional charge pump with a fixed gain of 2x will
usually develop more voltage than is needed to drive
paralleled white LEDs from Li-Ion sources. This exces-
sive gain develops a higher internal voltage, reducing
system efficiency and increasing battery drain in porta-
ble devices. A fractional charge pump with a gain of
1.5x is better suited for driving white LEDs in these
applications.
The CM9130 charge pump automatically switches
between the two conversion gains, 1x and 1.5x, allow-
ing high efficiency levels over a wide operating input
voltage range. The 1x mode allows the voltage to pass
directly through to the output when sufficient input volt-
age is available. As the battery discharges to the point
where any one current source no longer has sufficient
voltage headroom to maintain a constant current regu-
lation, the 1.5x charge pump is enabled.
At nominal loads, the switching losses and quiescent
current are negligible. If these losses are ignored for
simplicity, the efficiency,
η, for an ideal 1.5x charge
pump can be expressed as the output power divided by
the input power:
For an ideal 1.5x charge pump, IIN 1.5 x IOUT, and the
efficiency may be expressed as;
Many charge pumps are fixed 2x designs. The ideal 2x
charge pump efficiency can be similarly expressed;
In 1x mode, when the input voltage is above the output
voltage, the ideal efficiency is simply VOUT/VIN.
Charge C1 and C2 to ½ VIN each
VIN
C1
C2
½ VIN
VOUT
½ VIN
Transfer ½ VIN charge to top of VIN
VIN
C1
C2
½ VIN
½ VIN
C
OUT
VOUT
COUT
η
P
LED
P
IN
-------------
=
IN
SINK
_
CURRENT
LED
IN
OUT
OUT
IN
OUT
OUT
IN
LED
SINK
_
CURRENT
LED
OUT
V
5
.
1
V
9
.
3
,
V
9
.
3
)
V
V
(
For
V
5
.
1
V
I
5
.
1
V
I
)
V
(
P
P
)
V
V
(
V
×
η
=
+
×
=
⎟⎟
⎜⎜
×
×
×
+
=
P
OUT
P
IN
-------------
3.9V
2.0
V
IN
×
-----------------------
Application Information (cont’d)


Similar Part No. - CM9130-01QE

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM9132 CALMIRCO-CM9132 Datasheet
632Kb / 14P
   Two Group, 3 and 2, WLED Driver, Different Current Settings
CM9132-01QE CALMIRCO-CM9132-01QE Datasheet
632Kb / 14P
   Two Group, 3 and 2, WLED Driver, Different Current Settings
CM9133 CALMIRCO-CM9133 Datasheet
382Kb / 14P
   Two Group, 3 and 3, WLED Driver, Different Current Settings
CM9133-01QE CALMIRCO-CM9133-01QE Datasheet
382Kb / 14P
   Two Group, 3 and 3, WLED Driver, Different Current Settings
More results

Similar Description - CM9130-01QE

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM9140 CALMIRCO-CM9140 Datasheet
311Kb / 12P
   Four Output Driver for White LEDs
logo
Rohm
BD6079GWL ROHM-BD6079GWL Datasheet
747Kb / 41P
   White LEDs Driver
logo
Anpec Electronics Corop...
APW7071 ANPEC-APW7071_08 Datasheet
269Kb / 15P
   Step-Up Converter for 4 Series White LEDs Driver
logo
Texas Instruments
LED171596A TI1-LED171596A Datasheet
1Mb / 153P
[Old version datasheet]   96-LED Matrix Driver for RGB and White LEDs
LM3697 TI1-LM3697 Datasheet
1Mb / 36P
[Old version datasheet]   High-Efficiency Three-String White LED Driver
LM3697 TI1-LM3697 Datasheet
1Mb / 36P
[Old version datasheet]   High-Efficiency Three-String White LED Driver
LM3697 TI1-LM3697_15 Datasheet
1Mb / 43P
[Old version datasheet]   High-Efficiency Three-String White LED Driver
logo
Asahi Kasei Microsystem...
AP2071 AKM-AP2071 Datasheet
1Mb / 31P
   High Current (8A) white LEDs driver for Flash with I2C
logo
Rohm
BD6581GU-E2 ROHM-BD6581GU-E2 Datasheet
788Kb / 35P
   6-Channel White LED Driver for up to 72 LEDs
logo
Asahi Kasei Microsystem...
AP2071AEN AKM-AP2071AEN Datasheet
1Mb / 31P
   High Current (8A) white LEDs driver for Flash with I2C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com